Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MALREKC00JK415H00F Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MALREKC00JK415H00F
Description  Aluminum Capacitors Radial Style
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALREKC00JK415H00F Datasheet(HTML) 6 Page - Vishay Siliconix

  MALREKC00JK415H00F Datasheet HTML 1Page - Vishay Siliconix MALREKC00JK415H00F Datasheet HTML 2Page - Vishay Siliconix MALREKC00JK415H00F Datasheet HTML 3Page - Vishay Siliconix MALREKC00JK415H00F Datasheet HTML 4Page - Vishay Siliconix MALREKC00JK415H00F Datasheet HTML 5Page - Vishay Siliconix MALREKC00JK415H00F Datasheet HTML 6Page - Vishay Siliconix MALREKC00JK415H00F Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
EKC
Vishay Roederstein
Aluminum Capacitors
Radial Style
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 25009
6
Revision: 05-Nov-08
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Current
Leakage current
(Test conditions: UR, 20 °C)
After 2 minutes at UR
IL2 ≤ 0.01 x CR x UR
or 3 µA
(whichever is greater)
Resistance
Equivalent series resistance
(ESR)
Calculated from tan
δ
max.
ESR = tan
δ/2 πf C
R
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY
(Hz)
IR MULTIPLIER
10 ~ 180 µF
220 ~ 560 µF
680 ~ 1800 µF
2200 ~ 3900 µF
4700 ~ 8200 µF
120
0.40
0.50
0.60
0.75
0.85
1000
0.75
0.85
0.87
0.90
0.95
10 000
0.90
0.94
0.95
0.95
0.98
100 000
1.00
1.00
1.00
1.00
1.00
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(QUICK REFERENCE)
REQUIREMENTS
Load life
Tamb = 105 °C
UR and IR applied
After 2000 hours Ø 5, Ø 6.3
After 3000 hours Ø 8
After 5000 hours Ø 10
After 7000 hours Ø 12.5
After 8000 hours Ø 16, Ø 18
Δ C/C: ± 20 % of initial value
IL ≤ spec. limit
tan
δ ≤ 2 x spec. limit
Shelf life
No voltage applied
After 1000 h
After test: UR to be applied for 30 minutes
24 to 48 hours before measurement
Δ C/C: ± 20 % of initial value
IL ≤ spec.limit
tan
δ ≤ 2 x spec. limit


Similar Part No. - MALREKC00JK415H00F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALREKC00AB282C00F VISHAY-MALREKC00AB282C00F Datasheet
113Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 10-Jul-12
MALREKC00BB318C00F VISHAY-MALREKC00BB318C00F Datasheet
113Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 10-Jul-12
MALREKC00BF322C00F VISHAY-MALREKC00BF322C00F Datasheet
113Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 10-Jul-12
MALREKC00DC339C00F VISHAY-MALREKC00DC339C00F Datasheet
113Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 10-Jul-12
MALREKC00DE410C00F VISHAY-MALREKC00DE410C00F Datasheet
113Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 10-Jul-12
More results

Similar Description - MALREKC00JK415H00F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EKF VISHAY-EKF Datasheet
89Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 13-Jun-08
EKV VISHAY-EKV Datasheet
94Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKV VISHAY-EKV_12 Datasheet
102Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKS VISHAY-EKS Datasheet
209Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 18-Aug-04
EKA VISHAY-EKA Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKB VISHAY-EKB_12 Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKO VISHAY-EKO Datasheet
305Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 30-Aug-05
EKX VISHAY-EKX Datasheet
100Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKE VISHAY-EKE Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 15-Jul-08
EKB VISHAY-EKB Datasheet
113Kb / 9P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com