Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MALREKS20AA122J00K Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MALREKS20AA122J00K
Description  Aluminum Capacitors Radial Style Non-Polar
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALREKS20AA122J00K Datasheet(HTML) 3 Page - Vishay Siliconix

  MALREKS20AA122J00K Datasheet HTML 1Page - Vishay Siliconix MALREKS20AA122J00K Datasheet HTML 2Page - Vishay Siliconix MALREKS20AA122J00K Datasheet HTML 3Page - Vishay Siliconix MALREKS20AA122J00K Datasheet HTML 4Page - Vishay Siliconix MALREKS20AA122J00K Datasheet HTML 5Page - Vishay Siliconix MALREKS20AA122J00K Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EKSU
Vishay Roederstein
Aluminum Capacitors
Radial Style Non-Polar
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 25011
334
Revision: 24-Jun-08
Note
Unless otherwise specified, all electrical values at Ta = 20 °C,
P = 80 to 120 kPa, RH = 45 to 75 %.
ORDERING EXAMPLE
EKSU 470 µF/25 V, ± 20 %, size: 16 x 25 mm
Leads: Long
Ordering code: MALREKS20JG347E00K
Leads: Short
Ordering code: MALREKS25...
For 5
≤ Ø D ≤ 8 mm
Leads: Bent open, shortened and formed
Ordering code: MALREKS29...
For 10
≤ Ø D ≤ 18 mm
Leads: Shortened and formed
Ordering code: MALREKS26 ...
ELECTRICAL DATA
SYMBOL
DESCRIPTION
UR
rated voltage
CR
rated capacitance at 120 Hz
tan
δ
max. dissipation factor at 120 Hz
RESR
max. equivalent series resistance at 120 Hz
IR
rated alternating current (rms) at 120 Hz and upper
category temperature
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
120 Hz
(µF)
DIMENSIONS
Ø D x L
(mm)
tan
δ
120 Hz
RESR
120 Hz
(
Ω)
IR
120 Hz/105 °C
(mA)
WEIGHT
(g)
CATALOG NUMBER
(Long Leads)
6.3
33
5 x 11
0.24
9.65
46
0.45
MALREKS20AA233B00K
68
6.3 x 11
0.24
4.68
76
0.46
MALREKS20BA268B00K
100
8 x 11.5
0.24
3.18
109
1.10
MALREKS20PB310B00K
150
10 x 12.5
0.24
2.12
155
1.90
MALREKS20DC315B00K
220
10 x 12.5
0.24
1.45
188
1.90
MALREKS20DC322B00K
330
10 x 16
0.24
0.965
252
2.20
MALREKS20DD333B00K
470
10 x 20
0.24
0.677
328
3.10
MALREKS20DE347B00K
680
12.5 x 20
0.24
0.468
464
4.00
MALREKS20FE368B00K
1000
12.5 x 25
0.24
0.318
613
4.40
MALREKS20FG410B00K
1500
16 x 25
0.26
0.230
800
6.80
MALREKS20JG415B00K
2200
16 x 35.5
0.28
0.169
1072
11.0
MALREKS20JL422B00K
3300
18 x 35.5
0.30
0.121
1361
12.3
MALREKS20KL433B00K
4700
18 x 40
0.32
0.090
1650
12.6
MALREKS20KK447B00K
10
22
5 x 11
0.20
12.1
41
0.45
MALREKS20AA222C00K
33
6.3 x 11
0.20
8.04
58
0.46
MALREKS20BA233C00K
47
6.3 x 11
0.20
5.64
69
0.46
MALREKS20BA247C00K
68
8 x 11.5
0.20
3.90
98
1.10
MALREKS20PB268C00K
100
10 x 12.5
0.20
2.65
139
1.90
MALREKS20DC310C00K
150
10 x 16
0.20
1.77
186
2.20
MALREKS20DD315C00K
220
10 x 20
0.20
1.21
246
3.10
MALREKS20DE322C00K
470
12.5 x 20
0.20
0.564
422
4.00
MALREKS20FE347C00K
680
12.5 x 25
0.20
0.390
554
4.40
MALREKS20FG368C00K
1000
16 x 25
0.20
0.265
745
6.80
MALREKS20JG410C00K
1500
16 x 35.5
0.22
0.195
999
11.0
MALREKS20JL415C00K
2200
18 x 35.5
0.24
0.145
1242
12.3
MALREKS20KL422C00K
3300
18 x 40
0.26
0.104
1534
12.6
MALREKS20KK433C00K
16
15
5 x 11
0.16
14.1
38
0.45
MALREKS20AA215D00K
22
6.3 x 11
0.16
9.65
53
0.46
MALREKS20BA222D00K
47
8 x 11.5
0.16
4.52
92
1.10
MALREKS20PB247D00K
68
10 x 12.5
0.16
3.12
128
1.90
MALREKS20DC268D00K
100
10 x 16
0.16
2.12
170
2.20
MALREKS20DD310D00K
150
10 x 20
0.16
1.41
227
3.10
MALREKS20DE315D00K
330
12.5 x 20
0.16
0.643
396
4.00
MALREKS20FE333D00K
470
12.5 x 25
0.16
0.452
515
4.40
MALREKS20FG347D00K
680
16 x 25
0.16
0.312
687
6.80
MALREKS20JG368D00K
1000
16 x 35.5
0.16
0.212
956
11.0
MALREKS20JL410D00K
1500
18 x 35.5
0.18
0.159
1184
12.3
MALREKS20KL415D00K
2200
18 x 40
0.20
0.121
1428
12.6
MALREKS20KK422D00K


Similar Part No. - MALREKS20AA122J00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALREKA00AA110J00K VISHAY-MALREKA00AA110J00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
MALREKA00AA110L00K VISHAY-MALREKA00AA110L00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
MALREKA00AA115J00K VISHAY-MALREKA00AA115J00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
MALREKA00AA115L00K VISHAY-MALREKA00AA115L00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
MALREKA00AA122J00K VISHAY-MALREKA00AA122J00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
More results

Similar Description - MALREKS20AA122J00K

ManufacturerPart #DatasheetDescription
logo
RFE international
RN010M2ABK050110 RFE-RN010M2ABK050110 Datasheet
100Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS RNG Series: Radial Non-Polar
RN010M2ABK063110 RFE-RN010M2ABK063110 Datasheet
101Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS RN Series: Radial Non-Polar
logo
Illinois Capacitor, Inc...
474BPS050M ILLINOISCAPACITOR-474BPS050M Datasheet
114Kb / 3P
   85째C Non-Polar Radial Lead Aluminum Electrolytic Capacitors
474BPS050M ILLINOISCAPACITOR-474BPS050M_13 Datasheet
246Kb / 2P
   85C Non-polar Radial Lead Aluminum Electrolytic Capacitors
logo
Cornell Dubilier Electr...
SN330M6R3ST CDE-SN330M6R3ST_14 Datasheet
543Kb / 4P
   Radial Leaded Non-Polar Aluminum Electrolytic
logo
RFE international
SN010M1HBK040070 RFE-SN010M1HBK040070 Datasheet
87Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS SN Series: Radial Non-Polar, Miniature
logo
NIC-Components Corp.
NRESN NIC-NRESN_14 Datasheet
87Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
NSRN NIC-NSRN Datasheet
136Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NNR NIC-NNR Datasheet
169Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NRE-SN NIC-NRE-SN Datasheet
210Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com