Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTP19100CZ Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXTP19100CZ
Description  100V PNP medium power transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXTP19100CZ Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXTP19100CZ Datasheet HTML 1Page - Zetex Semiconductors ZXTP19100CZ Datasheet HTML 2Page - Zetex Semiconductors ZXTP19100CZ Datasheet HTML 3Page - Zetex Semiconductors ZXTP19100CZ Datasheet HTML 4Page - Zetex Semiconductors ZXTP19100CZ Datasheet HTML 5Page - Zetex Semiconductors ZXTP19100CZ Datasheet HTML 6Page - Zetex Semiconductors ZXTP19100CZ Datasheet HTML 7Page - Zetex Semiconductors ZXTP19100CZ Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ZXTP19100CZ
Issue 1- February 2008
2
www.zetex.com
© Zetex Semiconductors plc 2008
Absolute maximum ratings
Thermal resistance
NOTES:
(a) For a device surface mounted on 15mm x 15mm x 0.6mm FR4 PCB with high coverage of single sided 1oz copper, in
still air conditions.
(b) Mounted on 25mm x 25mm x 0.6mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions.
(c) Mounted on 50mm x 50mm x 0.6mm FR4 PCB with high coverage of single sided 2oz copper, in still air conditions.
(d) As (c) above measured at t<5 seconds.
(e) Junction to case (collector tab).Typical
Parameter
Symbol
Limit
Unit
Collector-Base voltage
VCBO
-110
V
Collector-Emitter voltage (forward blocking)
VCEX
-110
V
Collector-Emitter voltage
VCEO
-100
V
Emitter-Collector voltage (reverse blocking)
VECO
-7
V
Emitter-Base voltage
VEBO
-7
V
Continuous Collector current(c)
IC
-2
A
Base current
IB
-1
A
Peak pulse current
ICM
-3
A
Power dissipation at TA =25°C(a)
Linear derating factor
PD
1.1
8.8
W
mW/
°C
Power dissipation at TA =25°C(b)
Linear derating factor
PD
1.8
14.4
W
mW/
°C
Power dissipation at TA =25°C(c)
Linear derating factor
PD
2.4
19.2
W
mW/
°C
Power dissipation at TA =25°C(d)
Linear derating factor
PD
4.46
35.7
W
mW/
°C
Power dissipation at TC =25°C(e)
Linear derating factor
PD
26.3
213
W
mW/
°C
Operating and storage temperature range
Tj, Tstg
-55 to 150
°C
Parameter
Symbol
Limit
Unit
Junction to ambient(a)
R JA
117
°C/W
Junction to ambient(b)
R JA
68
°C/W
Junction to ambient(c)
R JA
51
°C/W
Junction to ambient(d)
R JA
28
°C/W
Junction to case(e)
R JC
4.5
°C/W


Similar Part No. - ZXTP19100CZ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP19100CZ DIODES-ZXTP19100CZ Datasheet
429Kb / 8P
   100V PNP medium power transistor in SOT89
ZXTP19100CZQTA DIODES-ZXTP19100CZQTA Datasheet
429Kb / 8P
   100V PNP medium power transistor in SOT89
ZXTP19100CZTA DIODES-ZXTP19100CZTA Datasheet
429Kb / 8P
   100V PNP medium power transistor in SOT89
ZXTP19100CZ DIODES-ZXTP19100CZ_15 Datasheet
464Kb / 8P
   100V PNP MEDIUM POWER TRANSISTOR IN SOT89
More results

Similar Description - ZXTP19100CZ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP25100BFH DIODES-ZXTP25100BFH_18 Datasheet
951Kb / 7P
   100V PNP MEDIUM POWER TRANSISTOR
ZXTP25100CZ DIODES-ZXTP25100CZ_16 Datasheet
415Kb / 8P
   100V PNP MEDIUM POWER TRANSISTOR
FZT953 DIODES-FZT953_17 Datasheet
533Kb / 7P
   100V PNP MEDIUM POWER TRANSISTOR
ZXTP19100CG DIODES-ZXTP19100CG_15 Datasheet
510Kb / 7P
   100V PNP MEDIUM POWER TRANSISTOR
logo
Zetex Semiconductors
ZXTP25100CZ ZETEX-ZXTP25100CZ Datasheet
398Kb / 8P
   100V PNP medium power transistor
logo
Diodes Incorporated
ZXTP25100CFH DIODES-ZXTP25100CFH Datasheet
462Kb / 8P
   100V, SOT23, PNP medium power transistor
ZXTP2029F DIODES-ZXTP2029F Datasheet
439Kb / 8P
   100V, SOT23, PNP medium power transistor
ZXTP19100CFF DIODES-ZXTP19100CFF Datasheet
444Kb / 8P
   100V, SOT23F, PNP medium power transistor
logo
Zetex Semiconductors
ZXTP25100CFH ZETEX-ZXTP25100CFH Datasheet
450Kb / 8P
   100V, SOT23, PNP medium power transistor
ZXTP19100CG ZETEX-ZXTP19100CG Datasheet
209Kb / 8P
   100V PNP medium transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com