Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL55NH3LL Datasheet(PDF) 3 Page - STMicroelectronics

Part # STL55NH3LL
Description  N-channel 30 V, 0.0079 廓, 15 A, PowerFLAT??(6x5) ultra low gate charge STripFET??Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL55NH3LL Datasheet(HTML) 3 Page - STMicroelectronics

  STL55NH3LL Datasheet HTML 1Page - STMicroelectronics STL55NH3LL Datasheet HTML 2Page - STMicroelectronics STL55NH3LL Datasheet HTML 3Page - STMicroelectronics STL55NH3LL Datasheet HTML 4Page - STMicroelectronics STL55NH3LL Datasheet HTML 5Page - STMicroelectronics STL55NH3LL Datasheet HTML 6Page - STMicroelectronics STL55NH3LL Datasheet HTML 7Page - STMicroelectronics STL55NH3LL Datasheet HTML 8Page - STMicroelectronics STL55NH3LL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STL55NH3LL
Electrical ratings
3/14
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
30
V
VGS
(1)
1.
Continuous mode
Gate-source voltage
± 16
V
VGS
(2)
2.
Guaranteed for test time
≤ 15 ms
Gate-source voltage
± 18
V
ID
(3)
3.
The value is rated according Rthj-c
Drain current (continuous) at TC = 25 °C
55
A
ID
(3)
Drain current (continuous) at TC=100 °C
36
A
IDM
(4)
4.
Pulse width limited by safe operating area
Drain current (pulsed)
60
A
ID
(5)
5.
The value is rated according Rthj-pcb
Drain current (continuous) at TC = 25 °C
15
A
ID
(5)
Drain current (continuous) at TC=100 °C
9.4
A
PTOT
(5)
Total dissipation at TC = 25 °C
4
W
PTOT
(3)
Total dissipation at TC = 25 °C
60
W
Derating factor
0.03
W/°C
TJ
Tstg
Operating junction temperature
Storage temperature
-55 to 150
°C
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case (drain)
2.08
°C/W
Rthj-pcb
(1)
1.
When mounted on FR-4 board of 1inch², 2oz Cu, t < 10 sec
Thermal resistance junction-ambient
31.3
°C/W
Table 4.
Avalanche data
Symbol
Parameter
Value
Unit
IAV
Not-repetitive avalanche current
(pulse width limited by Tj Max)
7.5
A
EAS
Single pulse avalanche energy
(starting Tj = 25 °C, ID=IAV, VDD = 24 V, L=6 mH)
150
mJ


Similar Part No. - STL55NH3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL50DN6F7 STMICROELECTRONICS-STL50DN6F7 Datasheet
877Kb / 15P
   High avalanche ruggedness
STL50N6F7 STMICROELECTRONICS-STL50N6F7 Datasheet
866Kb / 14P
   N-channel 60 V, 9 mΩ typ., 60 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
November 2015
STL50NH3LL STMICROELECTRONICS-STL50NH3LL Datasheet
332Kb / 12P
   N-channel 30V - 0.011 - 13A - PowerFLAT (6x5) Ultra low gate charge STripFET Power MOSFET
STL50NH3LL STMICROELECTRONICS-STL50NH3LL Datasheet
351Kb / 12P
   N-channel 30V - 0.011ohm - 13A - PowerFLAT (6x5) Ultra low gate charge STripFET Power MOSFET
STL50NH3LL STMICROELECTRONICS-STL50NH3LL Datasheet
353Kb / 12P
   N-channel 30 V - 0.011 廓 - 13 A - PowerFLAT??(6x5) ultra low gate charge STripFET??Power MOSFET
More results

Similar Description - STL55NH3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL60NH3LL STMICROELECTRONICS-STL60NH3LL_07 Datasheet
359Kb / 13P
   N-channel 30 V - 0.0065 廓 - 30 A - PowerFLAT??(6x5) ultra low gate charge STripFET??Power MOSFET
STL75NH3LL STMICROELECTRONICS-STL75NH3LL Datasheet
348Kb / 12P
   N-channel 30 V, 0.004 廓, 20 A, PowerFLAT??(6x5) ultra low gate charge STripFET??Power MOSFET
STL50NH3LL STMICROELECTRONICS-STL50NH3LL_07 Datasheet
353Kb / 12P
   N-channel 30 V - 0.011 廓 - 13 A - PowerFLAT??(6x5) ultra low gate charge STripFET??Power MOSFET
STL150N3LLH5 STMICROELECTRONICS-STL150N3LLH5_08 Datasheet
513Kb / 12P
   N-channel 30 V, 0.0014 廓, 35 A - PowerFLAT??(6x5) STripFET??V Power MOSFET
STL65N3LLH5 STMICROELECTRONICS-STL65N3LLH5 Datasheet
496Kb / 12P
   N-channel 30 V, 0.0048 廓, 19 A - PowerFLAT??(6x5) STripFET??V Power MOSFET
STL150N3LLH5 STMICROELECTRONICS-STL150N3LLH5_09 Datasheet
528Kb / 12P
   N-channel 30 V, 0.0014 廓, 35 A, PowerFLAT??(6x5) STripFET??V Power MOSFET
STL50NH3LL STMICROELECTRONICS-STL50NH3LL Datasheet
332Kb / 12P
   N-channel 30V - 0.011 - 13A - PowerFLAT (6x5) Ultra low gate charge STripFET Power MOSFET
STL150N3LLH5 STMICROELECTRONICS-STL150N3LLH5 Datasheet
502Kb / 12P
   N-channel 30 V - 0.0014 廓 - 35 A - PowerFLAT??(6x5) STripFET??V Power MOSFET
STL50NH3LL_0609 STMICROELECTRONICS-STL50NH3LL_0609 Datasheet
351Kb / 12P
   N-channel 30V - 0.011ohm - 13A - PowerFLAT (6x5) Ultra low gate charge STripFET Power MOSFET
STL60NH3LL_0609 STMICROELECTRONICS-STL60NH3LL_0609 Datasheet
355Kb / 13P
   N-channel 30V - 0.0065ohm - 30A - PowerFLAT (6x5) Ultra low gate charge STripFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com