Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV431 Datasheet(PDF) 10 Page - Zetex Semiconductors

Part # TLV431
Description  1.24V Cost effective shunt regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

TLV431 Datasheet(HTML) 10 Page - Zetex Semiconductors

Back Button TLV431 Datasheet HTML 6Page - Zetex Semiconductors TLV431 Datasheet HTML 7Page - Zetex Semiconductors TLV431 Datasheet HTML 8Page - Zetex Semiconductors TLV431 Datasheet HTML 9Page - Zetex Semiconductors TLV431 Datasheet HTML 10Page - Zetex Semiconductors TLV431 Datasheet HTML 11Page - Zetex Semiconductors TLV431 Datasheet HTML 12Page - Zetex Semiconductors TLV431 Datasheet HTML 13Page - Zetex Semiconductors TLV431 Datasheet HTML 14Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
TLV431
Issue 1 - June 2008
10
www.zetex.com
© Zetex Semiconductors plc 2008
Figure 4. Basic series regulator
A very effective and simple series regulator can be implemented as shown in Figure 4 above. This
may be preferable if the load requires more current than can be provided by the TLV431 alone and
there is a need to conserve power when the load is not being powered. This circuit also uses one
component less than the shunt circuit shown in Figure 2 above.
Figure 5. Series regulator with current limit
Figure 5 adds current limit to the series regulator in Figure 4 using a second TLV431. For currents
below the limit, the circuit works normally supplying the required load current at the design
voltage. However should attempts be made to exceed the design current set by the second
TLV431, the device begins to shunt current away from the base of Q1. This begins to reduce the
output voltage and thus ensuring that the output current is clamped at the design value. Subject
only to Q1's ability to withstand the resulting power dissipation, the circuit can withstand either
a brief or indefinite short circuit.
R3
0.1µF
C1
GND
V
IN
V
OUT
R1
R2
TLV431
Q1
ZXTN25020CFH
I
K
I
OUT
V
REF
I
B
⎛ +
=
2
1
1
R
R
V
V
REF
OUT
K
B
BE
OUT
IN
I
I
)
V
V
(
V
3
R
+
+
=
mA
15
I
h
I
B
(min)
FE
(max)
OUT
<
R3
0.1µF
C1
GND
V
IN
V
OUT
R1
R2
TLV431
Q1
ZXTN25020CFH
TLV431
Rs
VREF
VREF
IOUT
I B
⎛ +
=
2
1
1
R
R
V
V
REF
OUT
K
B
BE
OUT
IN
I
I
)
V
V
(
V
3
R
+
+
=
mA
I
h
I
B
FE
OUT
15
(min)
(max)
<
(max)
OUT
REF
S
I
V
R
=


Similar Part No. - TLV431

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV431 TI-TLV431 Datasheet
232Kb / 34P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431 TI-TLV431 Datasheet
787Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431 TI-TLV431 Datasheet
985Kb / 36P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
TLV431 TI-TLV431 Datasheet
1,013Kb / 38P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
TLV431 TI-TLV431 Datasheet
1,015Kb / 39P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
More results

Similar Description - TLV431

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZTLV431 ZETEX-ZTLV431 Datasheet
199Kb / 8P
   1.24V Cost effective shunt regulator
logo
Diodes Incorporated
ZTLV431 DIODES-ZTLV431 Datasheet
296Kb / 8P
   1.24V Cost effective shunt regulator
TLV431 DIODES-TLV431 Datasheet
895Kb / 14P
   1.24V COST EFFECTIVE SHUNT REGULATOR
logo
Zetex Semiconductors
ZTLV431 ZETEX-ZTLV431_07 Datasheet
224Kb / 8P
   1.24V Cost effective shunt regulator
logo
Diodes Incorporated
ZTL431 DIODES-ZTL431_17 Datasheet
445Kb / 12P
   COST EFFECTIVE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Zetex Semiconductors
ZTL431 ZETEX-ZTL431 Datasheet
422Kb / 12P
   Cost effective adjustable precision shunt regulator
ZTL431 ZETEX-ZTL431_08 Datasheet
433Kb / 12P
   Cost effective adjustable precision shunt regulator
logo
Diodes Incorporated
ZTL431 DIODES-ZTL431 Datasheet
170Kb / 9P
   COST EFFECTIVE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
List of Unclassifed Man...
B431L ETC1-B431L Datasheet
292Kb / 8P
   1.24V Adjustable Shunt Regulator
logo
Diodes Incorporated
TLV431Q DIODES-TLV431Q_18 Datasheet
1Mb / 14P
   AUTOMOTIVE-COMPLIANT 1.24V SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com