Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV431AE5TA Datasheet(PDF) 11 Page - Zetex Semiconductors

Part # TLV431AE5TA
Description  1.24V Cost effective shunt regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

TLV431AE5TA Datasheet(HTML) 11 Page - Zetex Semiconductors

Back Button TLV431AE5TA Datasheet HTML 7Page - Zetex Semiconductors TLV431AE5TA Datasheet HTML 8Page - Zetex Semiconductors TLV431AE5TA Datasheet HTML 9Page - Zetex Semiconductors TLV431AE5TA Datasheet HTML 10Page - Zetex Semiconductors TLV431AE5TA Datasheet HTML 11Page - Zetex Semiconductors TLV431AE5TA Datasheet HTML 12Page - Zetex Semiconductors TLV431AE5TA Datasheet HTML 13Page - Zetex Semiconductors TLV431AE5TA Datasheet HTML 14Page - Zetex Semiconductors TLV431AE5TA Datasheet HTML 15Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
TLV431
Issue 1 - June 2008
11
www.zetex.com
© Zetex Semiconductors plc 2008
Figure 6. Increasing output voltage of a fixed linear regulator
One of the useful applications of the TLV431 is in using it to improve the accuracy and/or extend
the range and flexibility of fixed voltage regulators. In the circuit in Figure 6 above, both the
output voltage and its accuracy are entirely determined by the TLV431, R1 and R2. However the
rest of the features of the regulator (up to 5A output current, output current limiting and thermal
shutdown) are all still available.
Figure 7. Adjustable linear voltage regulator
Figure 7 is similar to Figure 6 with adjustability added. Note the addition of R3. This is only
required for the AP1117 due to the fact that its ground or adjustment pin can only supply a few
micro-Amps of current at best. R3 is therefore needed to provide sufficient bias current for the
TLV431.
(All features of the regulator such
as short circuit protection,
thermal shutdown, etc, are
maintained.)
(All features of the regulator such as short
circuit protection, thermal shutdown, etc,
are maintained.)
GND
V
IN
V
OUT
AP1084
Volt Reg
GND
R2
TLV431
R1
V
IN
V
OUT
0.1µF
C1
V
REF
VREG
⎛ +
=
2
1
1
R
R
V
V
REF
OUT
)
(
REF
REG
OUT
V
V
V
+
GND
Vin
Vout
VR1
AP1117
GND
R2
TLV431
V
IN
V
OUT
0.1µF
C1
R3
R1
V
REF
1.2V
I
B
⎛ +
=
2
1
1
R
R
V
V
REF
OUT
)
(
REF
REG
OUT
V
V
V
+
B
REG
OUT
IN
I
V
V
V
R
)
(
3
=
mA
I
mA
B
15
1
.
0


Similar Part No. - TLV431AE5TA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV431A TI-TLV431A Datasheet
232Kb / 34P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
ON Semiconductor
TLV431A ONSEMI-TLV431A Datasheet
187Kb / 14P
   Low Voltage Precision Adjustable Shunt Regulator
January, 2005 ??Rev. 7
logo
Texas Instruments
TLV431A TI-TLV431A Datasheet
787Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431A TI-TLV431A Datasheet
985Kb / 36P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
TLV431A TI-TLV431A Datasheet
1,013Kb / 38P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
More results

Similar Description - TLV431AE5TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZTLV431 ZETEX-ZTLV431 Datasheet
199Kb / 8P
   1.24V Cost effective shunt regulator
logo
Diodes Incorporated
ZTLV431 DIODES-ZTLV431 Datasheet
296Kb / 8P
   1.24V Cost effective shunt regulator
TLV431 DIODES-TLV431 Datasheet
895Kb / 14P
   1.24V COST EFFECTIVE SHUNT REGULATOR
logo
Zetex Semiconductors
ZTLV431 ZETEX-ZTLV431_07 Datasheet
224Kb / 8P
   1.24V Cost effective shunt regulator
logo
Diodes Incorporated
ZTL431 DIODES-ZTL431_17 Datasheet
445Kb / 12P
   COST EFFECTIVE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Zetex Semiconductors
ZTL431 ZETEX-ZTL431 Datasheet
422Kb / 12P
   Cost effective adjustable precision shunt regulator
ZTL431 ZETEX-ZTL431_08 Datasheet
433Kb / 12P
   Cost effective adjustable precision shunt regulator
logo
Diodes Incorporated
ZTL431 DIODES-ZTL431 Datasheet
170Kb / 9P
   COST EFFECTIVE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
List of Unclassifed Man...
B431L ETC1-B431L Datasheet
292Kb / 8P
   1.24V Adjustable Shunt Regulator
logo
Diodes Incorporated
TLV431Q DIODES-TLV431Q_18 Datasheet
1Mb / 14P
   AUTOMOTIVE-COMPLIANT 1.24V SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com