Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EB71DBC22SGFXA Datasheet(PDF) 1 Page - Vishay Siliconix

Part # EB71DBC22SGFXA
Description  Edgeboard Connectors, Dual Readout
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EB71DBC22SGFXA Datasheet(HTML) 1 Page - Vishay Siliconix

  EB71DBC22SGFXA Datasheet HTML 1Page - Vishay Siliconix EB71DBC22SGFXA Datasheet HTML 2Page - Vishay Siliconix EB71DBC22SGFXA Datasheet HTML 3Page - Vishay Siliconix EB71DBC22SGFXA Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.vishay.com
8
EB7D
Vishay Dale
Document Number 36003
Revision 14-Aug-02
For technical questions, contact Connectors@vishay.com
Edgeboard Connectors, Dual Readout
FEATURES
• 0.156" C-C x 0.140" grid [3.96mm x 3.56mm].
• Bifurcated bellows contacts provide 2 flexing contact
surfaces to assure positive contact under adverse conditions
such as vibration or PC board irregularities.
• Accepts PC board thickness of 0.054" - 0.071"
[1.37mm -1.80mm].
• Polarization between contact positions in all sizes.
Between contact polarization permits polarizing without loss
of a contact position.
• Selective gold plating.
• Polarizing key is reinforced nylon, may be inserted by hand,
requires no adhesive.
• Protected entry, provided by recessed leading edge of
contact, permits the card slot to straighten and align the
board before electrical contact is made. Prevents damage
to contact which might be caused by warped or out of
tolerance boards.
• Recognized under the Component Program of
Underwriters Laboratories, Inc. Listed under File
E65524, Project 77CH3889.
ELECTRICAL SPECIFICATIONS
Current Rating: 5 amps.
Test Voltage Between Contacts:
At sea level: 1800VRMS.
At 70,000 feet [21,336 meters]: 450VRMS.
Insulation Resistance: 5000 Megohm minimum at 500VDC
potential.
Contact Resistance: 30 millivolts maximum at rated current
(with gold plating).
Operating Temperature: - 55
°C to + 125°C.
Humidity: 96 hours at 90% relative humidity at + 40
°C, dried
at room temperature for 3 hours minimum, insulation
resistance 5000 Megohm.
Durability: (With gold plating.) After 500 cycles of insertion
and withdrawal of 0.070" [1.78mm] thick steel test gauge,
contact resistance less than 0.030V at 5 amps and individual
contact retention force when measured with a 0.054" [1.37mm]
thick steel test slug greater than 1/2 ounce.
Shock: Three 50g shocks in each of 3 mutually perpendicular
planes with no loss of continuity.
Vibration: 2 hours in each of 3 mutually perpendicular planes,
frequency sweep 10 to 55cps at 0.06 double amplitude with
no loss of continuity.
APPLICATIONS
For use with 0.062" [1.57mm] printed circuit boards requiring
an edgeboard type connector on 0.156" [3.96mm] centers.
ORDERING INFORMATION
EB7
MODEL
Optional Body
Material
1 = Diallyl Phthalate.
3 = Glass-filled
Polyester.
5 = Glass-filled
Polyphenylene
Sulfied.
Omit for
standard
phenolic.
A, E,
C or K
1
BODY
MATERIAL
D
DUAL
READOUT
B
OPTIONAL
CONTACTS
A
STANDARD
TERMINAL
VARIATIONS
22
CONTACTS
SG
CONTACT
PLATING
X
MOUNTING
VARIATIONS
Key(s) are
located to right
of position(s)
designated.
Required only
when polarizing
keys are to be
factory installed.
A
POLARIZING
KEY
POSITIONS
6, 10, 12,
15, 18, 22,
36 or 43
SG = Selective Gold
Plating (0.00003"
[0.000762mm] minimum
thick) on contact area with
Gold Flash on terminal.
SGF = Selective Gold
Plating (0.00001"
[0.000254mm] minimum
thick) on contact area with
Gold Flash on terminal.
All Gold Plating over
0.00005" [0.00127mm]
minimum, Nickel
Underplate.
Contact factory for
additional plating options.
Beryllium Copper
contacts optional.
Available in “A” and
“E” contact styles
only. (Omit for
standard.)
PHYSICAL SPECIFICATIONS
Contact Type: Bifurcated bellows.
Number of Contacts: 6, 10, 12, 15, 18, 22, 36, 43 per side.
Contact Spacing: 0.156" [3.96mm] center to center.
Card Thickness: 0.054" to 0.071" [1.37mm to 1.80mm].
Card Slot Depth: Dual Readout = 0.260" [6.60mm].
MATERIAL SPECIFICATIONS
Body: (Standard) Glass-filled phenolic per MIL-M-14, dark
green, flame retardant (UL 94V-0). (Optional - See Ordering
Information):
“1” glass-filled diallyl phthalate per MIL-M-14, Type SDG-F
green, flame retardant (UL 94V-0).
“3” thermoplastic polyester, glass-filled, black, flame retardant
(UL 94V-0).
“5” thermoplastic polyphenylene sulfied, glass filled, brown,
flame retardant (UL 94V-0).
Contacts: Phosphor bronze.
Polarizing Key: Glass reinforced nylon, flame retardant (UL 94H-B).
Contact Plating: Gold (See Ordering Information).
NOTE: High temperature burn-in, edgeboard connectors,
0.156" [3.96mm] center to center are on page 20 of this catalog.


Similar Part No. - EB71DBC22SGFXA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EB71DBC22SGXA VISHAY-EB71DBC22SGXA Datasheet
138Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision: 16-Feb-09
More results

Similar Description - EB71DBC22SGFXA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EB8 VISHAY-EB8 Datasheet
156Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision 14-Aug-02
EB8 VISHAY-EB8_09 Datasheet
124Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision: 16-Feb-09
EB7D VISHAY-EB7D_09 Datasheet
138Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision: 16-Feb-09
EB7S VISHAY-EB7S Datasheet
145Kb / 3P
   Edgeboard Connectors, Single Readout
Revision 14-Aug-02
EB7S VISHAY-EB7S_08 Datasheet
162Kb / 4P
   Edgeboard Connectors, Single Readout
Revision 14-Aug-02
EB7S VISHAY-EB7S_09 Datasheet
127Kb / 4P
   Edgeboard Connectors, Single Readout
Revision: 16-Feb-09
EB4678 VISHAY-EB4678 Datasheet
202Kb / 8P
   Edgeboard Connectors 200°C Burn-In Connectors, Dual Readout
Revision 14-Aug-02
EB6 VISHAY-EB6_V01 Datasheet
194Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.125" (3.17 mm) C-C, Standard and Right Angle Terminals
01-Jan-2022
EB6 VISHAY-EB6 Datasheet
148Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.125" [3.17mm] C-C, Standard and Right Angle Terminals
Revision 14-Aug-02
EB4 VISHAY-EB4 Datasheet
158Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.100" [2.54mm] C-C, Standard and Right Angle Terminals
Revision 14-Aug-02
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com