Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MALREKS20AA047L00K Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MALREKS20AA047L00K
Description  Aluminum Capacitors Radial Style Non-Polar
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALREKS20AA047L00K Datasheet(HTML) 4 Page - Vishay Siliconix

  MALREKS20AA047L00K Datasheet HTML 1Page - Vishay Siliconix MALREKS20AA047L00K Datasheet HTML 2Page - Vishay Siliconix MALREKS20AA047L00K Datasheet HTML 3Page - Vishay Siliconix MALREKS20AA047L00K Datasheet HTML 4Page - Vishay Siliconix MALREKS20AA047L00K Datasheet HTML 5Page - Vishay Siliconix MALREKS20AA047L00K Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Document Number: 25011
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 24-Jun-08
335
EKSU
Aluminum Capacitors
Radial Style Non-Polar
Vishay Roederstein
25
15
6.3 x 11
0.16
14.1
44
0.46
MALREKS20BA215E00K
33
8 x 11.5
0.16
6.43
77
1.10
MALREKS20PB233E00K
68
10 x 16
0.16
3.12
140
2.20
MALREKS20DD268E00K
220
12.5 x 20
0.16
0.965
323
4.00
MALREKS20FE322E00K
330
12.5 x 25
0.16
0.643
431
4.40
MALREKS20FG333E00K
470
16 x 25
0.16
0.452
571
6.80
MALREKS20JG347E00K
680
16 x 35.5
0.16
0.312
788
11.0
MALREKS20JL368E00K
1000
18 x 35.5
0.16
0.212
1026
12.3
MALREKS20KL410E00K
1500
18 x 40
0.18
0.159
1243
12.6
MALREKS20KK415E00K
35
6.8
5 x 11
0.14
27.3
27
0.45
MALREKS20AA168F00K
22
8 x 11.5
0.14
8.44
67
1.10
MALREKS20PB222F00K
33
10 x 12.5
0.14
5.63
95
1.90
MALREKS20DC233F00K
47
10 x 16
0.14
3.95
125
2.20
MALREKS20DD247F00K
100
10 x 20
0.14
1.86
198
3.10
MALREKS20DE310F00K
150
12.5 x 20
0.14
1.24
285
4.00
MALREKS20FE315F00K
220
12.5 x 25
0.14
0.844
376
4.40
MALREKS20FG322F00K
330
16 x 25
0.14
0.563
511
6.80
MALREKS20JG333F00K
470
16 x 35.5
0.14
0.395
701
11.0
MALREKS20JL347F00K
680
18 x 35.5
0.14
0.273
904
12.3
MALREKS20KL368F00K
1000
18 x 40
0.14
0.186
1151
12.6
MALREKS20KK410F00K
50
10
6.3 x 11
0.12
15.9
41
0.46
MALREKS20BA210H00K
15
8 x 11.5
0.12
10.6
60
1.10
MALREKS20PB215H00K
68
10 x 20
0.12
2.34
177
3.10
MALREKS20DE268H00K
100
12.5 x 20
0.12
1.59
251
4.00
MALREKS20FE310H00K
150
12.5 x 25
0.12
1.06
336
4.40
MALREKS20FG315H00K
220
16 x 25
0.12
0.723
451
6.80
MALREKS20JG322H00K
330
16 x 35.5
0.12
0.482
634
11.0
MALREKS20JL333H00K
470
18 x 35.5
0.12
0.339
812
12.3
MALREKS20KL347H00K
680
18 x 40
0.12
0.234
1025
12.6
MALREKS20KK368H00K
63
0.10
5 x 11
0.12
1592
3.9
0.45
MALREKS20AA010J00K
0.15
5 x 11
0.12
1061
4.8
0.45
MALREKS20AA015J00K
0.22
5 x 11
0.12
723.5
5.8
0.45
MALREKS20AA022J00K
0.33
5 x 11
0.12
482.3
7.2
0.45
MALREKS20AA033J00K
0.47
5 x 11
0.12
338.6
8.5
0.45
MALREKS20AA047J00K
0.68
5 x 11
0.12
234.1
10
0.45
MALREKS20AA068J00K
1.0
5 x 11
0.12
159.2
12
0.45
MALREKS20AA110J00K
1.5
5 x 11
0.12
106.1
15
0.45
MALREKS20AA115J00K
2.2
5 x 11
0.12
72.3
18
0.45
MALREKS20AA122J00K
3.3
5 x 11
0.12
48.2
23
0.45
MALREKS20AA133J00K
4.7
6.3 x 11
0.12
33.9
31
0.46
MALREKS20BA147J00K
6.8
6.3 x 11
0.12
23.4
37
0.46
MALREKS20BA168J00K
10
8 x 11.5
0.12
15.9
53
1.10
MALREKS20PB210J00K
15
10 x 12.5
0.12
10.6
76
1.90
MALREKS20DC215J00K
22
10 x 16
0.12
7.23
101
2.20
MALREKS20DD222J00K
33
10 x 16
0.12
4.82
124
2.20
MALREKS20DD233J00K
47
10 x 20
0.12
3.39
161
3.10
MALREKS20DE247J00K
68
12.5 x 20
0.12
2.34
227
4.00
MALREKS20FE268J00K
100
12.5 x 25
0.12
1.59
300
4.40
MALREKS20FG310J00K
150
16 x 25
0.12
1.06
408
6.80
MALREKS20JG315J00K
220
16 x 35.5
0.12
0.723
567
11.0
MALREKS20JL322J00K
330
18 x 35.5
0.12
0.482
745
12.3
MALREKS20KL333J00K
470
18 x 40
0.12
0.339
933
12.6
MALREKS20KK347J00K
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
120 Hz
(µF)
DIMENSIONS
Ø D x L
(mm)
tan
δ
120 Hz
RESR
120 Hz
(
Ω)
IR
120 Hz/105 °C
(mA)
WEIGHT
(g)
CATALOG NUMBER
(Long Leads)


Similar Part No. - MALREKS20AA047L00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALREKA00AA110J00K VISHAY-MALREKA00AA110J00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
MALREKA00AA110L00K VISHAY-MALREKA00AA110L00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
MALREKA00AA115J00K VISHAY-MALREKA00AA115J00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
MALREKA00AA115L00K VISHAY-MALREKA00AA115L00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
MALREKA00AA122J00K VISHAY-MALREKA00AA122J00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
More results

Similar Description - MALREKS20AA047L00K

ManufacturerPart #DatasheetDescription
logo
RFE international
RN010M2ABK050110 RFE-RN010M2ABK050110 Datasheet
100Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS RNG Series: Radial Non-Polar
RN010M2ABK063110 RFE-RN010M2ABK063110 Datasheet
101Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS RN Series: Radial Non-Polar
logo
Illinois Capacitor, Inc...
474BPS050M ILLINOISCAPACITOR-474BPS050M Datasheet
114Kb / 3P
   85째C Non-Polar Radial Lead Aluminum Electrolytic Capacitors
474BPS050M ILLINOISCAPACITOR-474BPS050M_13 Datasheet
246Kb / 2P
   85C Non-polar Radial Lead Aluminum Electrolytic Capacitors
logo
Cornell Dubilier Electr...
SN330M6R3ST CDE-SN330M6R3ST_14 Datasheet
543Kb / 4P
   Radial Leaded Non-Polar Aluminum Electrolytic
logo
RFE international
SN010M1HBK040070 RFE-SN010M1HBK040070 Datasheet
87Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS SN Series: Radial Non-Polar, Miniature
logo
NIC-Components Corp.
NRESN NIC-NRESN_14 Datasheet
87Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
NSRN NIC-NSRN Datasheet
136Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NNR NIC-NNR Datasheet
169Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NRE-SN NIC-NRE-SN Datasheet
210Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com