Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE51 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 1.5KE51
Description  TRANSZORB® Transient Voltage Suppressors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1.5KE51 Datasheet(HTML) 2 Page - Vishay Siliconix

  1.5KE51 Datasheet HTML 1Page - Vishay Siliconix 1.5KE51 Datasheet HTML 2Page - Vishay Siliconix 1.5KE51 Datasheet HTML 3Page - Vishay Siliconix 1.5KE51 Datasheet HTML 4Page - Vishay Siliconix 1.5KE51 Datasheet HTML 5Page - Vishay Siliconix 1.5KE51 Datasheet HTML 6Page - Vishay Siliconix 1.5KE51 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1.5KE6.8 thru 1.5KE540A, 1N6267 thru 1N6303
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88301
Revision: 22-Oct-08
2
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
JEDEC
TYPE
NUMBER
GENERAL
SEMICONDUCTOR
PART NUMBER
BREAKDOWN
VOLTAGE
VBR AT IT
(1)
(V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM (V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID
(4) (µA)
MAXIMUM
PEAK
PULSE
CURRENT
IPPM
(2) (A)
MAXIMUM
CLAMPING
VOLTAGE
AT IPPM
VC (V)
MAXIMUM
TEMP.
COEFFICIENT
OF VBR
(%/°C)
MIN.
MAX.
1N6267
(+)1.5KE6.8
6.12
7.48
10
5.50
1000
139
10.8
0.057
1N6267A
(+)1.5KE6.8A
6.45
7.14
10
5.80
1000
143
10.5
0.057
1N6268
(+)1.5KE7.5
6.75
8.25
10
6.05
500
128
11.7
0.061
1N6268A
(+)1.5KE7.5A
7.13
7.88
10
6.40
500
133
11.3
0.061
1N6269
(+)1.5KE8.2
7.38
9.02
10
6.63
200
120
12.5
0.065
1N6269A
(+)1.5KE8.2A
7.79
8.61
10
7.02
200
124
12.1
0.065
1N6270
(+)1.5KE9.1
8.19
10.0
1.0
7.37
50
109
13.8
0.068
1N6270A
(+)1.5KE9.1A
8.65
9.55
1.0
7.78
50
112
13.4
0.068
1N6271
(+)1.5KE10
9.00
11.0
1.0
8.10
10
100
15.0
0.073
1N6271A
(+)1.5KE10A
9.50
10.5
1.0
8.55
10
103
14.5
0.073
1N6272
(+)1.5KE11
9.90
12.1
1.0
8.92
5.0
92.6
16.2
0.075
1N6272A
(+)1.5KE11A
10.5
11.6
1.0
9.40
5.0
96.2
15.6
0.075
1N6273
(+)1.5KE12
10.8
13.2
1.0
9.72
5.0
86.7
17.3
0.076
1N6273A
(+)1.5KE12A
11.4
12.6
1.0
10.2
5.0
89.8
16.7
0.078
1N6274
(+)1.5KE13
11.7
14.3
1.0
10.5
5.0
78.9
19.0
0.081
1N6274A
(+)1.5KE13A
12.4
13.7
1.0
11.1
5.0
82.4
18.2
0.081
1N6275
(+)1.5KE15
13.5
16.5
1.0
12.1
1.0
68.2
22.0
0.084
1N6275A
(+)1.5KE15A
14.3
15.8
1.0
12.8
1.0
70.8
21.2
0.084
1N6276
(+)1.5KE16
14.4
17.6
1.0
12.9
1.0
63.8
23.5
0.086
1N6276A
(+)1.5KE16A
15.2
16.8
1.0
13.6
1.0
66.7
22.5
0.086
1N6277
(+)1.5KE18
16.2
19.8
1.0
14.5
1.0
56.6
26.5
0.088
1N6277A
(+)1.5KE18A
17.1
18.9
1.0
15.3
1.0
59.5
25.2
0.089
1N6278
(+)1.5KE20
18.0
22.0
1.0
16.2
1.0
51.5
29.1
0.090
1N6278A
(+)1.5KE20A
19.0
21.0
1.0
17.1
1.0
54.2
27.7
0.090
1N6279
(+)1.5KE22
19.8
24.2
1.0
17.8
1.0
47.0
31.9
0.092
1N6279A
(+)1.5KE22A
20.9
23.1
1.0
18.8
1.0
49.0
30.6
0.092
1N6280
(+)1.5KE24
21.6
26.4
1.0
19.4
1.0
43.2
34.7
0.094
1N6280A
(+)1.5KE24A
22.8
25.2
1.0
20.5
1.0
45.2
33.2
0.094
1N6281
(+)1.5KE27
24.3
29.7
1.0
21.8
1.0
38.4
39.1
0.096
1N6281A
(+)1.5KE27A
25.7
28.4
1.0
23.1
1.0
40.0
37.5
0.096
1N6282
(+)1.5KE30
27.0
33.0
1.0
24.3
1.0
34.5
43.5
0.097
1N6282A
(+)1.5KE30A
28.5
31.5
1.0
25.6
1.0
36.2
41.4
0.097
1N6283
(+)1.5KE33
29.7
36.3
1.0
26.8
1.0
31.4
47.7
0.098
1N6283A
(+)1.5KE33A
31.4
34.7
1.0
28.2
1.0
32.8
45.7
0.098
1N6284
(+)1.5KE36
32.4
39.6
1.0
29.1
1.0
28.8
52.0
0.099
1N6284A
(+)1.5KE36A
34.2
37.8
1.0
30.8
1.0
30.1
49.9
0.099
1N6285
(+)1.5KE39
35.1
42.9
1.0
31.6
1.0
26.6
56.4
0.100
1N6285A
(+)1.5KE39A
37.1
41.0
1.0
33.3
1.0
27.8
53.9
0.100
1N6286
(+)1.5KE43
38.7
47.3
1.0
34.8
1.0
24.2
61.9
0.101
1N6286A
(+)1.5KE43A
40.9
45.2
1.0
36.8
1.0
25.3
59.3
0.101
1N6287
(+)1.5KE47
42.3
51.7
1.0
38.1
1.0
22.1
67.8
0.101
1N6287A
(+)1.5KE47A
44.7
49.4
1.0
40.2
1.0
23.1
64.8
0.101
1N6288
(+)1.5KE51
45.9
56.1
1.0
41.3
1.0
20.4
73.5
0.102
1N6288A
(+)1.5KE51A
48.5
53.6
1.0
43.6
1.0
21.4
70.1
0.102
1N6289
(+)1.5KE56
50.4
61.8
1.0
45.4
1.0
18.6
80.5
0.103
1N6289A
(+)1.5KE56A
53.2
58.8
1.0
47.8
1.0
19.5
77.0
0.103
1N6290
(+)1.5KE62
55.8
68.2
1.0
50.2
1.0
16.9
89.0
0.104
1N6290A
(+)1.5KE62A
58.9
65.1
1.0
53.0
1.0
17.6
85.0
0.104
1N6291
(+)1.5KE68
61.2
74.8
1.0
55.1
1.0
15.3
98.0
0.104
1N6291A
(+)1.5KE68A
64.6
71.4
1.0
58.1
1.0
16.3
92.0
0.104
1N6292
(+)1.5KE75
67.5
82.5
1.0
60.7
1.0
13.9
109
0.105
1N6292A
(+)1.5KE75A
71.3
78.8
1.0
64.1
1.0
14.6
104
0.105


Similar Part No. - 1.5KE51

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE51 TRSYS-1.5KE51 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
1.5KE51 TSC-1.5KE51 Datasheet
201Kb / 6P
   1500W, 6.8V - 440V Transient Voltage Suppressor
logo
Diotec Semiconductor
1.5KE51 DIOTEC-1.5KE51 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Won-Top Electronics
1.5KE51 WTE-1.5KE51 Datasheet
66Kb / 5P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
1.5KE51 LUGUANG-1.5KE51 Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
More results

Similar Description - 1.5KE51

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P4KE6.8 VISHAY-P4KE6.8 Datasheet
107Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
1.5KE12A-E3-73 VISHAY-1.5KE12A-E3-73 Datasheet
108Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
5KP30A-E3-54 VISHAY-5KP30A-E3-54 Datasheet
88Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
Revision: 20-Nov-12
1N6386 VISHAY-1N6386 Datasheet
98Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
P6KE400CA-E354 VISHAY-P6KE400CA-E354 Datasheet
93Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
ICTE8-E354 VISHAY-ICTE8-E354 Datasheet
89Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
5KP188A VISHAY-5KP188A Datasheet
104Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
SA170CA VISHAY-SA170CA Datasheet
117Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
5KP188A VISHAY-5KP188A_V02 Datasheet
88Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
09-Jul-2021
5KP188A VISHAY-5KP188A_V03 Datasheet
82Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
BZW04P-5V8 VISHAY-BZW04P-5V8 Datasheet
105Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com