Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKS00JS247O00 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # EKS00JS247O00
Description  Aluminum Capacitors Radial Style
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EKS00JS247O00 Datasheet(HTML) 5 Page - Vishay Siliconix

  EKS00JS247O00 Datasheet HTML 1Page - Vishay Siliconix EKS00JS247O00 Datasheet HTML 2Page - Vishay Siliconix EKS00JS247O00 Datasheet HTML 3Page - Vishay Siliconix EKS00JS247O00 Datasheet HTML 4Page - Vishay Siliconix EKS00JS247O00 Datasheet HTML 5Page - Vishay Siliconix EKS00JS247O00 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.vishay.com
For technical questions contact: aluminumcaps3@vishay.com
Document Number: 25007
246
Revision: 18-Aug-04
EKS
Vishay Roederstein
Aluminum Capacitors
Radial Style
1
8 x 11.5
0.20
266
16
1.1
EKS00PB110O00
2.2
10 x 12.5
0.20
121
28
1.5
EKS00DC122O00
3.3
10 x 16
0.20
81
38
2.0
EKS00DD133O00
4.7
10 x 16
0.20
57
45
2.0
EKS00DD147O00
350
10
10 x 20
0.20
26.54
72
2.5
EKS00DE210O00
22
13 x 25
0.20
12.10
137
4.5
EKS00GG222O00
33
16 x 25
0.20
8.05
186
7.0
EKS00JG233O00
47
16 x 31.5
0.20
5.65
243
9.0
EKS00JS247O00
100
18 x 40
0.20
2.66
419
16.0
EKS00KK310O00
400
1
8 x 11.5
0.20
266
16
1.1
EKS00PB110X00
2.2
10 x 12.5
0.20
121
28
1.5
EKS00DC122X00
3.3
10 x 16
0.20
81
38
2.0
EKS00DD133X00
4.7
10 x 16
0.20
57
45
2.5
EKS00DD147X00
10
13 x 20
0.20
26.54
85
3.8
EKS00GE210X00
22
13 x 25
0.20
12.10
137
4.5
EKS00GG222X00
33
16 x 25.5
0.20
8.05
186
7.0
EKS00JG233X00
47
16 x 35.5
0.20
5.65
255
11.0
EKS00JL247X00
1.0
8 x 11.5
0.20
266
15
1.1
EKS00PB110P00
2.2
10 x 12.5
0.20
121
26
1.5
EKS00DC122P00
1
10 x 16
0.20
81
34
2.5
EKS00DD133P00
450
4.7
10 x 20
0.20
57
45
2.5
EKS00DE147P00
10
13 x 25
0.20
26.54
77
4.5
EKS00GG210P00
22
16 x 31.5
0.20
12.10
138
9.0
EKS00JS222P00
33
16 x 40
0.20
8.05
184
15.0
EKS00JK233P00
47
18 x 40
0.20
5.65
260
16.0
EKS00KK247P00
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V)
CR
120 Hz
(
µF)
NOMINAL
CASE SIZE
∅DxL
(mm)
Tan
δ
120 Hz
RESR
120 Hz
(
Ω)
IR
100 kHz/105 °C
(mA)
WEIGHT
(g)
CATALOG
NUMBER
LEAKAGE CURRENT
Formula for calculation of the maximum leakage current for acceptance tests IL:
[Test conditions: UR , 20 °C, 2 minutes (UR ≤ 100 V) / 5 minutes (UR > 100 V)]
IL2 [µA] ≤ 0.01 • CR [µF] • UR [V]
or 3 µA
for UR ≤ 100 V (whichever is greater)
IL5 [µA] ≤ 0.02 • CR [µF] • UR [V]
+ 15 µA
for UR > 100 V
LOW TEMPERATURE BEHAVIOUR
IMPEDANCE RATIO Z(T2) / Z(T1) AT 120 Hz
T2/T1
RATED VOLTAGE (V)
10
16
25 - 100
160
250
350
400 / 450
- 25 / + 20
°C
32
23
3
3
8
- 25 / + 20
°C
64
34
4
4
-


Similar Part No. - EKS00JS247O00

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
EKS-LM3S6965 TI-EKS-LM3S6965 Datasheet
82Kb / 2P
[Old version datasheet]   Stellaris LM3S6965 Ethernet Evaluation Kit
logo
SICK AG
EKS36-0JF0A018A SICK-EKS36-0JF0A018A Datasheet
936Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EKS36-0JF0A020A SICK-EKS36-0JF0A020A Datasheet
936Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EKS36-0KF0A018A SICK-EKS36-0KF0A018A Datasheet
936Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EKS36-0KF0A020A SICK-EKS36-0KF0A020A Datasheet
936Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
More results

Similar Description - EKS00JS247O00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EKF VISHAY-EKF Datasheet
89Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 13-Jun-08
EKV VISHAY-EKV Datasheet
94Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKV VISHAY-EKV_12 Datasheet
102Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKA VISHAY-EKA Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKC VISHAY-EKC Datasheet
98Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 05-Nov-08
EKB VISHAY-EKB_12 Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKO VISHAY-EKO Datasheet
305Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 30-Aug-05
EKX VISHAY-EKX Datasheet
100Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKE VISHAY-EKE Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 15-Jul-08
EKB VISHAY-EKB Datasheet
113Kb / 9P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com