Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMR50HFTA Datasheet(PDF) 6 Page - Zetex Semiconductors

Part # ZMR50HFTA
Description  Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZMR50HFTA Datasheet(HTML) 6 Page - Zetex Semiconductors

Back Button ZMR50HFTA Datasheet HTML 2Page - Zetex Semiconductors ZMR50HFTA Datasheet HTML 3Page - Zetex Semiconductors ZMR50HFTA Datasheet HTML 4Page - Zetex Semiconductors ZMR50HFTA Datasheet HTML 5Page - Zetex Semiconductors ZMR50HFTA Datasheet HTML 6Page - Zetex Semiconductors ZMR50HFTA Datasheet HTML 7Page - Zetex Semiconductors ZMR50HFTA Datasheet HTML 8Page - Zetex Semiconductors ZMR50HFTA Datasheet HTML 9Page - Zetex Semiconductors ZMR50HFTA Datasheet HTML 10Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ZMR series
Issue 9 - January 2008
6
www.zetex.com
© Zetex Semiconductors plc 2008
Typical characteristics
-50
-25
0
25
50
75 100 125
-50 -25
0
25
50
75 100 125
2.5
2.0
1.5
1.0
0.5
0
Drop-Out Voltage v Temperature
Quiescent Current v Temperature
-50
-25
0
25
50
75 100 125
Temperature (°C)
Output Voltage Temperature
0
20
40
2
46
8
10 12
14
16
18
20
60
10
30
50
Input Voltage (V)
Quiescent Current v Voltage
28
0.1
1
10
100
27
29
47
48
49
50
30
75
Quiescent Current v Temperature
-50 -25
26
28
025
50
32
30
34
125
100
40
44
48
52
56
60
Output Current
Temperature (°C)
Temperature (°C)
Temperature (°C)
5.00
5.02
4.98
4.96
2.50
2.48
2.46
2.52
ZMR50H/500
ZMR25H/250
Quiescent Current v Output Current
Io=5mA
Vin=Vo+4
Io=5mA
Vin=Vo+4
Io=10mA
Io=0
Vin=Vo+4
Io=0
Vin=Vo+4
Io=0
Vin=Vo+4
Io=0
Vin=Vo+4
Io=10mA
ZMR25H/250
ZMR50H/500
ZMR25H/250
ZMR50H/500
ZMR25H/250
ZMR25H/ZMR250
ZMR50H/ZMR500
ZMR50H/500


Similar Part No. - ZMR50HFTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZMR50HFTA ZETEX-ZMR50HFTA Datasheet
245Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
logo
Diodes Incorporated
ZMR50HFTA DIODES-ZMR50HFTA Datasheet
187Kb / 7P
   FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
More results

Similar Description - ZMR50HFTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZMR ZETEX-ZMR_07 Datasheet
245Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
logo
Diodes Incorporated
ZMR DIODES-ZMR Datasheet
187Kb / 7P
   FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
ZMR250 DIODES-ZMR250 Datasheet
107Kb / 11P
   FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
logo
Zetex Semiconductors
ZMR ZETEX-ZMR Datasheet
193Kb / 10P
   FIXED 2.5 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
logo
Microsemi Corporation
SG109 MICROSEMI-SG109_1 Datasheet
261Kb / 3P
   5 -VOLT FIXED VOLTAGE REGULATORS
SG109 MICROSEMI-SG109 Datasheet
50Kb / 3P
   5 -VOLT FIXED VOLTAGE REGULATORS
logo
Diodes Incorporated
ZTR250 DIODES-ZTR250 Datasheet
90Kb / 6P
   FIXED 2.5 AND 5 VOLT 3-TERMINAL VOLTAGE REFERENCES
logo
Zetex Semiconductors
ZTR250 ZETEX-ZTR250 Datasheet
98Kb / 6P
   FIXED 2.5 AND 5 VOLT 3-TERMINAL VOLTAGE REFERENCES
ZMR330 ZETEX-ZMR330 Datasheet
138Kb / 8P
   3.3 VOLT MINIATURE VOLTAGE REGULATOR
logo
Texas Instruments
LM2937IMP-33 TI1-LM2937IMP-33 Datasheet
1Mb / 19P
[Old version datasheet]   LM2937-2.5, LM2937-3.3 400mA and 500mA Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com