Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXGD3101T8 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXGD3101T8
Description  Synchronous rectifier controller for flyback converters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXGD3101T8 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXGD3101T8 Datasheet HTML 1Page - Zetex Semiconductors ZXGD3101T8 Datasheet HTML 2Page - Zetex Semiconductors ZXGD3101T8 Datasheet HTML 3Page - Zetex Semiconductors ZXGD3101T8 Datasheet HTML 4Page - Zetex Semiconductors ZXGD3101T8 Datasheet HTML 5Page - Zetex Semiconductors ZXGD3101T8 Datasheet HTML 6Page - Zetex Semiconductors ZXGD3101T8 Datasheet HTML 7Page - Zetex Semiconductors ZXGD3101T8 Datasheet HTML 8Page - Zetex Semiconductors ZXGD3101T8 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ZXGD3101T8
Issue 3 - November 2008
2
www.zetex.com
© Diodes Incorporated 2008
www.diodes.com
Absolute maximum ratings
NOTES:
1. All voltages are relative to GND pin
Thermal resistance
ESD Rating
Parameter
Symbol
Limit
Unit
Supply voltage1
VCC
15
V
Continuous Drain pin voltage1
VD
-3 to180
V
GATEH and GATEL output Voltage1
VG
-3 to VCC + 3
V
Driver peak source current
ISOURCE
3A
Driver peak sink current
ISINK
3A
Reference current
IREF
25
mA
Bias voltage
VBIAS
VCC
V
Bias current
IBIAS
100
mA
Power dissipation at TA =25°CPD
500
mW
Operating junction temperature
Tj
-40 to +150
°C
Storage temperature
Tstg
-50 to +150
°C
Parameter
Symbol
Value
Unit
Junction to ambient (*)
NOTES:
(*) Mounted on minimum 1oz copper on FR4 PCB in still air conditions
RθJA
250
°C/W
Junction to lead (†)
(†) Output Drivers - Junction to solder point at end of the lead 5 and 6
RθIA
54
°C/W
Model
Rating
Unit
Human body
4,000
V
Machine
400
V


Similar Part No. - ZXGD3101T8

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXGD3101T8 DIODES-ZXGD3101T8 Datasheet
964Kb / 14P
   Synchronous rectifier controller for flyback converters.
ZXGD3101T8TA DIODES-ZXGD3101T8TA Datasheet
964Kb / 14P
   Synchronous rectifier controller for flyback converters.
ZXGD3101T8 DIODES-ZXGD3101T8_15 Datasheet
964Kb / 14P
   Synchronous rectifier controller for flyback converters.
More results

Similar Description - ZXGD3101T8

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXGD3101T8 DIODES-ZXGD3101T8_15 Datasheet
964Kb / 14P
   Synchronous rectifier controller for flyback converters.
ZXGD3101T8 DIODES-ZXGD3101T8 Datasheet
964Kb / 14P
   Synchronous rectifier controller for flyback converters.
logo
ON Semiconductor
FAN6250M6X ONSEMI-FAN6250M6X Datasheet
156Kb / 9P
   Secondary Side Synchronous Rectifier Controller for Flyback Converters
October, 2018 ??Rev. 0
FAN6292CMX ONSEMI-FAN6292CMX Datasheet
235Kb / 14P
   Secondary Side Synchronous Rectifier Controller for Flyback Converters
February, 2019 ??Rev. 1
FAN6241M6X ONSEMI-FAN6241M6X Datasheet
561Kb / 11P
   Secondary Side Synchronous Rectifier Controller for Flyback Converters
March, 2020 ??Rev. 1
FAN6240 ONSEMI-FAN6240 Datasheet
521Kb / 10P
   Secondary-Side Synchronous Rectifier Controller Flyback Converters
July 2016 Rev. 1.0
logo
Fairchild Semiconductor
SG6203 FAIRCHILD-SG6203 Datasheet
460Kb / 13P
   Synchronous Rectifier Controller for Flyback Converter
logo
Analog Devices
ADP1071-1 AD-ADP1071-1 Datasheet
570Kb / 27P
   Isolated Synchronous Flyback Controller
logo
STMicroelectronics
HVLED007 STMICROELECTRONICS-HVLED007 Datasheet
1Mb / 33P
   Transition mode PFC controller for flyback converters
January 2019 Rev 1
SRK1000A STMICROELECTRONICS-SRK1000A Datasheet
1Mb / 27P
   Adaptive synchronous rectification controller for flyback converter
October 2018 DS12787 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com