Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZTL431BCSTZ Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZTL431BCSTZ
Description  Cost effective adjustable precision shunt regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZTL431BCSTZ Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZTL431BCSTZ Datasheet HTML 1Page - Zetex Semiconductors ZTL431BCSTZ Datasheet HTML 2Page - Zetex Semiconductors ZTL431BCSTZ Datasheet HTML 3Page - Zetex Semiconductors ZTL431BCSTZ Datasheet HTML 4Page - Zetex Semiconductors ZTL431BCSTZ Datasheet HTML 5Page - Zetex Semiconductors ZTL431BCSTZ Datasheet HTML 6Page - Zetex Semiconductors ZTL431BCSTZ Datasheet HTML 7Page - Zetex Semiconductors ZTL431BCSTZ Datasheet HTML 8Page - Zetex Semiconductors ZTL431BCSTZ Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Issue 14 - January 2008
1
www.zetex.com
© Zetex Semiconductors plc 2007
ZTL431, ZTL432
Cost effective adjustable precision shunt regulator
Description
The ZTL431 and ZTL432 are three terminal
adjustable shunt regulators offering excellent
temperature
stability
and
output
current
handling capability up to 100mA. The output
voltage may be set to any chosen voltage
between 2.5 and 20 volts by selection of two
external divider resistors.
The devices can be used as a replacement for
zener diodes in many applications requiring an
improvement in zener performance.
Features
Temperature range ................ -40 to 125°C
Reference voltage tolerance at 25°C
0.5% ..................................... B grade
1% ......................................... A grade
•0.2
typical output impedance
Sink current capability ...... 1mA to 100mA
Adjustable output voltage ...... VREF to 20V
Pin connections
The ZTL432 has the same electrical specifications
as the ZTL431 but has a different pin out in
SOT23 (F-suffix) and SOT23F (FF-suffix).
Both variants are available in 2 grades with
initial tolerances of 1% and 0.5% for the A and
B grades respectively.
These are functionally equivalent to the TL431/
TL432 except for maximum operation voltage,
and have an ambient temperature range of -40
to 125°C as standard.
Applications
Opto-coupler linearization
Linear regulators
Improved zener
Variable reference
3
Cathode
ZTL431_F SOT23
ZTL431_FF SOT23F
(top view)
ZTL432_F SOT23
ZTL432_FF SOT23F
(top view)
Ref
Ref
Cathode
2
1 Anode
Anode
3
2
1
1
2
3
6
5
4
ZTL431_H6 SC70-6
(top view)
Cathode
N/C
REF
Anode
N/C
† Connected internally to
substrate; should be left
floating or connected to Anode
NC
ZTL431_E5 SOT235
(top view)
N/C
N/C*
Cathode
Anode
Ref
1
2
3
5
4
* must be left floating
or connected to pin 5
ZTL431ASE5 SOT235
(top view)
N/C
N/C
Cathode
Anode
Ref
1
2
3
5
4


Similar Part No. - ZTL431BCSTZ

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZTL431BCSTZ ZETEX-ZTL431BCSTZ Datasheet
422Kb / 12P
   Cost effective adjustable precision shunt regulator
More results

Similar Description - ZTL431BCSTZ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZTL431 DIODES-ZTL431_17 Datasheet
445Kb / 12P
   COST EFFECTIVE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Zetex Semiconductors
ZTL431 ZETEX-ZTL431 Datasheet
422Kb / 12P
   Cost effective adjustable precision shunt regulator
logo
Diodes Incorporated
ZTL431 DIODES-ZTL431 Datasheet
170Kb / 9P
   COST EFFECTIVE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Zetex Semiconductors
TLV431 ZETEX-TLV431_08 Datasheet
813Kb / 16P
   1.24V Cost effective shunt regulator
logo
Diodes Incorporated
ZTLV431 DIODES-ZTLV431 Datasheet
296Kb / 8P
   1.24V Cost effective shunt regulator
TLV431 DIODES-TLV431 Datasheet
895Kb / 14P
   1.24V COST EFFECTIVE SHUNT REGULATOR
logo
Zetex Semiconductors
ZTLV431 ZETEX-ZTLV431_07 Datasheet
224Kb / 8P
   1.24V Cost effective shunt regulator
ZTLV431 ZETEX-ZTLV431 Datasheet
199Kb / 8P
   1.24V Cost effective shunt regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com