Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSK2512LDEK Datasheet(PDF) 1 Page - Vishay Siliconix

Part # WSK2512LDEK
Description  Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount, 4-Terminal
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSK2512LDEK Datasheet(HTML) 1 Page - Vishay Siliconix

  WSK2512LDEK Datasheet HTML 1Page - Vishay Siliconix WSK2512LDEK Datasheet HTML 2Page - Vishay Siliconix WSK2512LDEK Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Power Metal Strip® Resistors,
Low Value (down to 0.001
Ω), Surface Mount, 4-Terminal
www.vishay.com
For technical questions, contact: ww2bresistors@vishay.com
Document Number: 30108
20
Revision: 26-Mar-07
WSK
Vishay Dale
FEATURES
• 4-Terminal design allows for 1 % tolerance down
to 0.001
Ω and 0.5 % tolerance down to 0.003 Ω
• Ideal for all types of precision current sensing,
voltage division
and
pulse
applications
including switching and linear power supplies,
instruments, power amplifiers
• Proprietary
processing
technique
produces
extremely low resistance values (down to 0.001
Ω)
• All welded construction
• Solid metal Nickel-Chrome or Manganese-Copper alloy
resistive element with low TCR (< 20 ppm/°C)
• Solderable terminations
• Very low inductance 0.5 nH to 5 nH
• Excellent frequency response to 50 MHz
• Lead (Pb)-free version is RoHS compliant
Note
• Part Marking: DALE, Value, Tolerance; due to resistor size limitations some resistance values will be marked with only the resistance value
* Pb containing terminations are not RoHS compliant, exemptions may apply
Available
Pb-free
RoHS*
COMPLIANT
e3
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
POWER RATING
P70 °C
W
RESISTANCE RANGE
Ω
± 0.5 %
± 1.0 %
WSK2512
1.0
0.003 - 0.025
0.001 - 0.025
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
WSK2512
Temperature Coefficient
ppm/°C
0.001
Ω - 0.0029 Ω = ± 250
0.003
Ω - 0.0049 Ω = ± 75
0.005
Ω - 0.025 Ω = ± 35
Operating Temperature Range
°C
- 65 to + 170
Maximum Working Voltage
V
(
P x R)1/2
Weight/1000 pieces
g
63.6
GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBERING: WSK25125L000FTA (PREFERRED PART NUMBERING FORMAT)
GLOBAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING CODE
SPECIAL
WSK2512
L = m
Ω*
R = Decimal
5L000 = 0.005
Ω
R0100 = 0.01
Ω
* use “L” for resistance
values < 0.01
Ω
D = ± 0.5 %
F = ± 1.0 %
EA = Lead (Pb)-free, tape/reel
EK = Lead (Pb)-free, bulk
TA = Tin/lead, tape/reel (R86)
BA = Tin/lead, bulk (B43)
(Dash Number)
(up to 2 digits)
From 1 - 99 as
applicable
HISTORICAL PART NUMBERING: WSK2512 0.005
Ω 1 % R86 (WILL CONTINUE TO BE ACCEPTED)
WSK2512
0.005
Ω
1 %
R86
HISTORICAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING
K2
5
1
5
L
0
2
WS
T
0
FA
0


Similar Part No. - WSK2512LDEK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSK2512 VISHAY-WSK2512 Datasheet
108Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount, 4-Terminal
Revision: 01-Jul-09
WSK2512 VISHAY-WSK2512 Datasheet
112Kb / 4P
   Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface-Mount, 4-Terminal
01-Jan-2022
WSK25121L000FEA VISHAY-WSK25121L000FEA Datasheet
87Kb / 3P
   Power Metal Strip Resistors, Low Value (down to 0.0005 Ohm), Surface Mount, 4-Terminal
Revision: 03-May-13
WSK25122L000FEA VISHAY-WSK25122L000FEA Datasheet
87Kb / 3P
   Power Metal Strip Resistors, Low Value (down to 0.0005 Ohm), Surface Mount, 4-Terminal
Revision: 03-May-13
More results

Similar Description - WSK2512LDEK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL3637 VISHAY-WSL3637_15 Datasheet
88Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount, 4-Terminal
Revision: 10-Dec-10
WSL36371L000FEA VISHAY-WSL36371L000FEA Datasheet
93Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount, 4-Terminal
Revision: 10-Dec-10
WSK VISHAY-WSK_09 Datasheet
108Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount, 4-Terminal
Revision: 01-Jul-09
WSL36374L000FEA VISHAY-WSL36374L000FEA Datasheet
93Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount, 4-Terminal
Revision: 10-Dec-10
WSL3637 VISHAY-WSL3637_09 Datasheet
110Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount, 4-Terminal
Revision: 01-Jul-09
WSL36378L000FEA VISHAY-WSL36378L000FEA Datasheet
93Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount, 4-Terminal
Revision: 10-Dec-10
WSL3637 VISHAY-WSL3637_07 Datasheet
266Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount, 4-Terminal
Revision: 26-Mar-07
WSK1206 VISHAY-WSK1206_15 Datasheet
88Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount, 4-Terminal
Revision: 10-Dec-10
WSL3637 VISHAY-WSL3637_V01 Datasheet
127Kb / 5P
   Power Metal Strip® Resistors, Low Value (Down to 0.001 Ω), Surface-Mount, 4-Terminal
01-Jan-2022
WSL2512R0150FEA VISHAY-WSL2512R0150FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com