Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZTL431BFTA Datasheet(PDF) 9 Page - Zetex Semiconductors

Part # ZTL431BFTA
Description  Cost effective adjustable precision shunt regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZTL431BFTA Datasheet(HTML) 9 Page - Zetex Semiconductors

Back Button ZTL431BFTA Datasheet HTML 4Page - Zetex Semiconductors ZTL431BFTA Datasheet HTML 5Page - Zetex Semiconductors ZTL431BFTA Datasheet HTML 6Page - Zetex Semiconductors ZTL431BFTA Datasheet HTML 7Page - Zetex Semiconductors ZTL431BFTA Datasheet HTML 8Page - Zetex Semiconductors ZTL431BFTA Datasheet HTML 9Page - Zetex Semiconductors ZTL431BFTA Datasheet HTML 10Page - Zetex Semiconductors ZTL431BFTA Datasheet HTML 11Page - Zetex Semiconductors ZTL431BFTA Datasheet HTML 12Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ZTL431, ZTL432
Issue 14 - January 2008
9
www.zetex.com
© Zetex Semiconductors plc 2007
Packaging details - SOT23
Package details - SC70-6
Note: Controlling dimensions are in millimeters.
Approximate dimensions are provided in inches
Note: Controlling dimensions are in millimeters.
Approximate dimensions are provided in inches
E
e
L
e1
D
A
c
E1
L1
A1
b
3 leads
Dim. Millimeters
Inches
Dim.
Millimeters
Inches
Min. Max. Min.
Max.
Min.
Max. Max.
Max.
A
-
1.12
-
0.044
e1
1.90 NOM
0.075 NOM
A1
0.01 0.10 0.0004 0.004
E
2.10
2.64
0.083 0.104
b
0.30 0.50 0.012 0.020
E1
1.20
1.40
0.047 0.055
C0.085 0.120 0.003 0.008
L
0.25
0.62
0.018 0.024
D
2.80 3.04
0.110
0.120
L1
0.45
0.62
0.018 0.024
e
0.95 NOM 0.0375 NOM
-
-
-
-
-
Dim. Millimeters
Inches
Dim
.
Millimeters
Inches
Min.
Max.
Min.
Max.
Min.
Max.
Max.
Max.
A
0.80
1.10
0.0315 0.0433
E
2.10 BSC
0.0826 BSC
A1
-
0.10
-
0.0039 E1
1.25
1.35 0.0492 0.0531
A2
0.80
1.00
0.0315 0.0394
e
0.65 BSC
0.0255 BSC
b
0.15
0.30
0.006 0.0118 e1
1.30 BSC
0.0511 BSC
C
0.08
0.25
0.0031 0.0098
L
0.26
0.46 0.0102 0.0181
D
2.00 BSC
0.0787 BSC


Similar Part No. - ZTL431BFTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZTL431BFTA ZETEX-ZTL431BFTA Datasheet
422Kb / 12P
   Cost effective adjustable precision shunt regulator
logo
Diodes Incorporated
ZTL431BFTA DIODES-ZTL431BFTA Datasheet
170Kb / 9P
   COST EFFECTIVE ADJUSTABLE PRECISION SHUNT REGULATOR
ZTL431BFTA DIODES-ZTL431BFTA Datasheet
445Kb / 12P
   COST EFFECTIVE ADJUSTABLE PRECISION SHUNT REGULATOR
More results

Similar Description - ZTL431BFTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZTL431 DIODES-ZTL431_17 Datasheet
445Kb / 12P
   COST EFFECTIVE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Zetex Semiconductors
ZTL431 ZETEX-ZTL431 Datasheet
422Kb / 12P
   Cost effective adjustable precision shunt regulator
logo
Diodes Incorporated
ZTL431 DIODES-ZTL431 Datasheet
170Kb / 9P
   COST EFFECTIVE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Zetex Semiconductors
TLV431 ZETEX-TLV431_08 Datasheet
813Kb / 16P
   1.24V Cost effective shunt regulator
logo
Diodes Incorporated
ZTLV431 DIODES-ZTLV431 Datasheet
296Kb / 8P
   1.24V Cost effective shunt regulator
TLV431 DIODES-TLV431 Datasheet
895Kb / 14P
   1.24V COST EFFECTIVE SHUNT REGULATOR
logo
Zetex Semiconductors
ZTLV431 ZETEX-ZTLV431_07 Datasheet
224Kb / 8P
   1.24V Cost effective shunt regulator
ZTLV431 ZETEX-ZTLV431 Datasheet
199Kb / 8P
   1.24V Cost effective shunt regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com