Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD383ET5TA Datasheet(PDF) 6 Page - Zetex Semiconductors

Part # ZXLD383ET5TA
Description  Single or multi cell LED driver with enable/rectifier input for solar charged lamp applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXLD383ET5TA Datasheet(HTML) 6 Page - Zetex Semiconductors

Back Button ZXLD383ET5TA Datasheet HTML 2Page - Zetex Semiconductors ZXLD383ET5TA Datasheet HTML 3Page - Zetex Semiconductors ZXLD383ET5TA Datasheet HTML 4Page - Zetex Semiconductors ZXLD383ET5TA Datasheet HTML 5Page - Zetex Semiconductors ZXLD383ET5TA Datasheet HTML 6Page - Zetex Semiconductors ZXLD383ET5TA Datasheet HTML 7Page - Zetex Semiconductors ZXLD383ET5TA Datasheet HTML 8Page - Zetex Semiconductors ZXLD383ET5TA Datasheet HTML 9Page - Zetex Semiconductors ZXLD383ET5TA Datasheet HTML 10Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ZXLD383
Issue 1 - September 2008
6
www.zetex.com
© Diodes Incorporated
www.diodes.com
Low ripple LED current mode
It is possible that the peak LED current required to achieve a given average current is either too
high for the LED of choice or it leads to some loss of efficiency (due to LED resistance losses). In
these cases, just two extra low cost components can be added to provide a low ripple current
supply for the LED. The Schottky diode D1 and capacitor C1 rectifies and smoothes the output of
the ZXLD383 giving a low ripple current supply to the load LED. Of course, this circuit could also
be used to power loads other than LEDs.
Note: VLED =3.5V, D1=ZHCS1000, C1 = 1uF (low ESR)
Buck-boost mode
Simple boost converters can run into problems when the input supply voltage is similar to or
exceeds the intended load voltage as there is usually a direct current path from the power source
through to the load via the boost inductor. This path does not require switching action and so is
uncontrolled. When using the ZXLD383, this problem can be avoided by wiring the cathode of the
load LED to Vcc rather than ground. Without switching action, the LED is reverse-biased and so
no current can flow. When switching, the anode of the LED is driven to Vcc + Vf(led). The higher
than normal output voltage reduces the available output current as described earlier and this is
shown in the typical data provided.
Note: VLED =3.5V
L
ILED
(u H )
(m A )
47
7.5
22
15.5
10
31
6.8
46
4.7
58
D1
LE D
C1
Z XLD 383
3
2
1
4
EN A
GN D
VO U T
5
VC C
L1
1. 5V
NC
L
ILED
(u H )
(m A )
47
5.5
22
10.3
10
23.2
6.8
36.7
4.7
46.2
ZXL D 3 8 3
3
2
1
4
EN A
GN D
VO U T
5
VC C
L1
LE D
NC
3V


Similar Part No. - ZXLD383ET5TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD383ET5TA DIODES-ZXLD383ET5TA Datasheet
160Kb / 10P
   SINGLE OR MULTI CELL LED DRIVER SOLUTION
DS32189 Rev. 3 - 2
More results

Similar Description - ZXLD383ET5TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXSC380 DIODES-ZXSC380 Datasheet
389Kb / 10P
   Single or multi cell LED driver solution
logo
Zetex Semiconductors
ZXSC300 ZETEX-ZXSC300 Datasheet
154Kb / 12P
   SINGLE OR MULTI CELL LED DRIVER SOLUTION
logo
Diodes Incorporated
ZXLD381 DIODES-ZXLD381 Datasheet
210Kb / 9P
   SINGLE OR MULTI CELL LED DRIVER SOLUTION
DS32189 Rev. 3 - 2
ZXSC300 DIODES-ZXSC300 Datasheet
181Kb / 12P
   SINGLE OR MULTI CELL LED DRIVER SOLUTION
logo
Zetex Semiconductors
ZXSC300 ZETEX-ZXSC300_06 Datasheet
190Kb / 12P
   SINGLE OR MULTI CELL LED DRIVER SOLUTION
ZXSC380 ZETEX-ZXSC380 Datasheet
358Kb / 10P
   Single or multi cell LED driver solution
ZXLD381 ZETEX-ZXLD381 Datasheet
172Kb / 8P
   Single or Multi Cell LED Driver Solution
logo
Diodes Incorporated
ZXLD383 DIODES-ZXLD383 Datasheet
160Kb / 10P
   SINGLE OR MULTI CELL LED DRIVER SOLUTION
DS32189 Rev. 3 - 2
logo
Shanghai Yuxin Electron...
YX8182 SHININGIC-YX8182 Datasheet
144Kb / 2P
   Solar LED lamp driver
logo
STMicroelectronics
AN2946 STMICROELECTRONICS-AN2946 Datasheet
1Mb / 38P
   Solar-LED streetlight controller with 25 W LED lamp driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com