Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMC3F31DN8 Datasheet(PDF) 9 Page - Zetex Semiconductors

Part # ZXMC3F31DN8
Description  30V SO8 Complementary dual enhancement mode MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMC3F31DN8 Datasheet(HTML) 9 Page - Zetex Semiconductors

Back Button ZXMC3F31DN8 Datasheet HTML 3Page - Zetex Semiconductors ZXMC3F31DN8 Datasheet HTML 4Page - Zetex Semiconductors ZXMC3F31DN8 Datasheet HTML 5Page - Zetex Semiconductors ZXMC3F31DN8 Datasheet HTML 6Page - Zetex Semiconductors ZXMC3F31DN8 Datasheet HTML 7Page - Zetex Semiconductors ZXMC3F31DN8 Datasheet HTML 8Page - Zetex Semiconductors ZXMC3F31DN8 Datasheet HTML 9Page - Zetex Semiconductors ZXMC3F31DN8 Datasheet HTML 10Page - Zetex Semiconductors ZXMC3F31DN8 Datasheet HTML 11Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
ZXMC3F31DN8
Typical characteristics
110
0
200
400
600
800
1000
C
RSS
C
OSS
C
ISS
V
GS = 0V
f = 1MHz
-V
DS - Drain - Source Voltage (V)
0
5
10
15
0
1
2
3
4
5
6
7
8
9
10
I
D = 5A
V
DS = 15V
Gate-Source Voltage v Gate Charge
Capacitance v Drain-Source Voltage
Q - Charge (nC)
Test circuits
Issue 1 - September 2008
9
© Diodes Incorporated 2008
www.zetex.com
www.diodes.com


Similar Part No. - ZXMC3F31DN8

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMC3F31DN8 DIODES-ZXMC3F31DN8 Datasheet
332Kb / 11P
   30V SO8 Complementary dual enhancement mode
ZXMC3F31DN8TA DIODES-ZXMC3F31DN8TA Datasheet
332Kb / 11P
   30V SO8 Complementary dual enhancement mode
ZXMC3F31DN8 DIODES-ZXMC3F31DN8_15 Datasheet
332Kb / 11P
   30V SO8 Complementary dual enhancement mode MOSFET
More results

Similar Description - ZXMC3F31DN8

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMC3F31DN8 DIODES-ZXMC3F31DN8_15 Datasheet
332Kb / 11P
   30V SO8 Complementary dual enhancement mode MOSFET
ZXMC3F31DN8 DIODES-ZXMC3F31DN8 Datasheet
332Kb / 11P
   30V SO8 Complementary dual enhancement mode
ZXMHC3F381N8 DIODES-ZXMHC3F381N8 Datasheet
738Kb / 11P
   30V SO8 Complementary enhancement mode MOSFET H-Bridge
ZXMHC3A01N8 DIODES-ZXMHC3A01N8 Datasheet
727Kb / 11P
   30V SO8 Complementary enhancement mode MOSFET H-Bridge
ZXMC10A816N8 DIODES-ZXMC10A816N8 Datasheet
188Kb / 11P
   100V SO8 Complementary Dual enhancement mode MOSFET
ZXMP3F37DN8 DIODES-ZXMP3F37DN8 Datasheet
250Kb / 8P
   30V SO8 Dual P-channel enhancement mode MOSFET
logo
Zetex Semiconductors
ZXMP3F37DN8 ZETEX-ZXMP3F37DN8 Datasheet
294Kb / 8P
   30V SO8 Dual P-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMN3F31DN8 DIODES-ZXMN3F31DN8 Datasheet
433Kb / 8P
   30V SO8 dual N-channel enhancement mode MOSFET
logo
Zetex Semiconductors
ZXMN3G32DN8 ZETEX-ZXMN3G32DN8 Datasheet
419Kb / 8P
   30V SO8 dual N-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMN3G32DN8 DIODES-ZXMN3G32DN8 Datasheet
450Kb / 8P
   30V SO8 dual N-channel enhancement mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com