Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSE0805100R0BXEK Datasheet(PDF) 2 Page - Vishay Siliconix

Part # WSE0805100R0BXEK
Description  Power Metal Strip® Resistors (Extended Range) Surface Mount
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSE0805100R0BXEK Datasheet(HTML) 2 Page - Vishay Siliconix

  WSE0805100R0BXEK Datasheet HTML 1Page - Vishay Siliconix WSE0805100R0BXEK Datasheet HTML 2Page - Vishay Siliconix WSE0805100R0BXEK Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WSE
Power Metal Strip® Resistors (Extended Range)
Surface Mount
Vishay Dale
Document Number: 30109
For technical questions, contact: ww2bresistors@vishay.com
www.vishay.com
Revision: 13-Oct-06
37
DIMENSIONS
Note
(1) Land pattern dimensions (G, X, Z) are per IPC-782A
Note
• Embossed Carrier Tape per EIA-481-1A
L
D
W
T
Top Coating
Z
G
X
RECOMMENDED LAND PATTERN
MODEL
DIMENSIONS in inches [millimeters]
DL
W
T
G (1)
X (1)
Z (1)
WSE0805
0.015 ± 0.005
[0.38 ± 0.13]
0.080 ± 0.005
[2.30 ± 0.13]
0.050 ± 0.005
[1.27 ± 0.13]
0.025 max
[0.64 max]
0.028 ± 0.004
[0.70 ± 0.10]
0.050 ± 0.004
[1.27 ± 0.10]
0.122 ± 0.004
[3.103 ± 0.10]
60
50
40
30
20
10
0
0.00
0.05
0.10
0.15
0.20
0.25
Power in Watts
Temperature Rise
120
100
80
60
40
20
0
- 55
- 25
025
50
75
100
125
150 175
70
Ambient Temperature in °C
Derating
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS
Thermal Shock
- 65 °C to + 150 °C, 100 cycles, 15 min at each extreme
± 0.10 %
ΔR
Short Time Overload
5 x rated power for 5 s
± 0.10 %
ΔR
Low Temperature Operation
- 65 °C, 0.25 W for 45 min
± 0.05 %
ΔR
High Temperature Exposure
100 h at + 150 °C
± 0.10 %
ΔR
Moisture Resistance
MIL-STD-202, Method 106, 0 % power, 7b not required
± 0.10 %
ΔR
Load Life
1000 h at 70 °C, 1.5 h “ON”, 0.5 h “OFF”
± 0.05 %
ΔR
Resistance to Bonding Exposure
260 °C for 10 s
± 0.10 %
ΔR
PACKAGING
MODEL
REEL
TAPE WIDTH
DIAMETER
PIECES/REEL
CODE
WSE0805
8 mm/Punched Paper
178 mm/7"
5000
EA


Similar Part No. - WSE0805100R0BXEK

ManufacturerPart #DatasheetDescription
logo
SICK AG
WSE11-2K2430 SICK-WSE11-2K2430 Datasheet
1Mb / 6P
   Through-beam photoelectric sensor
WSE11-2N1130 SICK-WSE11-2N1130 Datasheet
1,021Kb / 6P
   Through-beam photoelectric sensor
WSE11-2N2430 SICK-WSE11-2N2430 Datasheet
1Mb / 6P
   Through-beam photoelectric sensor
WSE11-2P1130 SICK-WSE11-2P1130 Datasheet
1,021Kb / 6P
   Through-beam photoelectric sensor
WSE11-2P2430 SICK-WSE11-2P2430 Datasheet
1Mb / 6P
   Through-beam photoelectric sensor
More results

Similar Description - WSE0805100R0BXEK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSE VISHAY-WSE_15 Datasheet
97Kb / 3P
   Power Metal Strip® Resistors (Extended Range), Surface Mount
Revision: 15-Feb-11
WSK0612 VISHAY-WSK0612_15 Datasheet
84Kb / 3P
   Power Metal Strip® Resistors, High Power, Surface Mount, 4-Terminal
Revision: 28-Oct-13
WSL2726 VISHAY-WSL2726 Datasheet
130Kb / 3P
   Power Metal Strip® Resistors, Low Value, High Power, Surface Mount
Revision: 27-Aug-08
WSL4026 VISHAY-WSL4026 Datasheet
141Kb / 3P
   Power Metal Strip® Resistors, Low Value, High Power, Surface Mount
Revision: 31-Jul-08
WSLE VISHAY-WSLE Datasheet
103Kb / 3P
   Power Metal Strip® Flip Chip (Extended Range) Patents Pending
Revision: 18-Nov-08
WSKW0612 VISHAY-WSKW0612_V01 Datasheet
144Kb / 5P
   Power Metal Strip® Resistors, High Power, Surface-Mount, 4-Terminal
01-Jan-2022
WSK0612 VISHAY-WSK0612 Datasheet
102Kb / 3P
   Power Metal Strip® Resistors, High Power, Surface Mount, 4-Terminal
Revision: 09-Nov-11
WSL2726 VISHAY-WSL2726_15 Datasheet
98Kb / 4P
   Power Metal Strip® Resistors, Low Value, High Power, Surface Mount, 4-Terminal
Revision: 11-May-15
WSL2726 VISHAY-WSL2726_11 Datasheet
104Kb / 3P
   Power Metal Strip® Resistors, Low Value, High Power, Surface Mount, 4-Terminal
Revision: 07-Sep-11
WSL4026 VISHAY-WSL4026_V01 Datasheet
152Kb / 5P
   Power Metal Strip® Resistors, Low Value, High Power, Surface Mount, 4-Terminal
01-Jan-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com