Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSL5931L5000FEA Datasheet(PDF) 1 Page - Vishay Siliconix

Part # WSL5931L5000FEA
Description  Power Metal Strip® Resistors, Low Value (down to 0.0002 Ω), Surface Mount
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSL5931L5000FEA Datasheet(HTML) 1 Page - Vishay Siliconix

  WSL5931L5000FEA Datasheet HTML 1Page - Vishay Siliconix WSL5931L5000FEA Datasheet HTML 2Page - Vishay Siliconix WSL5931L5000FEA Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Power Metal Strip® Resistors,
Low Value (down to 0.0002
Ω), Surface Mount
www.vishay.com
For technical questions, contact: ww2bresistors@vishay.com
Document Number: 30110
16
Revision: 29-Mar-07
WSL3921 and WSL5931
Vishay Dale
FEATURES
• Ideal for all types of current sensing, voltage
division
and
pulse
applications
including
switching
and
linear
power
supplies,
instruments, power amplifiers
• Proprietary processing technique produces extremely low
resistance values, down to 0.0002
Ω
• All welded construction
• Solid metal Iron-Chrome or Manganese-Copper alloy
resistive element with low TCR (< 20 ppm/°C)
• Very low inductance 0.5 nH to 5 nH
• Excellent frequency response to 50 MHz
• Low thermal EMF (< 3 µV/°C)
• 100 % lead (Pb)-free and RoHS compliant
Note
• Part Marking: no part marking on these parts
RoHS
COMPLIANT
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
POWER RATING
P70 °C
W
TOLERANCE
%
RESISTANCE VALUES
AVAILABLE
m
Ω
WEIGHT
(typical)
g/1000 pieces
WSL3921
3.0
1.0 and 5.0
0.3, 0.5, 1, 2, 3, 4
281
WSL5931
5.0
1.0 and 5.0
0.2, 0.3, 0.5, 1, 2, 3
398
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
WSL RESISTOR CHARACTERISTICS
Temperature Coefficient
ppm/°C
± 225 for 0.2 m
Ω, ± 175 for 0.3 mΩ and 0.5 mΩ, ± 75 for 1 mΩ to 4 mΩ
Operating Temperature Range
°C
- 65 to + 170
Maximum Working Voltage
V
(
P x R)1/2
GLOBAL MODEL
SPECIAL
WSL3921
L = m
Ω
F = ± 1.0 %
EA = Lead (Pb)-free, tape/reel
(Dash Number)
WSL5931
L5000 = 0.0005
Ω
J = ± 5.0 %
EK = Lead (Pb)-free, bulk
(up to 2 digits)
From 1 - 99 as
applicable
GLOBAL PART NUMBER INFORMATION
W
S
L
3
9
21L
50
00
F
E
A
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING CODE
GLOBAL PART NUMBERING: WSL3921L5000FEA


Similar Part No. - WSL5931L5000FEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL5931L5000FEA VISHAY-WSL5931L5000FEA Datasheet
116Kb / 2P
   Power Metal Strip Resistors, Low Value, Surface Mount
Revision: 29-Mar-05
More results

Similar Description - WSL5931L5000FEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL39211L000FEA VISHAY-WSL39211L000FEA Datasheet
91Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.0002 Ω), Surface Mount
Revision: 11-Nov-10
WSL59311L000FEA VISHAY-WSL59311L000FEA Datasheet
91Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.0002 Ω), Surface Mount
Revision: 11-Nov-10
WSL3921 VISHAY-WSL3921_15 Datasheet
98Kb / 4P
   Power Metal Strip® Resistors, Low Value (down to 0.0002 ohm), Surface Mount
Revision: 20-Jul-15
WSL39214L000FEA VISHAY-WSL39214L000FEA Datasheet
102Kb / 4P
   Power Metal Strip® Resistors, Low Value (down to 0.0002 Ohm), Surface Mount
Revision: 10-Jan-14
WSLP4026 VISHAY-WSLP4026_V01 Datasheet
143Kb / 5P
   Power Metal Strip® Resistors, Very High Power (to 12 W), Low Value (Down to 0.0002 Ω), Surface Mount
01-Jan-2022
WSLP2726 VISHAY-WSLP2726_V01 Datasheet
152Kb / 5P
   Power Metal Strip® Resistors, Very High Power (to 12 W), Low Value (Down to 0.0002 Ω), Surface Mount
01-Jan-2022
WSLF VISHAY-WSLF Datasheet
103Kb / 4P
   Power Metal Strip® Resistors, Low Value (Down to 0.0003 Ω), Surface-Mount
Revision: 07-Apr-17
WSL2512R0800FEA VISHAY-WSL2512R0800FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
WSL1206R2000FEA VISHAY-WSL1206R2000FEA Datasheet
86Kb / 3P
   Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
Revision: 06-Jun-12
WSR VISHAY-WSR_V01 Datasheet
107Kb / 4P
   Power Metal Strip® Resistors, Low Value (Down to 0.001 Ω), Surface Mount
01-Jan-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com