Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMP3F37N8TA Datasheet(PDF) 7 Page - Zetex Semiconductors

Part # ZXMP3F37N8TA
Description  30V SO8 P-channel enhancement mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMP3F37N8TA Datasheet(HTML) 7 Page - Zetex Semiconductors

  ZXMP3F37N8TA Datasheet HTML 1Page - Zetex Semiconductors ZXMP3F37N8TA Datasheet HTML 2Page - Zetex Semiconductors ZXMP3F37N8TA Datasheet HTML 3Page - Zetex Semiconductors ZXMP3F37N8TA Datasheet HTML 4Page - Zetex Semiconductors ZXMP3F37N8TA Datasheet HTML 5Page - Zetex Semiconductors ZXMP3F37N8TA Datasheet HTML 6Page - Zetex Semiconductors ZXMP3F37N8TA Datasheet HTML 7Page - Zetex Semiconductors ZXMP3F37N8TA Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ZXMP3F37N8
Package outline SO8
SO8 Package Information
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.053
0.069
1.35
1.75
e
0.050 BSC
1.27 BSC
A1
0.004
0.010
0.10
0.25
b
0.013
0.020
0.33
0.51
D
0.189
0.197
4.80
5.00
c
0.008
0.010
0.19
0.25
H
0.228
0.244
5.80
6.20
U
E
0.150
0.157
3.80
4.00
h
0.010
0.020
0.25
0.50
L
0.016
0.050
0.40
1.27
-
-
-
-
-
Note: Controlling dimensions are in inches. Approximate dimensions are provided in millimeters
Issue 1 - August 2008
7
© Diodes Incorporated 2008
www.zetex.com
www.diodes.com


Similar Part No. - ZXMP3F37N8TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP3F37N8TA DIODES-ZXMP3F37N8TA Datasheet
261Kb / 8P
   30V SO8 P-channel enhancement mode MOSFET
More results

Similar Description - ZXMP3F37N8TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMP3F35N8 ZETEX-ZXMP3F35N8 Datasheet
294Kb / 8P
   30V SO8 P-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMP3F36N8 DIODES-ZXMP3F36N8 Datasheet
254Kb / 8P
   30V SO8 P-channel enhancement mode MOSFET
ZXMP3F37N8 DIODES-ZXMP3F37N8 Datasheet
261Kb / 8P
   30V SO8 P-channel enhancement mode MOSFET
ZXMP3F35N8 DIODES-ZXMP3F35N8 Datasheet
250Kb / 8P
   30V SO8 P-channel enhancement mode MOSFET
logo
Zetex Semiconductors
ZXMP3F37DN8 ZETEX-ZXMP3F37DN8 Datasheet
294Kb / 8P
   30V SO8 Dual P-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMP3F37DN8 DIODES-ZXMP3F37DN8 Datasheet
250Kb / 8P
   30V SO8 Dual P-channel enhancement mode MOSFET
ZXMN3F31DN8 DIODES-ZXMN3F31DN8 Datasheet
433Kb / 8P
   30V SO8 dual N-channel enhancement mode MOSFET
logo
Zetex Semiconductors
ZXMN3G32DN8 ZETEX-ZXMN3G32DN8 Datasheet
419Kb / 8P
   30V SO8 dual N-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMN3G32DN8 DIODES-ZXMN3G32DN8 Datasheet
450Kb / 8P
   30V SO8 dual N-channel enhancement mode MOSFET
logo
Zetex Semiconductors
ZXMN3F31DN8 ZETEX-ZXMN3F31DN8 Datasheet
470Kb / 8P
   30V SO8 dual N-channel enhancement mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com