Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MALREKB00JS247X00K Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MALREKB00JS247X00K
Description  Aluminum Capacitors Radial Style
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALREKB00JS247X00K Datasheet(HTML) 2 Page - Vishay Siliconix

  MALREKB00JS247X00K Datasheet HTML 1Page - Vishay Siliconix MALREKB00JS247X00K Datasheet HTML 2Page - Vishay Siliconix MALREKB00JS247X00K Datasheet HTML 3Page - Vishay Siliconix MALREKB00JS247X00K Datasheet HTML 4Page - Vishay Siliconix MALREKB00JS247X00K Datasheet HTML 5Page - Vishay Siliconix MALREKB00JS247X00K Datasheet HTML 6Page - Vishay Siliconix MALREKB00JS247X00K Datasheet HTML 7Page - Vishay Siliconix MALREKB00JS247X00K Datasheet HTML 8Page - Vishay Siliconix MALREKB00JS247X00K Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Document Number: 25013
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 24-Jun-08
299
EKB
Aluminum Capacitors
Radial Style
Vishay Roederstein
Note
10 % capacitance tolerance on request
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(µF)
RATED VOLTAGE (V)
160
200
250
350
400
450
2.2
→→
6.3 x 11
8 x 11.5
10 x 12.5
3.3
6.3 x 11
8 x 11.5
10 x 12.5
10 x 16
4.7
6.3 x 11
8 x 11.5
10 x 12.5
10 x 16
6.8
8 x 11.5
10 x 12.5
10 x 16
10 x 20
10
→→
10 x 12.5
10 x 16
10 x 20
12.5 x 20
15
→→
10 x 16
10 x 20
12.5 x 20
12.5 x 25
22
10 x 16
10 x 20
12.5 x 20
12.5 x 25
16 x 25
33
10 x 20
12.5 x 20
12.5 x 25
16 x 25
16 x 31.5
47
12.5 x 20
12.5 x 25
16 x 25
16 x 31.5
16 x 35.5
68
12.5 x 25
16 x 20
16 x 25
16 x 31.5
18 x 35.5
18 x 40
100
12.5 x 25
16 x 25
16 x 31.5
18 x 35.5
18 x 40
-
150
16 x 25
16 x 35.5
18 x 35.5
18 x 40
-
-
220
16 x 31.5
18 x 35.5
18 x 40
-
-
-
330
18 x 35.5
18 x 40
-
-
-
-
470
18 x 40
-
-
-
-
-
RADIAL STYLE: DIMENSIONS in millimeters
Ø D
5
6.3
8
10
12.5
16
18
22
25
S
2.0
2.5
3.5
5.0
5.0
7.5
7.5
10.0
12.5
Ø d
0.5
0.5
0.6
0.6
0.6
0.8
0.8
1.0
1.0
β
1.5
2.0
α
0.5
1.0
L +
β max.
Ø d ± 0.05 tinned copper-ply steel
S ± 0.5
15 min.
4 min.
+
-


Similar Part No. - MALREKB00JS247X00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALREKB00JG510B00K VISHAY-MALREKB00JG510B00K Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
MALREKB00JL515B00K VISHAY-MALREKB00JL515B00K Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
More results

Similar Description - MALREKB00JS247X00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EKF VISHAY-EKF Datasheet
89Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 13-Jun-08
EKV VISHAY-EKV Datasheet
94Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKV VISHAY-EKV_12 Datasheet
102Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKS VISHAY-EKS Datasheet
209Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 18-Aug-04
EKA VISHAY-EKA Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKC VISHAY-EKC Datasheet
98Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 05-Nov-08
EKB VISHAY-EKB_12 Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKO VISHAY-EKO Datasheet
305Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 30-Aug-05
EKX VISHAY-EKX Datasheet
100Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKE VISHAY-EKE Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 15-Jul-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com