Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSL3921LFEK Datasheet(PDF) 3 Page - Vishay Siliconix

Part # WSL3921LFEK
Description  Power Metal Strip® Resistors, Low Value (down to 0.0002 Ω), Surface Mount
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSL3921LFEK Datasheet(HTML) 3 Page - Vishay Siliconix

  WSL3921LFEK Datasheet HTML 1Page - Vishay Siliconix WSL3921LFEK Datasheet HTML 2Page - Vishay Siliconix WSL3921LFEK Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - WSL3921LFEK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL3921 VISHAY-WSL3921 Datasheet
116Kb / 2P
   Power Metal Strip Resistors, Low Value, Surface Mount
Revision: 29-Mar-05
WSL3921 VISHAY-WSL3921 Datasheet
91Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.0002 Ω), Surface Mount
Revision: 11-Nov-10
WSL3921 VISHAY-WSL3921 Datasheet
102Kb / 4P
   Power Metal Strip® Resistors, Low Value (down to 0.0002 Ohm), Surface Mount
Revision: 10-Jan-14
WSL3921 VISHAY-WSL3921 Datasheet
142Kb / 5P
   Power Metal Strip® Resistors, Low Value (Down to 0.0001 Ω), Surface-Mount
01-Jan-2022
WSL39211L000FEA VISHAY-WSL39211L000FEA Datasheet
91Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.0002 Ω), Surface Mount
Revision: 11-Nov-10
More results

Similar Description - WSL3921LFEK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL39211L000FEA VISHAY-WSL39211L000FEA Datasheet
91Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.0002 Ω), Surface Mount
Revision: 11-Nov-10
WSL59311L000FEA VISHAY-WSL59311L000FEA Datasheet
91Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.0002 Ω), Surface Mount
Revision: 11-Nov-10
WSL3921 VISHAY-WSL3921_15 Datasheet
98Kb / 4P
   Power Metal Strip® Resistors, Low Value (down to 0.0002 ohm), Surface Mount
Revision: 20-Jul-15
WSL39214L000FEA VISHAY-WSL39214L000FEA Datasheet
102Kb / 4P
   Power Metal Strip® Resistors, Low Value (down to 0.0002 Ohm), Surface Mount
Revision: 10-Jan-14
WSLP4026 VISHAY-WSLP4026_V01 Datasheet
143Kb / 5P
   Power Metal Strip® Resistors, Very High Power (to 12 W), Low Value (Down to 0.0002 Ω), Surface Mount
01-Jan-2022
WSLP2726 VISHAY-WSLP2726_V01 Datasheet
152Kb / 5P
   Power Metal Strip® Resistors, Very High Power (to 12 W), Low Value (Down to 0.0002 Ω), Surface Mount
01-Jan-2022
WSLF VISHAY-WSLF Datasheet
103Kb / 4P
   Power Metal Strip® Resistors, Low Value (Down to 0.0003 Ω), Surface-Mount
Revision: 07-Apr-17
WSL2512R0800FEA VISHAY-WSL2512R0800FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
WSL1206R2000FEA VISHAY-WSL1206R2000FEA Datasheet
86Kb / 3P
   Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
Revision: 06-Jun-12
WSR VISHAY-WSR_V01 Datasheet
107Kb / 4P
   Power Metal Strip® Resistors, Low Value (Down to 0.001 Ω), Surface Mount
01-Jan-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com