Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV270N4F3 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STV270N4F3
Description  N-channel 40 V, 1.25 m廓, 270 A, PowerSO-10 STripFET??Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV270N4F3 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STV270N4F3 Datasheet HTML 4Page - STMicroelectronics STV270N4F3 Datasheet HTML 5Page - STMicroelectronics STV270N4F3 Datasheet HTML 6Page - STMicroelectronics STV270N4F3 Datasheet HTML 7Page - STMicroelectronics STV270N4F3 Datasheet HTML 8Page - STMicroelectronics STV270N4F3 Datasheet HTML 9Page - STMicroelectronics STV270N4F3 Datasheet HTML 10Page - STMicroelectronics STV270N4F3 Datasheet HTML 11Page - STMicroelectronics STV270N4F3 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
STV270N4F3
Package mechanical data
9/12
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at:
www.st.com


Similar Part No. - STV270N4F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV2000 STMICROELECTRONICS-STV2000 Datasheet
265Kb / 38P
   I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 70 MHz RGB PREAMPLIFIER
STV2001 STMICROELECTRONICS-STV2001 Datasheet
528Kb / 46P
   I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 120 MHz RGB PREAMPLIFIER
STV200N55F3 STMICROELECTRONICS-STV200N55F3 Datasheet
491Kb / 12P
   N-channel 55 V, 1.8 mΩ, 200 A, PowerSO-10 STripFET™ Power MOSFET
March 2009 Rev 3
STV2050A STMICROELECTRONICS-STV2050A Datasheet
645Kb / 83P
   AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
STV2102 STMICROELECTRONICS-STV2102 Datasheet
370Kb / 12P
   I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 120 MHz RGB PREAMPLIFIER
More results

Similar Description - STV270N4F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV250N55F3 STMICROELECTRONICS-STV250N55F3 Datasheet
533Kb / 12P
   N-channel 55 V, 1.5 m廓, 250 A, PowerSO-10 STripFET??Power MOSFET
STV240N75F3 STMICROELECTRONICS-STV240N75F3 Datasheet
1,002Kb / 15P
   N-channel 75 V, 2.3 m廓, 240 A PowerSO-10 STripFET??III Power MOSFET
STD55N4F5 STMICROELECTRONICS-STD55N4F5 Datasheet
781Kb / 13P
   N-channel 40 V, 7.3 m廓, 40 A, DPAK STripFET??V Power MOSFET
STV300NH02L STMICROELECTRONICS-STV300NH02L_1 Datasheet
420Kb / 12P
   N-channel 24V - 0.8m廓 - 280A - PowerSO-10 STripFET??Power MOSFET
STV160NF02LT4 STMICROELECTRONICS-STV160NF02LT4 Datasheet
355Kb / 8P
   N-CHANNEL 20V - 0.0016廓 - 160A PowerSO-10 STripFET??II POWER MOSFET
STH270N4F3-2 STMICROELECTRONICS-STH270N4F3-2 Datasheet
1,023Kb / 19P
   N-channel 40 V, 1.4 m廓 typ., 180 A STripFET III Power MOSFET
STV200N55F3 STMICROELECTRONICS-STV200N55F3 Datasheet
491Kb / 12P
   N-channel 55 V, 1.8 mΩ, 200 A, PowerSO-10 STripFET™ Power MOSFET
March 2009 Rev 3
STK32N4LLH5 STMICROELECTRONICS-STK32N4LLH5 Datasheet
321Kb / 13P
   N-channel 40 V, 0.0017 廓, 32 A, PolarPAK짰 STripFET??V Power MOSFET
STK40N2LLH5 STMICROELECTRONICS-STK40N2LLH5 Datasheet
320Kb / 13P
   N-channel 25 V, 0.0014 廓, 40 A, PolarPAK짰 STripFET??V Power MOSFET
STV60NE06-16 STMICROELECTRONICS-STV60NE06-16 Datasheet
52Kb / 6P
   N - CHANNEL 60V - 0.013ohm - 60A PowerSO-10 STripFET POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com