Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EB81BC10SGFXA Datasheet(PDF) 2 Page - Vishay Siliconix

Part # EB81BC10SGFXA
Description  Edgeboard Connectors, Dual Readout
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EB81BC10SGFXA Datasheet(HTML) 2 Page - Vishay Siliconix

  EB81BC10SGFXA Datasheet HTML 1Page - Vishay Siliconix EB81BC10SGFXA Datasheet HTML 2Page - Vishay Siliconix EB81BC10SGFXA Datasheet HTML 3Page - Vishay Siliconix EB81BC10SGFXA Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
15
EB8
Vishay Dale
Document Number 36005
Revision 14-Aug-02
For technical questions, contact Connectors@vishay.com
DIMENSIONS in inches [millimeters]
TERMINAL VARIATIONS in inches [millimeters]
Type “A”
Pierced
Type “C”
Type “D”
Solder Dip
Type “L”
SolderDip
Section C-C
# OF CONTACT
POSITIONS
A
B
D
E
6
1.78 [45.21]
1.531 [38.89]
1.240 [31.50]
1.100 [27.94]
10
2.41 [61.21]
2.156 [54.76]
1.864 [47.35]
1.724 [43.79]
12
2.72 [69.09]
2.469 [62.71]
2.176 [55.27]
2.036 [51.71]
15
3.19 [81.03]
2.937 [74.60]
2.644 [67.16]
2.504 [63.60]
18
3.66 [92.96]
3.406 [86.51]
3.112 [79.05]
2.972 [75.49]
22
4.28 [108.71]
4.031 [102.39]
3.736 [94.89]
3.596 [91.34]
24
4.59 [116.59]
4.344 [110.33]
4.051 [102.89]
3.911 [99.34]
25
4.75 [120.65]
4.500 [114.30]
4.207 [106.86]
4.067 [103.30]
Type “K”
Solder Dip
0.054 - 0.071
[1.37 - 1.80]
0.200
[5.08]
0.330 [8.38]
Depth of
Card
Insertion
0.030 [.762]
0.350 [8.89]
Typ.
0.156 [3.96]
Typ.
See Table for
Contact Variations
0.250
[6.35]
0.460
[11.70]
0.060 [1.52]
R Typ.
C
C
A
B
E
D
0.340
[8.64]
0.200
± 0.015
[5.08
± 0.381]
To fit 3,
#22 AWG
Wires
0.086
[2.18]
0.200
± 0.015
[5.08
± 0.381]
0.125
± 0.015
[3.18
± 0.381]
To fit 0.051 [1.30]
Dia. Eyelet
0.200
± 0.015
[5.08
± 0.381]
0.104
± 0.015 [2.64 ± 0.381]
To fit 0.051[1.30]
Dia. Eyelet
0.200
± 0.015 [5.08 ± 0.381]
0.200
± 0.015
[5.08
± 0.381]
To fit 0.051[1.30]
Dia. Eyelet
0.200
± 0.015
[5.08
± .381]
0.156
± 0.015 [3.96 ± 0.381]
To fit 0.036 [0.914]
Dia. Eyelet
Edgeboard Connectors, Dual Readout


Similar Part No. - EB81BC10SGFXA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EB81BC10SGXA VISHAY-EB81BC10SGXA Datasheet
124Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision: 16-Feb-09
More results

Similar Description - EB81BC10SGFXA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EB8 VISHAY-EB8_09 Datasheet
124Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision: 16-Feb-09
EB7D VISHAY-EB7D Datasheet
178Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision 14-Aug-02
EB7D VISHAY-EB7D_09 Datasheet
138Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision: 16-Feb-09
EB7S VISHAY-EB7S Datasheet
145Kb / 3P
   Edgeboard Connectors, Single Readout
Revision 14-Aug-02
EB7S VISHAY-EB7S_08 Datasheet
162Kb / 4P
   Edgeboard Connectors, Single Readout
Revision 14-Aug-02
EB7S VISHAY-EB7S_09 Datasheet
127Kb / 4P
   Edgeboard Connectors, Single Readout
Revision: 16-Feb-09
EB4678 VISHAY-EB4678 Datasheet
202Kb / 8P
   Edgeboard Connectors 200°C Burn-In Connectors, Dual Readout
Revision 14-Aug-02
EB6 VISHAY-EB6_V01 Datasheet
194Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.125" (3.17 mm) C-C, Standard and Right Angle Terminals
01-Jan-2022
EB6 VISHAY-EB6 Datasheet
148Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.125" [3.17mm] C-C, Standard and Right Angle Terminals
Revision 14-Aug-02
EB4 VISHAY-EB4 Datasheet
158Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.100" [2.54mm] C-C, Standard and Right Angle Terminals
Revision 14-Aug-02
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com