Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSL2512E10E0EBA Datasheet(PDF) 1 Page - Vishay Siliconix

Part # WSL2512E10E0EBA
Description  Power Metal Strip® Flip Chip (Extended Range) Patents Pending
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSL2512E10E0EBA Datasheet(HTML) 1 Page - Vishay Siliconix

  WSL2512E10E0EBA Datasheet HTML 1Page - Vishay Siliconix WSL2512E10E0EBA Datasheet HTML 2Page - Vishay Siliconix WSL2512E10E0EBA Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Power Metal Strip® Flip Chip (Extended Range)
Patents Pending
WSL....E
Vishay Dale
www.vishay.com
For technical questions, contact: ww2bresistors@vishay.com
Document Number: 20033
38
Revision: 18-Nov-08
FEATURES
• SMD alternative for low power leaded
wirewound resistors
• Excellent stability in different environmental
conditions (< 0.5 % change in resistance)
• Superior overload and pulse handling capability
as compared to thin film (as much as 2 x better)
• Low TCR, down to ± 15 ppm/K
• Low noise: < 0.01 µV
rms/V
• Voltage coefficient: < 0.00001 %/V
(< 0.1 ppm/V)
• Very low inductance: < 0.08 µH
Notes
• Ask about further value ranges, tighter tolerances and TCR’s
• Power rating depends on the max. temperature at the solder point, the component placement density and the substrate material
• 4-Digit Marking, according to MIL-PRF-55342 (except as noted in Ordering Information table), on top side
(1) Rated voltage:
(2) Contact factory using e-mail address at bottom of this page for resistance values available between 0R5 - 10R for 1506 and 0R5 - 100R for
2010 and 2512
Notes
(3) Rated voltage:
(4) Depending on solder pad dimensions
Note
• Embossed Carrier Tape per EIA-481-1.2
* Pb containing terminations are not RoHS compliant, exemptions may apply
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
SIZE
INCH
POWER
RATING
P70 °C
LIMITING ELEMENT
VOLTAGE MAX (1)
V
TEMPERATURE
COEFFICIENT
ppm/K
TOLERANCE
%
RESISTANCE
RANGE (2)
Ω
E-SERIES
WSL1506E
1506
0.25
63
15, 25
0.5, 1
0R5 - 10K
96
WSL2010E
2010
0.5
100
15, 25
0.5, 1
0R5 - 10K
96
WSL2512E
2512
1.0
100
15, 25
0.5, 1
0R5 - 10K
96
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
WSL1506E
WSL2010E
WSL2512E
Rated Dissipation at 70 °C
W
0.25
0.5
1.0
Limiting Element Voltage (3)
V
63
100
100
Insulation Voltage (1 min)
Vdc/ac peak
200
200
200
Thermal Resistance
K/W
≤ 220 (4)
≤ 88 (4)
≤ 65 (4)
Insulation Resistance
M
Ω
> 106
Category Temperature Range
°C
- 55 to + 150
Weight/1000 pieces
g
12
25
35
PxR
PxR
PACKAGING
MODEL
REEL
TAPE WIDTH
DIAMETER
PIECES/REEL
CODE
WSL1506E
12 mm/Embossed Plastic
180 mm/7"
4000
EA
WSL2010E
12 mm/Embossed Plastic
180 mm/7"
4000
EA
WSL2512E
12 mm/Embossed Plastic
180 mm/7"
2000
EA
GLOBAL PART NUMBER INFORMATION
WS
L
1
50
6E
10
E0
X
E
A
WSL1506E
E = ± 25 ppm/K
X = ± 15 ppm/K
(Dash Number)
(up to 2 digits)
From 1 - 99 as
applicable
Resistance
Tolerance (±)
0.5
0.5
0.5
1.0
1.0
1.0
Multiplier
X1
X1000
X1 000 000
X1
X1000
X1 000 000
Symbol
W
X
Y
D
E
F
GLOBAL MODEL
TOLERANCE CODE
SPECIAL
RESISTANCE VALUE & TOLERANCE
PACKAGING
EA = Lead (Pb)-free, tape/reel
EK = Lead (Pb)-free, bulk
TA = Tape/reel (R86)
BA = Bulk (B43)
NEW GLOBAL PART NUMBERING: WSL1506E10E0XEA


Similar Part No. - WSL2512E10E0EBA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL2512E10E0EE VISHAY-WSL2512E10E0EE Datasheet
136Kb / 2P
   Power Metal Strip Flip Chip (Extended Range) Patents Pending
Revision 11-Oct-02
WSL2512E10E0EETA VISHAY-WSL2512E10E0EETA Datasheet
136Kb / 2P
   Power Metal Strip Flip Chip (Extended Range) Patents Pending
Revision 11-Oct-02
WSL2512E10E0EX VISHAY-WSL2512E10E0EX Datasheet
136Kb / 2P
   Power Metal Strip Flip Chip (Extended Range) Patents Pending
Revision 11-Oct-02
WSL2512E10E0EXTA VISHAY-WSL2512E10E0EXTA Datasheet
136Kb / 2P
   Power Metal Strip Flip Chip (Extended Range) Patents Pending
Revision 11-Oct-02
More results

Similar Description - WSL2512E10E0EBA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL1506E VISHAY-WSL1506E Datasheet
136Kb / 2P
   Power Metal Strip Flip Chip (Extended Range) Patents Pending
Revision 11-Oct-02
VFC1206 VISHAY-VFC1206 Datasheet
127Kb / 2P
   High Precision Flip Chip, Patents Pending (Industrialized Countries)
Revision 03-Jul-02
WSE VISHAY-WSE Datasheet
207Kb / 3P
   Power Metal Strip® Resistors (Extended Range) Surface Mount
Revision: 13-Oct-06
WSE VISHAY-WSE_15 Datasheet
97Kb / 3P
   Power Metal Strip® Resistors (Extended Range), Surface Mount
Revision: 15-Feb-11
logo
Panasonic Semiconductor
ELJ-FCR47KF PANASONIC-ELJ-FCR47KF Datasheet
482Kb / 19P
   Industrial Property Patents 6 (pending)
logo
Linear Dimensions Semic...
LNDA003-PEAL LINEAR_DIMENSIONS-LNDA003-PEAL Datasheet
245Kb / 1P
   PEAL Signal Extraction System (PATENTS PENDING)
logo
Vishay Siliconix
E102Z VISHAY-E102Z Datasheet
95Kb / 3P
   Ultra High Precision Bulk Metal® Z-Foil Extended Value Range Resistor
Revision: 28-Feb-08
298D VISHAY-298D_V01 Datasheet
485Kb / 18P
   Solid Tantalum Chip Capacitors 298D MICROTAN®, 298W Extended Range MICROTAN®, Leadframeless Molded
01-Jan-2022
298D VISHAY-298D_17 Datasheet
419Kb / 18P
   Solid Tantalum Chip Capacitors 298D MICROTAN®, 298W Extended Range MICROTAN® , Leadframeless Molded
Revision: 18-Jul-17
WSK0612 VISHAY-WSK0612_15 Datasheet
84Kb / 3P
   Power Metal Strip® Resistors, High Power, Surface Mount, 4-Terminal
Revision: 28-Oct-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com