Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFAA04SD60TRPBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # HFAA04SD60TRPBF
Description  Ultrafast Soft Recovery Diode, 4 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HFAA04SD60TRPBF Datasheet(HTML) 4 Page - Vishay Siliconix

  HFAA04SD60TRPBF Datasheet HTML 1Page - Vishay Siliconix HFAA04SD60TRPBF Datasheet HTML 2Page - Vishay Siliconix HFAA04SD60TRPBF Datasheet HTML 3Page - Vishay Siliconix HFAA04SD60TRPBF Datasheet HTML 4Page - Vishay Siliconix HFAA04SD60TRPBF Datasheet HTML 5Page - Vishay Siliconix HFAA04SD60TRPBF Datasheet HTML 6Page - Vishay Siliconix HFAA04SD60TRPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94034
4
Revision: 29-Jul-08
HFA04SD60SPbF
Vishay High Power Products
HEXFRED®
Ultrafast Soft Recovery Diode, 4 A
Fig. 5 - Typical Reverse Recovery Time vs. dIF/dt
Fig. 6 - Typical Recovery Current vs. dIF/dt
Fig. 7 - Typical Stored Charge vs. dIF/dt
Fig. 8 - Typical dI(rec)M/dt vs. dIF/dt
50
40
20
100
1000
dIF/dt (A/µs)
30
I
F = 8 A
I
F = 4 A
V
R = 200 V
T
J = 125 °C
T
J = 25 °C
14
10
0
100
1000
dIF/dt (A/µs)
4
I
F = 8 A
I
F = 4 A
V
R = 200 V
T
J = 125 °C
T
J = 25 °C
2
6
8
12
200
160
20
100
1000
dIF/dt (A/µs)
60
I
F = 8 A
I
F = 4 A
V
R = 200 V
T
J = 125 °C
T
J = 25 °C
40
80
120
180
100
140
1000
100
100
1000
dIF/dt (A/µs)
V
R = 200 V
T
J = 125 °C
T
J = 25 °C
I
F = 8 A
I
F = 4 A


Similar Part No. - HFAA04SD60TRPBF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HFAA ETC2-HFAA Datasheet
45Kb / 3P
   PLUG-IN MODULES
logo
Hongfa Technology
HFAA HONGFA-HFAA Datasheet
53Kb / 3P
   PLUG-IN MODULES
HFAA-HFHU HONGFA-HFAA-HFHU Datasheet
53Kb / 3P
   PLUG IN MODULES
More results

Similar Description - HFAA04SD60TRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA04TB60SPBF VISHAY-HFA04TB60SPBF Datasheet
118Kb / 7P
   Ultrafast Soft Recovery Diode, 4 A
Revision: 22-Oct-08
HFA04TB60 VISHAY-HFA04TB60 Datasheet
118Kb / 6P
   Ultrafast, Soft Recovery Diode, 4 A
Revision: 30-Jul-08
HFA04TB60S VISHAY-HFA04TB60S Datasheet
117Kb / 7P
   Ultrafast Soft Recovery Diode, 4 A
Revision: 22-Oct-08
HFA04TB60PBF VISHAY-HFA04TB60PBF Datasheet
118Kb / 6P
   Ultrafast Soft Recovery Diode, 4 A
Revision: 28-Jul-08
VS-HFA04TB60-M3 VISHAY-VS-HFA04TB60-M3_V01 Datasheet
169Kb / 7P
   HEXFRED짰 Ultrafast Soft Recovery Diode, 4 A
01-Jan-2022
VS-HFA04TB60S-M3 VISHAY-VS-HFA04TB60S-M3 Datasheet
164Kb / 7P
   HEXFRED Ultrafast Soft Recovery Diode, 4 A
Revision: 25-Oct-17
VS-HFA04TB60PBF VISHAY-VS-HFA04TB60PBF_V01 Datasheet
142Kb / 8P
   HEXFRED짰 Ultrafast Soft Recovery Diode, 4 A
08-Feb-17
VS-HFA04SD6-M3 VISHAY-VS-HFA04SD6-M3 Datasheet
144Kb / 8P
   HEXFRED® , Ultrafast Soft Recovery Diode, 4 A
Revision: 12-Apr-18
VS-HFA04SD60S-M3 VISHAY-VS-HFA04SD60S-M3_V01 Datasheet
145Kb / 8P
   HEXFRED짰, Ultrafast Soft Recovery Diode, 4 A
01-Jan-2022
HFA04SD60SPBF VISHAY-HFA04SD60SPBF_11 Datasheet
139Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 4 A
Revision: 14-Jun-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com