Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFB04TB60S Datasheet(PDF) 3 Page - Vishay Siliconix

Part # HFB04TB60S
Description  Ultrafast Soft Recovery Diode, 4 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HFB04TB60S Datasheet(HTML) 3 Page - Vishay Siliconix

  HFB04TB60S Datasheet HTML 1Page - Vishay Siliconix HFB04TB60S Datasheet HTML 2Page - Vishay Siliconix HFB04TB60S Datasheet HTML 3Page - Vishay Siliconix HFB04TB60S Datasheet HTML 4Page - Vishay Siliconix HFB04TB60S Datasheet HTML 5Page - Vishay Siliconix HFB04TB60S Datasheet HTML 6Page - Vishay Siliconix HFB04TB60S Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 93033
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 22-Oct-08
3
HFA04TB60S
HEXFRED®
Ultrafast Soft Recovery Diode, 4 A
Vishay High Power Products
Fig. 1 - Maximum Forward Voltage Drop vs.
Instantaneous Forward Current
Fig. 2 - Typical Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
1
10
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
0
6
2
3
VFM - Forward Voltage Drop (V)
100
14
0.1
5
0.01
0.1
1
10
100
0
100
200
VR - Reverse Voltage (V)
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
0.001
1000
300
500
400
10
100
1
10
100
1000
1
VR - Reverse Voltage (V)
T
J = 25 °C
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
t1 - Rectangular Pulse Duration (s)
Single pulse
(thermal resistance)
P
DM
t
1
t
2
Notes:
1. Duty factor D = t
1/t2
2. Peak T
J = PDM x ZthJC + TC
10
D = 0.50
D = 0.20
D = 0.10
D = 0.05
D = 0.02
D = 0.01


Similar Part No. - HFB04TB60S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFB04TB60S VISHAY-HFB04TB60S Datasheet
118Kb / 7P
   Ultrafast Soft Recovery Diode, 4 A
Revision: 22-Oct-08
HFB04TB60SPBF VISHAY-HFB04TB60SPBF Datasheet
118Kb / 7P
   Ultrafast Soft Recovery Diode, 4 A
Revision: 22-Oct-08
More results

Similar Description - HFB04TB60S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA04TB60SPBF VISHAY-HFA04TB60SPBF Datasheet
118Kb / 7P
   Ultrafast Soft Recovery Diode, 4 A
Revision: 22-Oct-08
HFA04SD60SPBF VISHAY-HFA04SD60SPBF Datasheet
125Kb / 7P
   Ultrafast Soft Recovery Diode, 4 A
Revision: 29-Jul-08
HFA04TB60 VISHAY-HFA04TB60 Datasheet
118Kb / 6P
   Ultrafast, Soft Recovery Diode, 4 A
Revision: 30-Jul-08
HFA04TB60PBF VISHAY-HFA04TB60PBF Datasheet
118Kb / 6P
   Ultrafast Soft Recovery Diode, 4 A
Revision: 28-Jul-08
VS-HFA04TB60-M3 VISHAY-VS-HFA04TB60-M3_V01 Datasheet
169Kb / 7P
   HEXFRED짰 Ultrafast Soft Recovery Diode, 4 A
01-Jan-2022
VS-HFA04TB60S-M3 VISHAY-VS-HFA04TB60S-M3 Datasheet
164Kb / 7P
   HEXFRED Ultrafast Soft Recovery Diode, 4 A
Revision: 25-Oct-17
VS-HFA04TB60PBF VISHAY-VS-HFA04TB60PBF_V01 Datasheet
142Kb / 8P
   HEXFRED짰 Ultrafast Soft Recovery Diode, 4 A
08-Feb-17
VS-HFA04SD6-M3 VISHAY-VS-HFA04SD6-M3 Datasheet
144Kb / 8P
   HEXFRED® , Ultrafast Soft Recovery Diode, 4 A
Revision: 12-Apr-18
VS-HFA04SD60S-M3 VISHAY-VS-HFA04SD60S-M3_V01 Datasheet
145Kb / 8P
   HEXFRED짰, Ultrafast Soft Recovery Diode, 4 A
01-Jan-2022
HFA04SD60SPBF VISHAY-HFA04SD60SPBF_11 Datasheet
139Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 4 A
Revision: 14-Jun-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com