Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFB04TB60S Datasheet(PDF) 2 Page - Vishay Siliconix

Part # HFB04TB60S
Description  Ultrafast Soft Recovery Diode, 4 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HFB04TB60S Datasheet(HTML) 2 Page - Vishay Siliconix

  HFB04TB60S Datasheet HTML 1Page - Vishay Siliconix HFB04TB60S Datasheet HTML 2Page - Vishay Siliconix HFB04TB60S Datasheet HTML 3Page - Vishay Siliconix HFB04TB60S Datasheet HTML 4Page - Vishay Siliconix HFB04TB60S Datasheet HTML 5Page - Vishay Siliconix HFB04TB60S Datasheet HTML 6Page - Vishay Siliconix HFB04TB60S Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94036
2
Revision: 22-Oct-08
HFA04TB60SPbF
Vishay High Power Products
HEXFRED®
Ultrafast Soft Recovery Diode, 4 A
ELECTRICAL SPECIFICATIONS (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Cathode to anode
breakdown voltage
VBR
IR = 100 µA
600
-
-
V
Maximum forward voltage
VFM
IF = 4.0 A
See fig. 1
-1.5
1.8
IF = 8.0 A
-
1.8
2.2
IF = 4.0 A, TJ = 125 °C
-
1.4
1.7
Maximum reverse
leakage current
IRM
VR = VR rated
See fig. 2
-
0.17
3.0
µA
TJ = 125 °C, VR = 0.8 x VR rated
-
44
300
Junction capacitance
CT
VR = 200 V
See fig. 3
-
4.0
8.0
pF
Series inductance
LS
Measured lead to lead 5 mm from package body
-
8.0
-
nH
DYNAMIC RECOVERY CHARACTERISTICS (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Reverse recovery time
See fig. 5, 6
trr
IF = 1.0 A, dIF/dt = 200 A/µs, VR = 30 V
-
17
-
ns
trr1
TJ = 25 °C
IF = 4.0 A
dIF/dt = 200 A/µs
VR = 200 V
-28
42
trr2
TJ = 125 °C
-
38
57
Peak recovery current
IRRM1
TJ = 25 °C
-
2.9
5.2
A
IRRM2
TJ = 125 °C
-
3.7
6.7
Reverse recovery charge
See fig. 7
Qrr1
TJ = 25 °C
-
40
60
nC
Qrr2
TJ = 125 °C
-
70
105
Peak rate of fall of recovery
current during tb
See fig. 8
dI(rec)M/dt1
TJ = 25 °C
-
280
-
A/µs
dI(rec)M/dt2
TJ = 125 °C
-
235
-
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Lead temperature
Tlead
0.063" from case (1.6 mm) for 10 s
-
-
300
°C
Thermal resistance,
junction to case
RthJC
--
5.0
K/W
Thermal resistance,
junction to ambient
RthA
Typical socket mount
-
-
80
Weight
-2.0
-
g
-0.07-
oz.
Marking device
Case style D2PAK
HFA04TB60S


Similar Part No. - HFB04TB60S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFB04TB60S VISHAY-HFB04TB60S Datasheet
117Kb / 7P
   Ultrafast Soft Recovery Diode, 4 A
Revision: 22-Oct-08
HFB04TB60SPBF VISHAY-HFB04TB60SPBF Datasheet
117Kb / 7P
   Ultrafast Soft Recovery Diode, 4 A
Revision: 22-Oct-08
More results

Similar Description - HFB04TB60S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA04SD60SPBF VISHAY-HFA04SD60SPBF Datasheet
125Kb / 7P
   Ultrafast Soft Recovery Diode, 4 A
Revision: 29-Jul-08
HFA04TB60 VISHAY-HFA04TB60 Datasheet
118Kb / 6P
   Ultrafast, Soft Recovery Diode, 4 A
Revision: 30-Jul-08
HFA04TB60S VISHAY-HFA04TB60S Datasheet
117Kb / 7P
   Ultrafast Soft Recovery Diode, 4 A
Revision: 22-Oct-08
HFA04TB60PBF VISHAY-HFA04TB60PBF Datasheet
118Kb / 6P
   Ultrafast Soft Recovery Diode, 4 A
Revision: 28-Jul-08
VS-HFA04TB60-M3 VISHAY-VS-HFA04TB60-M3_V01 Datasheet
169Kb / 7P
   HEXFRED짰 Ultrafast Soft Recovery Diode, 4 A
01-Jan-2022
VS-HFA04TB60S-M3 VISHAY-VS-HFA04TB60S-M3 Datasheet
164Kb / 7P
   HEXFRED Ultrafast Soft Recovery Diode, 4 A
Revision: 25-Oct-17
VS-HFA04TB60PBF VISHAY-VS-HFA04TB60PBF_V01 Datasheet
142Kb / 8P
   HEXFRED짰 Ultrafast Soft Recovery Diode, 4 A
08-Feb-17
VS-HFA04SD6-M3 VISHAY-VS-HFA04SD6-M3 Datasheet
144Kb / 8P
   HEXFRED® , Ultrafast Soft Recovery Diode, 4 A
Revision: 12-Apr-18
VS-HFA04SD60S-M3 VISHAY-VS-HFA04SD60S-M3_V01 Datasheet
145Kb / 8P
   HEXFRED짰, Ultrafast Soft Recovery Diode, 4 A
01-Jan-2022
HFA04SD60SPBF VISHAY-HFA04SD60SPBF_11 Datasheet
139Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 4 A
Revision: 14-Jun-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com