Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8ETU04-1TRLPBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 8ETU04-1TRLPBF
Description  Ultrafast Rectifier, 8 A FRED PtTM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

8ETU04-1TRLPBF Datasheet(HTML) 1 Page - Vishay Siliconix

  8ETU04-1TRLPBF Datasheet HTML 1Page - Vishay Siliconix 8ETU04-1TRLPBF Datasheet HTML 2Page - Vishay Siliconix 8ETU04-1TRLPBF Datasheet HTML 3Page - Vishay Siliconix 8ETU04-1TRLPBF Datasheet HTML 4Page - Vishay Siliconix 8ETU04-1TRLPBF Datasheet HTML 5Page - Vishay Siliconix 8ETU04-1TRLPBF Datasheet HTML 6Page - Vishay Siliconix 8ETU04-1TRLPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 94031
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 21-May-08
1
Ultrafast Rectifier,
8 A FRED PtTM
8ETU04SPbF/8ETU04-1PbF
Vishay High Power Products
FEATURES
• Ultrafast recovery time
• Low forward voltage drop
• Low leakage current
• 175 °C operating junction temperature
• Lead (Pb)-free
• Designed and qualified for Q101 level
DESCRIPTION/APPLICATIONS
FRED PtTM series are the state of the art ultrafast recovery
rectifiers specifically designed with optimized performance of
forward voltage drop and ultrafast recovery time.
The planar structure and the platinum doped life time control,
guarantee the best overall performance, ruggedness and
reliability characteristics.
These devices are intended for use in the output rectification
stage of SMPS, UPS, dc-to-dc converters as well as
freewheeling diode in low voltage inverters and chopper
motor drives.
Their extremely optimized stored charge and low recovery
current minimize the switching losses and reduce over
dissipation in the switching element and snubbers.
PRODUCT SUMMARY
trr
60 ns
IF(AV)
8 A
VR
400 V
8ETU04SPbF
Anode
1
3
Base
cathode
2
N/C
D2PAK
TO-262
Anode
1
3
2
N/C
8ETU04-1PbF
Available
RoHS*
COMPLIANT
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
MAX.
UNITS
Repetitive peak reverse voltage
VRRM
400
V
Average rectified forward current
IF(AV)
TC = 155 °C
8
A
Non-repetitive peak surge current
IFSM
TC = 25 °C
100
Repetitive peak forward current
IFRM
16
Operating junction and storage temperatures
TJ, TStg
- 65 to 175
°C
ELECTRICAL SPECIFICATIONS (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Breakdown voltage,
blocking voltage
VBR,
VR
IR = 100 µA
400
-
-
V
Forward voltage
VF
IF = 8 A
-
1.19
1.3
IF = 8 A, TJ = 150 °C
-
0.94
1.0
Reverse leakage current
IR
VR = VR rated
-
0.2
10
µA
TJ = 150 °C, VR = VR rated
-
20
500
Junction capacitance
CT
VR = 400 V
-
14
-
pF
Series inductance
LS
Measured lead to lead 5 mm from package body
-
8.0
-
nH
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - 8ETU04-1TRLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
8ETU04-1TRLPBF IRF-8ETU04-1TRLPBF Datasheet
290Kb / 9P
   Ultrafast Rectifier
logo
Vishay Siliconix
8ETU04-1TRLPBF VISHAY-8ETU04-1TRLPBF Datasheet
174Kb / 9P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 11-Mar-10
More results

Similar Description - 8ETU04-1TRLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MURB820PBF VISHAY-MURB820PBF Datasheet
122Kb / 7P
   Ultrafast Rectifier, 8 A FRED PtTM
Revision: 05-Sep-08
8ETU04 VISHAY-8ETU04 Datasheet
104Kb / 7P
   Ultrafast Rectifier, 8 A FRED PtTM
Revision: 23-Jun-08
8ETU04PBF VISHAY-8ETU04PBF Datasheet
107Kb / 7P
   Ultrafast Rectifier, 8 A FRED PtTM
Revision: 08-Apr-08
MURB820 VISHAY-MURB820 Datasheet
116Kb / 7P
   Ultrafast Rectifier, 8 A FRED PtTM
Revision: 24-Jun-08
MUR820 VISHAY-MUR820 Datasheet
108Kb / 7P
   Ultrafast Rectifier, 8 A FRED PtTM
Revision: 24-Jun-08
MUR820PBF VISHAY-MUR820PBF Datasheet
107Kb / 7P
   Ultrafast Rectifier, 8 A FRED PtTM
Revision: 09-Apr-08
8ETU04S VISHAY-8ETU04S Datasheet
123Kb / 7P
   Ultrafast Rectifier, 8 A FRED PtTM
Revision: 08-Sep-08
16CTU04PBF VISHAY-16CTU04PBF_08 Datasheet
119Kb / 7P
   Ultrafast Rectifier, 2 x 8 A FRED PtTM
Revision: 21-Jul-08
16CTU04S VISHAY-16CTU04S_08 Datasheet
125Kb / 7P
   Ultrafast Rectifier, 2 x 8 A FRED PtTM
Revision: 08-Sep-08
MUR1620CTPBF VISHAY-MUR1620CTPBF Datasheet
112Kb / 7P
   Ultrafast Rectifier, 2 x 8 A FRED PtTM
Revision: 21-Jul-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com