Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA06TB120STRPBF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # HFA06TB120STRPBF
Description  Ultrafast Soft Recovery Diode, 6 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HFA06TB120STRPBF Datasheet(HTML) 6 Page - Vishay Siliconix

  HFA06TB120STRPBF Datasheet HTML 1Page - Vishay Siliconix HFA06TB120STRPBF Datasheet HTML 2Page - Vishay Siliconix HFA06TB120STRPBF Datasheet HTML 3Page - Vishay Siliconix HFA06TB120STRPBF Datasheet HTML 4Page - Vishay Siliconix HFA06TB120STRPBF Datasheet HTML 5Page - Vishay Siliconix HFA06TB120STRPBF Datasheet HTML 6Page - Vishay Siliconix HFA06TB120STRPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94039
6
Revision: 22-Oct-08
HFA06TB120SPbF
Vishay High Power Products
HEXFRED®
Ultrafast Soft Recovery Diode, 6 A
ORDERING INFORMATION TABLE
1
-
HEXFRED® family
2
-
Process designator:
A = A subs. elec. irrad.
B = B subs. platinum
3
-
Average current: 06 = 6 A
4
-
Package outline: TB = TO-220 2 lead
5
-
Voltage code: 120 = 1200 V
6
7
8
-
Configuration: S = SMD
-
Suffix: TR = Tape and reel
Device code
5
13
24
67
8
HF
A
06
TB
120
S
TR
PbF
-
None = Standard production
PbF = Lead (Pb)-free
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95046
Part marking information
http://www.vishay.com/doc?95054
Packaging information
http://www.vishay.com/doc?95032


Similar Part No. - HFA06TB120STRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA06TB120STRPBF VISHAY-HFA06TB120STRPBF Datasheet
114Kb / 7P
   Ultrafast Soft Recovery Diode, 6 A
Revision: 22-Oct-08
More results

Similar Description - HFA06TB120STRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA06PB120PBF VISHAY-HFA06PB120PBF Datasheet
111Kb / 7P
   Ultrafast Soft Recovery Diode, 6 A
Revision: 25-Jul-08
HFA06TB120 VISHAY-HFA06TB120 Datasheet
120Kb / 7P
   Ultrafast Soft Recovery Diode, 6 A
Revision: 29-Jul-08
HFA06TB120S VISHAY-HFA06TB120S Datasheet
114Kb / 7P
   Ultrafast Soft Recovery Diode, 6 A
Revision: 22-Oct-08
HFA06PB120 VISHAY-HFA06PB120 Datasheet
118Kb / 7P
   Ultrafast Soft Recovery Diode, 6 A
Revision: 29-Jul-08
HFA06TB120PBF VISHAY-HFA06TB120PBF Datasheet
113Kb / 7P
   Ultrafast Soft Recovery Diode, 6 A
Revision: 25-Jul-08
VS-HFA06TB120-M3 VISHAY-VS-HFA06TB120-M3_V01 Datasheet
165Kb / 7P
   HEXFRED짰, Ultrafast Soft Recovery Diode, 6 A
01-Jan-2022
HFA06TB120PBF VISHAY-HFA06TB120PBF_11 Datasheet
154Kb / 8P
   HEXFRED, Ultrafast Soft Recovery Diode, 6 A
Revision: 23-May-11
VS-HFA06PB1-N3 VISHAY-VS-HFA06PB1-N3 Datasheet
120Kb / 6P
   HEXFRED® , Ultrafast Soft Recovery Diode, 6 A
Revision: 29-Nov-2019
VS-HFA06TB120S-M3 VISHAY-VS-HFA06TB120S-M3_V01 Datasheet
174Kb / 8P
   HEXFRED짰 Ultrafast Soft Recovery Diode, 6 A
01-Jan-2022
VS-HFA06TB120S-M3 VISHAY-VS-HFA06TB120S-M3 Datasheet
168Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 6 A
Revision: 27-Oct-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com