Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA06TB120STRPBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # HFA06TB120STRPBF
Description  Ultrafast Soft Recovery Diode, 6 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HFA06TB120STRPBF Datasheet(HTML) 1 Page - Vishay Siliconix

  HFA06TB120STRPBF Datasheet HTML 1Page - Vishay Siliconix HFA06TB120STRPBF Datasheet HTML 2Page - Vishay Siliconix HFA06TB120STRPBF Datasheet HTML 3Page - Vishay Siliconix HFA06TB120STRPBF Datasheet HTML 4Page - Vishay Siliconix HFA06TB120STRPBF Datasheet HTML 5Page - Vishay Siliconix HFA06TB120STRPBF Datasheet HTML 6Page - Vishay Siliconix HFA06TB120STRPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 94039
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 22-Oct-08
1
HEXFRED®
Ultrafast Soft Recovery Diode, 6 A
HFA06TB120SPbF
Vishay High Power Products
FEATURES
• Ultrafast recovery
• Ultrasoft recovery
• Very low IRRM
• Very low Qrr
• Specified at operating conditions
• Lead (Pb)-free
• Designed and qualified for Q101 level
BENEFITS
• Reduced RFI and EMI
• Reduced power loss in diode and switching transistor
• Higher frequency operation
• Reduced snubbing
• Reduced parts count
DESCRIPTION
HFA06TB120S is a state of the art ultrafast recovery diode.
Employing the latest in epitaxial construction and advanced
processing techniques it features a superb combination of
characteristics which result in performance which is
unsurpassed by any rectifier previously available. With basic
ratings of 1200 V and 6 A continuous current, the
HFA06TB120S is especially well suited for use as the
companion diode for IGBTs and MOSFETs. In addition to
ultrafast recovery time, the HEXFRED® product line features
extremely low values of peak recovery current (IRRM) and
does not exhibit any tendency to “snap-off” during the
tb portion of recovery. The HEXFRED features combine to
offer designers a rectifier with lower noise and significantly
lower switching losses in both the diode and the switching
transistor. These HEXFRED advantages can help to
significantly
reduce
snubbing,
component
count
and
heatsink sizes. The HEXFRED HFA06TB120S is ideally
suited for applications in power supplies and power
conversion systems (such as inverters), motor drives, and
many other similar applications where high speed, high
efficiency is needed.
PRODUCT SUMMARY
VR
1200 V
VF at 6 A at 25 °C
3.0 V
IF(AV)
6 A
trr (typical)
26 ns
TJ (maximum)
150 °C
Qrr (typical)
116 nC
dI(rec)M/dt (typical) at 125 °C
100 A/µs
IRRM (typical)
4.4 A
1
+
3
2
Base
cathode
N/C
Anode
_
D2PAK
Available
RoHS*
COMPLIANT
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Cathode to anode voltage
VR
1200
V
Maximum continuous forward current
IF
TC = 100 °C
6
A
Single pulse forward current
IFSM
80
Maximum repetitive forward current
IFRM
24
Maximum power dissipation
PD
TC = 25 °C
62.5
W
TC = 100 °C
25
Operating junction and storage temperature range
TJ, TStg
- 55 to + 150
°C
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - HFA06TB120STRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA06TB120STRPBF VISHAY-HFA06TB120STRPBF Datasheet
114Kb / 7P
   Ultrafast Soft Recovery Diode, 6 A
Revision: 22-Oct-08
More results

Similar Description - HFA06TB120STRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA06PB120PBF VISHAY-HFA06PB120PBF Datasheet
111Kb / 7P
   Ultrafast Soft Recovery Diode, 6 A
Revision: 25-Jul-08
HFA06TB120 VISHAY-HFA06TB120 Datasheet
120Kb / 7P
   Ultrafast Soft Recovery Diode, 6 A
Revision: 29-Jul-08
HFA06TB120S VISHAY-HFA06TB120S Datasheet
114Kb / 7P
   Ultrafast Soft Recovery Diode, 6 A
Revision: 22-Oct-08
HFA06PB120 VISHAY-HFA06PB120 Datasheet
118Kb / 7P
   Ultrafast Soft Recovery Diode, 6 A
Revision: 29-Jul-08
HFA06TB120PBF VISHAY-HFA06TB120PBF Datasheet
113Kb / 7P
   Ultrafast Soft Recovery Diode, 6 A
Revision: 25-Jul-08
VS-HFA06TB120-M3 VISHAY-VS-HFA06TB120-M3_V01 Datasheet
165Kb / 7P
   HEXFRED짰, Ultrafast Soft Recovery Diode, 6 A
01-Jan-2022
HFA06TB120PBF VISHAY-HFA06TB120PBF_11 Datasheet
154Kb / 8P
   HEXFRED, Ultrafast Soft Recovery Diode, 6 A
Revision: 23-May-11
VS-HFA06PB1-N3 VISHAY-VS-HFA06PB1-N3 Datasheet
120Kb / 6P
   HEXFRED® , Ultrafast Soft Recovery Diode, 6 A
Revision: 29-Nov-2019
VS-HFA06TB120S-M3 VISHAY-VS-HFA06TB120S-M3_V01 Datasheet
174Kb / 8P
   HEXFRED짰 Ultrafast Soft Recovery Diode, 6 A
01-Jan-2022
VS-HFA06TB120S-M3 VISHAY-VS-HFA06TB120S-M3 Datasheet
168Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 6 A
Revision: 27-Oct-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com