Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFB06TB120 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # HFB06TB120
Description  Ultrafast Soft Recovery Diode, 6 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HFB06TB120 Datasheet(HTML) 3 Page - Vishay Siliconix

  HFB06TB120 Datasheet HTML 1Page - Vishay Siliconix HFB06TB120 Datasheet HTML 2Page - Vishay Siliconix HFB06TB120 Datasheet HTML 3Page - Vishay Siliconix HFB06TB120 Datasheet HTML 4Page - Vishay Siliconix HFB06TB120 Datasheet HTML 5Page - Vishay Siliconix HFB06TB120 Datasheet HTML 6Page - Vishay Siliconix HFB06TB120 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 94038
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 25-Jul-08
3
HFA06TB120PbF
HEXFRED®
Ultrafast Soft Recovery Diode, 6 A
Vishay High Power Products
Fig. 1 - Typical Forward Voltage Drop Characteristics
Fig. 2 - Typical Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
1
10
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
0
6
2
3
VF - Forward Voltage Drop (V)
100
14
0.1
5
0.01
0.1
1
10
100
0
200
600
VR - Reverse Voltage (V)
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
1000
800
1400
1200
400
1000
T
J = 100 °C
10
100
1
10
100
1000
1
VR - Reverse Voltage (V)
T
J = 25 °C
10 000
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
t1 - Rectangular Pulse Duration (s)
Single pulse
(thermal resistance)
P
DM
t
1
t
2
Notes:
1. Duty factor D = t
1/t2
2. Peak T
J = PDM x ZthJC + TC
10
D = 0.50
D = 0.20
D = 0.10
D = 0.05
D = 0.02
D = 0.01
10
100


Similar Part No. - HFB06TB120

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFB06TB120 IRF-HFB06TB120 Datasheet
150Kb / 7P
   Ultrafast, Soft Recovery Diode
logo
Vishay Siliconix
HFB06TB120 VISHAY-HFB06TB120 Datasheet
120Kb / 7P
   Ultrafast Soft Recovery Diode, 6 A
Revision: 29-Jul-08
HFB06TB120PBF VISHAY-HFB06TB120PBF Datasheet
120Kb / 7P
   Ultrafast Soft Recovery Diode, 6 A
Revision: 29-Jul-08
logo
International Rectifier
HFB06TB120STR IRF-HFB06TB120STR Datasheet
190Kb / 7P
   Ultrafast, Soft Recovery Diode
logo
Vishay Siliconix
HFB06TB120STR VISHAY-HFB06TB120STR Datasheet
114Kb / 7P
   Ultrafast Soft Recovery Diode, 6 A
Revision: 22-Oct-08
More results

Similar Description - HFB06TB120

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA06PB120PBF VISHAY-HFA06PB120PBF Datasheet
111Kb / 7P
   Ultrafast Soft Recovery Diode, 6 A
Revision: 25-Jul-08
HFA06TB120 VISHAY-HFA06TB120 Datasheet
120Kb / 7P
   Ultrafast Soft Recovery Diode, 6 A
Revision: 29-Jul-08
HFA06TB120SPBF VISHAY-HFA06TB120SPBF Datasheet
117Kb / 7P
   Ultrafast Soft Recovery Diode, 6 A
Revision: 22-Oct-08
HFA06TB120S VISHAY-HFA06TB120S Datasheet
114Kb / 7P
   Ultrafast Soft Recovery Diode, 6 A
Revision: 22-Oct-08
HFA06PB120 VISHAY-HFA06PB120 Datasheet
118Kb / 7P
   Ultrafast Soft Recovery Diode, 6 A
Revision: 29-Jul-08
VS-HFA06TB120-M3 VISHAY-VS-HFA06TB120-M3_V01 Datasheet
165Kb / 7P
   HEXFRED짰, Ultrafast Soft Recovery Diode, 6 A
01-Jan-2022
HFA06TB120PBF VISHAY-HFA06TB120PBF_11 Datasheet
154Kb / 8P
   HEXFRED, Ultrafast Soft Recovery Diode, 6 A
Revision: 23-May-11
VS-HFA06PB1-N3 VISHAY-VS-HFA06PB1-N3 Datasheet
120Kb / 6P
   HEXFRED® , Ultrafast Soft Recovery Diode, 6 A
Revision: 29-Nov-2019
VS-HFA06TB120S-M3 VISHAY-VS-HFA06TB120S-M3_V01 Datasheet
174Kb / 8P
   HEXFRED짰 Ultrafast Soft Recovery Diode, 6 A
01-Jan-2022
VS-HFA06TB120S-M3 VISHAY-VS-HFA06TB120S-M3 Datasheet
168Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 6 A
Revision: 27-Oct-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com