Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSLP1206LFEK Datasheet(PDF) 2 Page - Vishay Siliconix

Part # WSLP1206LFEK
Description  Power Metal Strip® Resistors, Very High Power (to 1 W) Low Value (down to 0.001 Ω), Surface Mount
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSLP1206LFEK Datasheet(HTML) 2 Page - Vishay Siliconix

  WSLP1206LFEK Datasheet HTML 1Page - Vishay Siliconix WSLP1206LFEK Datasheet HTML 2Page - Vishay Siliconix WSLP1206LFEK Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WSLP
Power Metal Strip® Resistors, Very High Power (to 1 W)
Low Value (down to 0.001
Ω), Surface Mount
Vishay Dale
Document Number: 30122
For technical questions, contact: ww2bresistors@vishay.com
www.vishay.com
Revision: 18-Nov-08
11
DIMENSIONS
Note
• Embossed Carrier Tape per EIA-481-2
L
T
W
H
l
b
a
MODEL
DIMENSIONS in inches [millimeters]
LW
H
T
WSLP0805
0.080 ± 0.010 0.050 ± 0.010 0.013 ± 0.010 0.015 ± 0.010
[2.03 ± 0.254] [1.27 ± 0.254] [0.330 ± 0.254] [0.381 ± 0.254]
WSLP1206
0126 ± 0.010 0.063 ± 0.010 0.025 ± 0.010 0.020 ± 0.010
[3.20 ± 0.254] [1.60 ± 0.254] [0.635 ± 0.254] [0.508 ± 0.254]
MODEL
SOLDER PAD DIMENSIONS in inches [millimeters]
ab
l
WSLP0805
0.040
0.050
0.020
[1.02]
[1.27]
[0.50]
WSLP1206
0.062
0.070
0.030
[1.57]
[1.78]
[0.76]
Derating
120
100
80
60
40
20
0
- 65
Ambient Temperature in °C
70
- 50
- 25
75
0
150
100
170
125
25
50
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS
Thermal Shock
- 55 °C to + 150 °C, 1000 cycles, 15 min at each extreme
± (0.5 % + 0.0005
Ω) ΔR
Low Temperature Operation
- 65 °C for 45 min
± (0.5 % + 0.0005
Ω) ΔR
High Temperature Exposure
1000 h at + 170 °C
± (1.0 % + 0.0005
Ω) ΔR
Bias Humidity
+ 85 °C, 85 % RH, 10 % Bias, 1000 h
± (0.5 % + 0.0005
Ω) ΔR
Mechanical Shock
100 g’s for 6 ms, 5 pulses
± (0.5 % + 0.0005
Ω) ΔR
Vibration
Frequency varied 10 to 2000 Hz in 1 min, 3 directions, 12 h
± (0.5 % + 0.0005
Ω) ΔR
Load Life
1000 h at 70 °C, 1.5 h “ON”, 0.5 h “OFF”
± (1.0 % + 0.0005
Ω) ΔR
Resistance to Solder Heat
+ 260 °C Solder, 10 - 12 s dwell, 25 mm/s emergence
± (0.5 % + 0.0005
Ω) ΔR
Moisture Resistance
MIL-STD-202, Method 106, 0 % power, 7b not required
± (0.5 % + 0.0005
Ω) ΔR
PACKAGING
MODEL
REEL
TAPE WIDTH
DIAMETER
PIECES/REEL
CODE
WSLP0805
8 mm/Punched Paper
178 mm/7"
5000
EA
WSLP1206
8 mm/Embossed Plastic
178 mm/7"
4000
EA


Similar Part No. - WSLP1206LFEK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSLP1206LFEK VISHAY-WSLP1206LFEK Datasheet
122Kb / 3P
   Power Metal Strip Resistors, very High power(1W) Low Value (down to 0.001R), surface Mount
Revision: 26-Mar-09
More results

Similar Description - WSLP1206LFEK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL2512R0150FEA VISHAY-WSL2512R0150FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
WSL2512R4700FEA VISHAY-WSL2512R4700FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
WSR3R0200FEA VISHAY-WSR3R0200FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 01-Jul-09
WSL2512R0500FEA VISHAY-WSL2512R0500FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
WSL2512R0800FEA VISHAY-WSL2512R0800FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
WSR VISHAY-WSR_V01 Datasheet
107Kb / 4P
   Power Metal Strip® Resistors, Low Value (Down to 0.001 Ω), Surface Mount
01-Jan-2022
WSR VISHAY-WSR Datasheet
237Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 26-Mar-07
WSL2512R5000FEA VISHAY-WSL2512R5000FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
WSL VISHAY-WSL Datasheet
119Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 10-Nov-08
WSR21R000FEA VISHAY-WSR21R000FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 01-Jul-09
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com