Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8TQ080GS Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 8TQ080GS
Description  Schottky Rectifier, 8 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

8TQ080GS Datasheet(HTML) 4 Page - Vishay Siliconix

  8TQ080GS Datasheet HTML 1Page - Vishay Siliconix 8TQ080GS Datasheet HTML 2Page - Vishay Siliconix 8TQ080GS Datasheet HTML 3Page - Vishay Siliconix 8TQ080GS Datasheet HTML 4Page - Vishay Siliconix 8TQ080GS Datasheet HTML 5Page - Vishay Siliconix 8TQ080GS Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 93416
4
Revision: 18-Jun-08
8TQ...GS
Vishay High Power Products
Schottky Rectifier, 8 A
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Maximum Non-Repetitive Surge Current
Fig. 8 - Unclamped Inductive Test Circuit
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = 80 % rated VR
140
145
150
155
160
165
170
180
175
IF(AV) - Average Forward Current (A)
4
26
8
10
12
0
DC
See note (1)
Square wave (D = 0.50)
80 % rated V
R applied
0
1
3
6
5
4
2
7
IF(AV) - Average Forward Current (A)
4
26
8
12
10
0
DC
RMS limit
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
100
1000
tp - Square Wave Pulse Duration (µs)
100
1000
10 000
10
At any rated load condition
and with rated V
RRM applied
following surge
Current
monitor
High-speed
switch
D.U.T.
R
g = 25 Ω
+
Freewheel
diode
V
d = 25 V
L
IRFP460
40HFL40S02


Similar Part No. - 8TQ080GS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8TQ080GSPBF VISHAY-8TQ080GSPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 8 A
Revision: 17-Apr-08
8TQ080GSPBF VISHAY-8TQ080GSPBF Datasheet
112Kb / 6P
   Schottky Rectifier, 8 A
Revision: 23-Mar-10
8TQ080GSPBF VISHAY-8TQ080GSPBF Datasheet
112Kb / 6P
   Schottky Rectifier, 8 A
Revision: 23-Mar-10
8TQ080GSPBF VISHAY-8TQ080GSPBF_10 Datasheet
112Kb / 6P
   Schottky Rectifier, 8 A
Revision: 23-Mar-10
8TQ080GSTRLPBF VISHAY-8TQ080GSTRLPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 8 A
Revision: 17-Apr-08
More results

Similar Description - 8TQ080GS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8TQ060PBF VISHAY-8TQ060PBF_12 Datasheet
177Kb / 7P
   Schottky Rectifier, 8 A
Revision: 29-Aug-11
8TQ080GPBF VISHAY-8TQ080GPBF Datasheet
167Kb / 7P
   Schottky Rectifier, 8 A
Revision: 11-Oct-11
8TQ100GSPBF VISHAY-8TQ100GSPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 8 A
Revision: 17-Apr-08
8TQ100S VISHAY-8TQ100S Datasheet
107Kb / 6P
   Schottky Rectifier, 8 A
Revision: 19-Aug-08
8TQ100GPBF VISHAY-8TQ100GPBF Datasheet
112Kb / 6P
   Schottky Rectifier, 8 A
Revision: 17-Apr-08
80SQ030 VISHAY-80SQ030 Datasheet
106Kb / 6P
   Schottky Rectifier, 8 A
Revision: 07-Nov-08
8TQ080SPBF VISHAY-8TQ080SPBF_10 Datasheet
111Kb / 6P
   Schottky Rectifier, 8 A
Revision: 15-Mar-10
8TQ100 VISHAY-8TQ100 Datasheet
121Kb / 6P
   Schottky Rectifier, 8 A
Revision: 19-Aug-08
8TQ080GSPBF VISHAY-8TQ080GSPBF_10 Datasheet
112Kb / 6P
   Schottky Rectifier, 8 A
Revision: 23-Mar-10
VS-8TQPBF VISHAY-VS-8TQPBF Datasheet
178Kb / 7P
   Schottky Rectifier, 8 A
Revision: 29-Aug-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com