Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8TQ080STRR Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 8TQ080STRR
Description  Schottky Rectifier, 8 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

8TQ080STRR Datasheet(HTML) 5 Page - Vishay Siliconix

  8TQ080STRR Datasheet HTML 1Page - Vishay Siliconix 8TQ080STRR Datasheet HTML 2Page - Vishay Siliconix 8TQ080STRR Datasheet HTML 3Page - Vishay Siliconix 8TQ080STRR Datasheet HTML 4Page - Vishay Siliconix 8TQ080STRR Datasheet HTML 5Page - Vishay Siliconix 8TQ080STRR Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 93525
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 19-Aug-08
5
8TQ...S Series
Schottky Rectifier, 8 A
Vishay High Power Products
ORDERING INFORMATION TABLE
1
-
Current rating (8 A)
2
-
Package:
3
-
Schottky “Q” series
4
-
Voltage ratings
5
-
6
-
None = Tube (50 pieces)
TRL = Tape and reel (left oriented)
T = TO-220
080 = 80 V
100 = 100 V
S = D2PAK
TRR = Tape and reel (right oriented)
7
None = Standard production
PbF = Lead (Pb)-free
Device code
5
13
24
67
8
T
Q
100
S
TRL
-
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95046
Part marking information
http://www.vishay.com/doc?95054
Packaging information
http://www.vishay.com/doc?95032
SPICE models
http://www.vishay.com/doc?95291


Similar Part No. - 8TQ080STRR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
8TQ080STRR IRF-8TQ080STRR Datasheet
215Kb / 7P
   SCHOTTKY RECTIFIER 8 Amp
8TQ080STRRPBF IRF-8TQ080STRRPBF Datasheet
215Kb / 7P
   SCHOTTKY RECTIFIER 8 Amp
logo
Vishay Siliconix
8TQ080STRRPBF VISHAY-8TQ080STRRPBF Datasheet
110Kb / 6P
   Schottky Rectifier, 8 A
Revision: 26-May-08
8TQ080STRRPBF VISHAY-8TQ080STRRPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 8 A
Revision: 15-Mar-10
More results

Similar Description - 8TQ080STRR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8TQ060PBF VISHAY-8TQ060PBF_12 Datasheet
177Kb / 7P
   Schottky Rectifier, 8 A
Revision: 29-Aug-11
8TQ080GPBF VISHAY-8TQ080GPBF Datasheet
167Kb / 7P
   Schottky Rectifier, 8 A
Revision: 11-Oct-11
8TQ100GSPBF VISHAY-8TQ100GSPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 8 A
Revision: 17-Apr-08
8TQ100GPBF VISHAY-8TQ100GPBF Datasheet
112Kb / 6P
   Schottky Rectifier, 8 A
Revision: 17-Apr-08
80SQ030 VISHAY-80SQ030 Datasheet
106Kb / 6P
   Schottky Rectifier, 8 A
Revision: 07-Nov-08
8TQ080SPBF VISHAY-8TQ080SPBF_10 Datasheet
111Kb / 6P
   Schottky Rectifier, 8 A
Revision: 15-Mar-10
8TQ100 VISHAY-8TQ100 Datasheet
121Kb / 6P
   Schottky Rectifier, 8 A
Revision: 19-Aug-08
8TQ100GS VISHAY-8TQ100GS Datasheet
108Kb / 6P
   Schottky Rectifier, 8 A
Revision: 18-Jun-08
8TQ080GSPBF VISHAY-8TQ080GSPBF_10 Datasheet
112Kb / 6P
   Schottky Rectifier, 8 A
Revision: 23-Mar-10
VS-8TQPBF VISHAY-VS-8TQPBF Datasheet
178Kb / 7P
   Schottky Rectifier, 8 A
Revision: 29-Aug-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com