Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFB08TB120PBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # HFB08TB120PBF
Description  Ultrafast Soft Recovery Diode, 8 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HFB08TB120PBF Datasheet(HTML) 1 Page - Vishay Siliconix

  HFB08TB120PBF Datasheet HTML 1Page - Vishay Siliconix HFB08TB120PBF Datasheet HTML 2Page - Vishay Siliconix HFB08TB120PBF Datasheet HTML 3Page - Vishay Siliconix HFB08TB120PBF Datasheet HTML 4Page - Vishay Siliconix HFB08TB120PBF Datasheet HTML 5Page - Vishay Siliconix HFB08TB120PBF Datasheet HTML 6Page - Vishay Siliconix HFB08TB120PBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 93042
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 30-Jul-08
1
HEXFRED®
Ultrafast Soft Recovery Diode, 8 A
HFA08TB120
Vishay High Power Products
FEATURES
• Ultrafast recovery
• Ultrasoft recovery
• Very low IRRM
• Very low Qrr
• Specified at operating conditions
• Designed and qualified for industrial level
BENEFITS
• Reduced RFI and EMI
• Reduced power loss in diode and switching transistor
• Higher frequency operation
• Reduced snubbing
• Reduced parts count
DESCRIPTION
HFA08TB120 is a state of the art ultrafast recovery diode.
Employing the latest in epitaxial construction and advanced
processing techniques it features a superb combination of
characteristics which result in performance which is
unsurpassed by any rectifier previously available. With basic
ratings of 1200 V and 8 A continuous current, the
HFA08TB120 is especially well suited for use as the
companion diode for IGBTs and MOSFETs. In addition to
ultrafast recovery time, the HEXFRED® product line features
extremely low values of peak recovery current (IRRM) and
does not exhibit any tendency to “snap-off” during the tb
portion of recovery. The HEXFRED features combine to offer
designers a rectifier with lower noise and significantly lower
switching losses in both the diode and the switching
transistor. These HEXFRED advantages can help to
significantly
reduce
snubbing,
component
count
and
heatsink sizes. The HEXFRED HFA08TB120 is ideally
suited for applications in power supplies and power
conversion systems (such as inverters), motor drives, and
many other similar applications where high speed, high
efficiency is needed.
PRODUCT SUMMARY
VR
1200 V
VF at 8 A at 25 °C
3.3 V
IF(AV)
8 A
trr (typical)
28 ns
TJ (maximum)
150 °C
Qrr (typical)
140 nC
dI(rec)M/dt (typical) at 125 °C
85 A/µs
IRRM (typical)
4.5 A
Anode
1
3
Cathode
TO-220AC
Base
cathode
2
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Cathode to anode voltage
VR
1200
V
Maximum continuous forward current
IF
TC = 100 °C
8.0
A
Single pulse forward current
IFSM
130
Maximum repetitive forward current
IFRM
32
Maximum power dissipation
PD
TC = 25 °C
73.5
W
TC = 100 °C
29
Operating junction and storage temperature range
TJ, TStg
- 55 to + 150
°C


Similar Part No. - HFB08TB120PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFB08TB120PBF VISHAY-HFB08TB120PBF Datasheet
113Kb / 7P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 25-Jul-08
More results

Similar Description - HFB08TB120PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA08PB120 VISHAY-HFA08PB120 Datasheet
129Kb / 7P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 30-Jul-08
HFA08PB60PBF VISHAY-HFA08PB60PBF Datasheet
171Kb / 7P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 25-Jul-08
HFA08PB120PBF VISHAY-HFA08PB120PBF Datasheet
128Kb / 7P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 25-Jul-08
HFA08PB60 VISHAY-HFA08PB60 Datasheet
162Kb / 7P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 30-Jul-08
HFA08TB60 VISHAY-HFA08TB60 Datasheet
135Kb / 6P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 30-Jul-08
HFA08TB60S VISHAY-HFA08TB60S Datasheet
136Kb / 6P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 22-Oct-08
HFA08TB120S VISHAY-HFA08TB120S Datasheet
65Kb / 3P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 22-Oct-08
HFA08SD60SPBF VISHAY-HFA08SD60SPBF Datasheet
117Kb / 7P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 29-Jul-08
HFA08TB60SPBF VISHAY-HFA08TB60SPBF Datasheet
138Kb / 6P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 22-Oct-08
HFA08TB120SPBF VISHAY-HFA08TB120SPBF Datasheet
68Kb / 3P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 22-Oct-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com