Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EB652R28 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # EB652R28
Description  Edgeboard Connectors, Dual Readout, 0.125" [3.17mm] C-C, Standard and Right Angle Terminals
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EB652R28 Datasheet(HTML) 2 Page - Vishay Siliconix

  EB652R28 Datasheet HTML 1Page - Vishay Siliconix EB652R28 Datasheet HTML 2Page - Vishay Siliconix EB652R28 Datasheet HTML 3Page - Vishay Siliconix EB652R28 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
6
EB6
Vishay Dale
For technical questions, contact Connectors@vishay.com
Document Number 36002
Revision 14-Aug-02
# OF CONTACT
POSITIONS
PER SIDE
A
B
C
D
E
6
1.555 [39.50]
1.295 [32.89]
0.875 [22.22]
1.035 [26.29]
0.875 [22.22]
10
2.055 [52.20]
1.795 [45.59]
1.375 [34.92]
1.535 [38.99]
1.375 [34.92]
12
2.305 [58.55]
2.045 [51.94]
1.625 [41.28]
1.785 [45.34]
1.625 [41.28]
14
2.555 [64.90]
2.295 [58.29]
1.875 [47.62]
2.035 [51.69]
1.875 [47.62]
15
2.680 [68.07]
2.420 [61.47]
2.000 [50.80]
2.160 [54.86]
2.000 [50.80]
18
3.055 [77.60]
2.795 [70.99]
2.375 [60.32]
2.535 [64.39]
2.375 [60.32]
22
3.555 [90.30]
3.295 [83.69]
2.875 [73.02]
3.035 [77.09]
2.875 [73.02]
24
3.805 [96.65]
3.545 [90.04]
3.125 [79.38]
3.285 [83.44]
3.125 [79.38]
25
3.930 [99.82]
3.670 [93.22]
3.250 [82.55]
3.410 [86.61]
3.250 [82.55]
28
4.305 [109.35]
4.045 [102.74]
3.625 [92.08]
3.785 [96.14]
3.625 [92.08]
30
4.555 [115.70]
4.295 [109.09]
3.875 [98.42]
4.035 [102.49]
3.875 [98.42]
31
4.680 [118.87]
4.420 [112.27]
4.000 [101.60]
4.160 [105.66]
4.000 [101.60]
32
4.805 [122.05]
4.545 [115.44]
4.125 [104.78]
4.285 [108.84]
4.125 [104.78]
35
5.180 [131.57]
4.920 [124.97]
4.500 [114.30]
4.660 [118.36]
4.500 [114.30]
36
5.305 [134.75]
5.045 [128.14]
4.625 [117.48]
4.785 [121.54]
4.625 [117.48]
40
5.805 [147.45]
5.545 [140.84]
5.125 [130.18]
5.285 [134.24]
5.125 [130.18]
43
6.180 [156.97]
5.920 [150.37]
5.500 [139.70]
5.660 [143.76]
5.500 [139.70]
44
6.305 [160.15]
6.045 [153.54]
5.625 [142.88]
5.785 [146.94]
5.625 [142.88]
49
6.930 [176.02]
6.670 [169.42]
6.250 [158.75]
6.410 [162.81]
6.250 [158.75]
50
7.055 [179.20]
6.795 [172.59]
6.375 [161.92]
6.535 [165.99]
6.375 [161.92]
DIMENSIONS in inches [millimeters]
Polarizing Key:
When ordering polarizing
keys individually, specify
by the Model Number:
PK-6 between contacts.
Hand insertion tool, TPK-6,
provided upon request.
0.125
[3.17]
Typ.
A
B
C
JJ
0.060
[1.52]
R Typ.
0.365
[9.27]
0.031
[0.787]
0.295
[7.49]
0.150 [3.81]
0.096
± 0.002 [2.44 ± 0.050]
0.260
[6.60]
0.340
[8.64]
Typ.
0.060
[1.52]
Typ.
E
D
See table for
contact and
mounting variations
0.250
[6.35]
Typ.
0.430
[10.92]
Typ.
0.610 [15.49]
Typ.
0.180
[4.57]
Typ.
0.060
[1.52]
Typ.
0.250
[6.35]
0.300 [7.62]
Depth of
Insertion
0.054 - 0.071 [1.37 - 1.80]
Card Thickness
Section J-J
0.125 [3.17]
Point of
Contact
Edgeboard Connectors, Dual Readout, 0.125" [3.17mm] C-C,
Standard and Right Angle Terminals


Similar Part No. - EB652R28

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EB652R10SGX15 VISHAY-EB652R10SGX15 Datasheet
188Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.125" (3.17 mm) C-C, Standard and Right Angle Terminals
Revision: 16-Feb-09
EB652R12SGX15 VISHAY-EB652R12SGX15 Datasheet
188Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.125" (3.17 mm) C-C, Standard and Right Angle Terminals
Revision: 16-Feb-09
EB652R14SGX15 VISHAY-EB652R14SGX15 Datasheet
188Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.125" (3.17 mm) C-C, Standard and Right Angle Terminals
Revision: 16-Feb-09
EB652R6SGX15 VISHAY-EB652R6SGX15 Datasheet
188Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.125" (3.17 mm) C-C, Standard and Right Angle Terminals
Revision: 16-Feb-09
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com