Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EB623R28 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # EB623R28
Description  Edgeboard Connectors, Dual Readout, 0.125" [3.17mm] C-C, Standard and Right Angle Terminals
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EB623R28 Datasheet(HTML) 1 Page - Vishay Siliconix

  EB623R28 Datasheet HTML 1Page - Vishay Siliconix EB623R28 Datasheet HTML 2Page - Vishay Siliconix EB623R28 Datasheet HTML 3Page - Vishay Siliconix EB623R28 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.vishay.com
5
EB6
Vishay Dale
For technical questions, contact Connectors@vishay.com
Document Number 36002
Revision 14-Aug-02
Edgeboard Connectors, Dual Readout, 0.125" [3.17mm] C-C,
Standard and Right Angle Terminals
FEATURES
• Grid Patterns: 0.125" C-C x 0.150" [3.17mm x 3.81mm],
0.125" C-C x 0.200" [3.17mm x 5.08mm] and
0.125" C-C x 0.250" [3.17mm x 6.35mm].
• Standard and right angle terminals.
• Greater design latitude:
3 body materials: Diallyl phthalate, phenolic, glass-filled
polyester and glass-filled polyphenylene sulfied.
7 contact termination styles: 3 standard, 4 right angle.
19 body sizes and 6 mounting styles.
• Selective gold plating.
• Accepts PC board thickness of 0.054" to 0.071" [1.37mm
to 1.80mm].
• Polarization between contact positions in all sizes.
Between contact polarization permits polarizing without loss
of contact position.
• Recognized under the Component Program of
Underwriters Laboratories, Inc. Listed under File
E65524, Project 77CH3889.
APPLICATIONS
For use with 0.0625" [1.59mm] printed circuit boards requiring
an edgeboard type connector on 0.125" [3.17mm] centers.
ELECTRICAL SPECIFICATIONS
Current Rating: 3 amps.
Test Voltage Between Contacts:
At sea level: 1500VRMS.
At 70,000 feet [21,336 meters]: 325VRMS.
Insulation Resistance: 5000 Megohm minimum at 500VDC
potential.
Contact Resistance: 30 millivolts maximum at rated current
(with gold plating).
Operating Temperature: - 65
°C to + 125°C.
Humidity: 96 hours at 90% relative humidity at + 40
°C, dried
at room temperature for 3 hours minimum, insulation
resistance was greater than 5000 Megohm.
Durability: After 500 cycles of insertion and withdrawal of a
0.070" [1.78mm] thick steel test board, contact resistance less
than 0.030V at 3 amps on gold plated contacts and individual
contact pair separation force when measured with a 0.054"
[1.37mm] thick steel test blade was greater than 1/2 ounce.
Shock: Three 50g shocks in each of 3 mutually perpendicular
planes with no loss of continuity.
Vibration: 2 hours in each of 3 mutually perpendicular planes,
frequency sweep 10 to 55cps at 0.06 double amplitude with
no loss of continuity.
MATERIAL SPECIFICATIONS
Body Material:
“1” glass-filled diallyl phthalate per MIL-M-14, Type SDG-F
green, flame retardant (UL 94V-0).
“2” glass-filled phenolic per MIL-M-14, Type MFH dark green,
flame retardant (UL 94V-0).
“3” thermoplastic polyester, glass-filled, black, flame retardant
(UL 94V-0).
“5” thermoplastic polyphenylene sulfied, glass-filled, brown,
flame retardant (UL 94V-0).
Contacts: Phosphor bronze. (Ordering Information.)
Polarizing Key: Glass reinforced nylon, flame retardant
(UL94H-B).
Plating: Gold. (Ordering Information.)
X
MOUNTING
VARIATIONS
EB6
MODEL
3
BODY MATERIAL
1 = Diallyl
Phthalate
2 = Phenolic
3 = Glass-filled
Polyester
5 = Glass-filled
Polyphenylene
Sulfied
K
STANDARD
TERMINAL
VARIATIONS
C, D, K,
1R, 2R,
3R, 4R
SG
CONTACT PLATING
SG = Selective Gold Plating
(0.00003" [0.000762mm] minimum
thick) on contact area with Gold
Flash on terminal.
SGF = Selective Gold Plating
(0.000010" [0.000254mm] minimum
thick) on contact area with Gold
Flash on terminal.
All Gold Plating over 0.00005"
[0.00127mm] minimum Nickel
Underplate.
Contact factory for additional
plating options.
15
POLARIZING
KEY POSITIONS
Key(s) are located to
right of position(s)
designated. Use odd-
numbered contact for
ordering: -1, -3, -5, etc.
Required only when
polarizing keys are to
be factory installed.
NOTE: To order
polarizing keys
individually, specify
Model PK-6.
40
CONTACTS
6, 10, 12,
14, 15, 18,
22, 24, 25,
28, 30, 31,
32, 35, 36,
40, 43, 44,
49 and 50
per side.
ORDERING INFORMATION


Similar Part No. - EB623R28

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EB623R10SGX15 VISHAY-EB623R10SGX15 Datasheet
188Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.125" (3.17 mm) C-C, Standard and Right Angle Terminals
Revision: 16-Feb-09
EB623R12SGX15 VISHAY-EB623R12SGX15 Datasheet
188Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.125" (3.17 mm) C-C, Standard and Right Angle Terminals
Revision: 16-Feb-09
EB623R14SGX15 VISHAY-EB623R14SGX15 Datasheet
188Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.125" (3.17 mm) C-C, Standard and Right Angle Terminals
Revision: 16-Feb-09
EB623R6SGX15 VISHAY-EB623R6SGX15 Datasheet
188Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.125" (3.17 mm) C-C, Standard and Right Angle Terminals
Revision: 16-Feb-09
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com