Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA15TB60 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # HFA15TB60
Description  Ultrafast Soft Recovery Diode, 15 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HFA15TB60 Datasheet(HTML) 4 Page - Vishay Siliconix

  HFA15TB60 Datasheet HTML 1Page - Vishay Siliconix HFA15TB60 Datasheet HTML 2Page - Vishay Siliconix HFA15TB60 Datasheet HTML 3Page - Vishay Siliconix HFA15TB60 Datasheet HTML 4Page - Vishay Siliconix HFA15TB60 Datasheet HTML 5Page - Vishay Siliconix HFA15TB60 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 93063
4
Revision: 30-Jul-08
HFA15TB60/HFA15TB60-1
Vishay High Power Products
HEXFRED®
Ultrafast Soft Recovery Diode, 15 A
Fig. 5 - Typical Reverse Recovery Time vs. dIF/dt
Fig. 6 - Typical Recovery Current vs. dIF/dt
Fig. 7 - Typical Stored Charge vs. dIF/dt
Fig. 8 - Typical dI(rec)M/dt vs. dIF/dt
80
40
0
100
1000
dIF/dt (A/µs)
V
R = 200 V
T
J = 125 °C
T
J = 25 °C
60
20
I
F = 30 A
I
F = 15 A
I
F = 5 A
100
20
15
0
100
1000
dIF/dt (A/µs)
V
R = 200 V
T
J = 125 °C
T
J = 25 °C
5
10
25
I
F = 30 A
I
F = 15 A
I
F = 5 A
800
0
100
1000
dIF/dt (A/µs)
600
200
400
100
300
500
700
I
F = 30 A
I
F = 15 A
I
F = 5 A
V
R = 200 V
T
J = 125 °C
T
J = 25 °C
10 000
1000
100
1000
dIF/dt (A/µs)
V
R = 200 V
T
J = 125 °C
T
J = 25 °C
100
I
F = 30 A
I
F = 15 A
I
F = 5 A


Similar Part No. - HFA15TB60

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA15TB60 IRF-HFA15TB60 Datasheet
205Kb / 6P
   Ultrafast, Soft Recovery Diode
logo
Thinki Semiconductor Co...
HFA15TB60 THINKISEMI-HFA15TB60 Datasheet
3Mb / 3P
   15Amperes,600Volts Single Hyper Fast Soft Recovery Epitaxial Diode
logo
Inchange Semiconductor ...
HFA15TB60 ISC-HFA15TB60 Datasheet
316Kb / 2P
   Ultrafast Rectifier
logo
International Rectifier
HFA15TB60-1 IRF-HFA15TB60-1 Datasheet
205Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA15TB60-1 IRF-HFA15TB60-1 Datasheet
249Kb / 7P
   HEXFRED
More results

Similar Description - HFA15TB60

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA15TB60SPBF VISHAY-HFA15TB60SPBF Datasheet
142Kb / 6P
   Ultrafast Soft Recovery Diode, 15 A
Revision: 22-Oct-08
HFA15PB60PBF VISHAY-HFA15PB60PBF Datasheet
153Kb / 7P
   Ultrafast Soft Recovery Diode, 15 A
Revision: 25-Jul-08
HFA15TB60S VISHAY-HFA15TB60S Datasheet
139Kb / 6P
   Ultrafast Soft Recovery Diode, 15 A
Revision: 22-Oct-08
HFA15TB60PBF VISHAY-HFA15TB60PBF Datasheet
148Kb / 6P
   Ultrafast Soft Recovery Diode, 15 A
Revision: 28-Jul-08
HFA15PB60 VISHAY-HFA15PB60 Datasheet
152Kb / 7P
   Ultrafast Soft Recovery Diode, 15 A
Revision: 30-Jul-08
logo
Nell Semiconductor Co.,...
N-HFA15PB60 NELLSEMI-N-HFA15PB60 Datasheet
953Kb / 6P
   FRED Ultrafast Soft Recovery Diode, 15 A
logo
Vishay Siliconix
VS-HFA15TB60S-M3 VISHAY-VS-HFA15TB60S-M3 Datasheet
241Kb / 6P
   HEXFRED® , Ultrafast Soft Recovery Diode, 15 A
Revision: 27-Oct-17
logo
Nell Semiconductor Co.,...
N-HFA15PB120 NELLSEMI-N-HFA15PB120 Datasheet
871Kb / 5P
   FRED Ultrafast Soft Recovery Diode, 15 A
logo
Vishay Siliconix
VS-HFA15PB60-N3 VISHAY-VS-HFA15PB60-N3_V01 Datasheet
143Kb / 6P
   HEXFRED짰 Ultrafast Soft Recovery Diode, 15 A
01-Jan-2022
VS-HFA15TB60-M3 VISHAY-VS-HFA15TB60-M3_V01 Datasheet
196Kb / 7P
   HEXFRED짰, Ultrafast Soft Recovery Diode, 15 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com