Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFB16PB120PBF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # HFB16PB120PBF
Description  Ultrafast Soft Recovery Diode, 16 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HFB16PB120PBF Datasheet(HTML) 3 Page - Vishay Siliconix

  HFB16PB120PBF Datasheet HTML 1Page - Vishay Siliconix HFB16PB120PBF Datasheet HTML 2Page - Vishay Siliconix HFB16PB120PBF Datasheet HTML 3Page - Vishay Siliconix HFB16PB120PBF Datasheet HTML 4Page - Vishay Siliconix HFB16PB120PBF Datasheet HTML 5Page - Vishay Siliconix HFB16PB120PBF Datasheet HTML 6Page - Vishay Siliconix HFB16PB120PBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 93071
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 30-Jul-08
3
HFA16PB120
HEXFRED®
Ultrafast Soft Recovery Diode, 16 A
Vishay High Power Products
Fig. 1 - Maximum Forward Voltage Drop vs. Instantaneous
Forward Current
Fig. 2 - Typical Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
0.1
1
10
100
02
4
6
8
T = 150°C
T = 125°C
T = 25°C
J
J
J
FM
Forward Voltage Drop - V
(V)
0.01
0.1
1
10
100
1000
0
200
400
600
800
1000
1200
T = 150°C
A
T = 125°C
T = 25°C
J
J
J
1
10
100
1000
1
10
100
1000
10000
T = 25°C
J
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
100
Single Pulse
(Thermal Resistance)
D = 0.50
D = 0.20
D = 0.10
D = 0.05
D = 0.02
D = 0.01
2
t
1
t
P
DM
J
Notes:
1. Duty factor D = t1/ t 2
2. Peak T = Pdm x ZthJC + Tc


Similar Part No. - HFB16PB120PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFB16PB120PBF VISHAY-HFB16PB120PBF Datasheet
171Kb / 7P
   Ultrafast Soft Recovery Diode, 16 A
Revision: 25-Jul-08
More results

Similar Description - HFB16PB120PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA16TB120S VISHAY-HFA16TB120S Datasheet
161Kb / 6P
   Ultrafast Soft Recovery Diode, 16 A
Revision: 22-Oct-08
HFA16TB120 VISHAY-HFA16TB120 Datasheet
169Kb / 6P
   Ultrafast Soft Recovery Diode, 16 A
Revision: 30-Jul-08
HFA16TB120SPBF VISHAY-HFA16TB120SPBF Datasheet
164Kb / 6P
   Ultrafast Soft Recovery Diode, 16 A
Revision: 22-Oct-08
HFA16PB120PBF VISHAY-HFA16PB120PBF Datasheet
171Kb / 7P
   Ultrafast Soft Recovery Diode, 16 A
Revision: 25-Jul-08
HFA16TB120PBF VISHAY-HFA16TB120PBF Datasheet
162Kb / 6P
   Ultrafast Soft Recovery Diode, 16 A
Revision: 25-Jul-08
VS-HFA16TB120S-M3 VISHAY-VS-HFA16TB120S-M3 Datasheet
166Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 16 A
Revision: 27-Oct-17
VS-HFA16TB120-M3 VISHAY-VS-HFA16TB120-M3 Datasheet
160Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 16 A
Revision: 23-Nov-17
VS-HFA16TB120HM3 VISHAY-VS-HFA16TB120HM3 Datasheet
150Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 16 A
Revision: 28-Nov-14
VS-HFA16PB120-N3 VISHAY-VS-HFA16PB120-N3_V01 Datasheet
119Kb / 6P
   HEXFRED짰 Ultrafast Soft Recovery Diode, 16 A
01-Jan-2022
VS-HFA16TB120SPBF VISHAY-VS-HFA16TB120SPBF_V01 Datasheet
125Kb / 8P
   HEXFRED짰 Ultrafast Soft Recovery Diode, 16 A
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com