Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EB81BC18SGFXA Datasheet(PDF) 3 Page - Vishay Siliconix

Part # EB81BC18SGFXA
Description  Edgeboard Connectors, Dual Readout
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EB81BC18SGFXA Datasheet(HTML) 3 Page - Vishay Siliconix

  EB81BC18SGFXA Datasheet HTML 1Page - Vishay Siliconix EB81BC18SGFXA Datasheet HTML 2Page - Vishay Siliconix EB81BC18SGFXA Datasheet HTML 3Page - Vishay Siliconix EB81BC18SGFXA Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.vishay.com
16
EB8
Vishay Dale
Document Number 36005
Revision 14-Aug-02
For technical questions, contact Connectors@vishay.com
Type “E”
Card Extender
When ordering polarizing keys
individually, specify Model Number:
PK-8 between contacts.
Hand insertion tool, TPK-8, provided on
request.
TERMINAL VARIATIONS in inches [millimeters]
POLARIZING KEY
0.120
[3.05]
.325
[8.26]
0.023
[.584]
0.200
± 0.015
[5.08
± .381]
0.050
[1.27]
15
°
Typ.
0.100
[2.54]
120
°
Typ.
Uses
Type “A”
Contact
0.086
[2.18]
Type “V”
Clearance Hole
Type “VI”
Clearance Hole
No Mounting Pad
Type “XI”
Clearance Hole
No Mounting Pad
Type “Y”
Threaded Insert
Type “Z”
Floating Bushing Radial Float 0.047 [1.19]
Type “X”
Clearance Hole
Type “W”
No Mounting Flange
MOUNTING VARIATIONS in inches [millimeters]
NOTE: Overall body length
increased by 0.060 [1.52].
0.142 [3.61] Dia.
0.250 [6.35]
Ref.
0.128 [3.25]
Dia.
0.220 [5.59]
Ref.
4-40
UNC-2B
0.250 [6.35]
Ref.
0.250 [6.35]
Ref.
0.220 [5.59]
Ref.
0.142
[3.61]
Dia.
0.010 [0.254]
0.000 [0.000]
0.250 [6.35]
Ref.
0.128 [3.25] Dia.
0.250 [6.35]
Ref.
0.116
[2.95]
Dia.
0.250 [6.35]
Dia.
0.270 [6.86]
Edgeboard Connectors, Dual Readout


Similar Part No. - EB81BC18SGFXA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EB81BC18SGXA VISHAY-EB81BC18SGXA Datasheet
124Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision: 16-Feb-09
More results

Similar Description - EB81BC18SGFXA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EB8 VISHAY-EB8_09 Datasheet
124Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision: 16-Feb-09
EB7D VISHAY-EB7D Datasheet
178Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision 14-Aug-02
EB7D VISHAY-EB7D_09 Datasheet
138Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision: 16-Feb-09
EB7S VISHAY-EB7S Datasheet
145Kb / 3P
   Edgeboard Connectors, Single Readout
Revision 14-Aug-02
EB7S VISHAY-EB7S_08 Datasheet
162Kb / 4P
   Edgeboard Connectors, Single Readout
Revision 14-Aug-02
EB7S VISHAY-EB7S_09 Datasheet
127Kb / 4P
   Edgeboard Connectors, Single Readout
Revision: 16-Feb-09
EB4678 VISHAY-EB4678 Datasheet
202Kb / 8P
   Edgeboard Connectors 200°C Burn-In Connectors, Dual Readout
Revision 14-Aug-02
EB6 VISHAY-EB6_V01 Datasheet
194Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.125" (3.17 mm) C-C, Standard and Right Angle Terminals
01-Jan-2022
EB6 VISHAY-EB6 Datasheet
148Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.125" [3.17mm] C-C, Standard and Right Angle Terminals
Revision 14-Aug-02
EB4 VISHAY-EB4 Datasheet
158Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.100" [2.54mm] C-C, Standard and Right Angle Terminals
Revision 14-Aug-02
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com