Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2320A Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA2320A
Description  STEREO AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2320A Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA2320A Datasheet HTML 4Page - STMicroelectronics TDA2320A Datasheet HTML 5Page - STMicroelectronics TDA2320A Datasheet HTML 6Page - STMicroelectronics TDA2320A Datasheet HTML 7Page - STMicroelectronics TDA2320A Datasheet HTML 8Page - STMicroelectronics TDA2320A Datasheet HTML 9Page - STMicroelectronics TDA2320A Datasheet HTML 10Page - STMicroelectronics TDA2320A Datasheet HTML 11Page - STMicroelectronics TDA2320A Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
0.3
µF
1/2
TDA2320A
1
3
2
10k
22k
IN
56nF
56nF
0.1
µF
1/2
TDA2320A
7
5
6
0.47
µF
5k
5.6k
1.8nF
12k
12k
12k
10nF
VCC
V CC
6.8nF
Figure 18 : 200Hz to 2kHz Active Bandpass Filter for Midrange Speakers
C
-
C
Vin
22k
10k
1/2
TDA2320A
3
2
1
Vout
Figure 19 : Subsonic Filter
fc (Hz)
C (
µF)
15
22
30
55
100
0.68
0.47
0.33
0.22
0.1
fc (kHz)
C1 (nF)
C2 (nF)
3
5
10
15
3.9
2.2
1.2
0.68
6.8
4.7
2.2
1.5
10k
C1
-
C2
Vin
Vout
10k
3
2
1/2
TDA2320A
1
Figure 20 :High-cut Filter
TDA2320A
9/12


Similar Part No. - TDA2320A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2320 STMICROELECTRONICS-TDA2320 Datasheet
52Kb / 5P
   PREAMPLIFIER FOR INFRARED REMOTE CONTROL SYSTEMS
TDA2320N STMICROELECTRONICS-TDA2320N Datasheet
52Kb / 5P
   PREAMPLIFIER FOR INFRARED REMOTE CONTROL SYSTEMS
More results

Similar Description - TDA2320A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BT2025BH ETC1-BT2025BH Datasheet
79Kb / 1P
   Stereo Amplifier
logo
Avic Technology
AV2025 AVICTEK-AV2025 Datasheet
160Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
List of Unclassifed Man...
STK2129 ETC-STK2129 Datasheet
159Kb / 4P
   STEREO POWER AMPLIFIER
logo
Unisonic Technologies
TDA22003 UTC-TDA22003_15 Datasheet
239Kb / 6P
   10W STEREO AMPLIFIER
TEA2025A UTC-TEA2025A_15 Datasheet
285Kb / 7P
   STEREO AUDIO AMPLIFIER
logo
Wuxi Youda electronics ...
YD1517P YOUDA-YD1517P Datasheet
84Kb / 5P
   STEREO POWER AMPLIFIER
logo
Unisonic Technologies
UTCTEA2025 UTC-UTCTEA2025 Datasheet
46Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
List of Unclassifed Man...
UTC2025 ETC1-UTC2025 Datasheet
115Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
STMicroelectronics
TEA2025B STMICROELECTRONICS-TEA2025B Datasheet
82Kb / 9P
   STEREO AUDIO AMPLIFIER
June 1994
logo
Unisonic Technologies
TEA2025D UTC-TEA2025D Datasheet
248Kb / 8P
   STEREO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com