Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10BQ030TRPBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 10BQ030TRPBF
Description  Schottky Rectifier, 1.0 A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

10BQ030TRPBF Datasheet(HTML) 4 Page - Vishay Siliconix

  10BQ030TRPBF Datasheet HTML 1Page - Vishay Siliconix 10BQ030TRPBF Datasheet HTML 2Page - Vishay Siliconix 10BQ030TRPBF Datasheet HTML 3Page - Vishay Siliconix 10BQ030TRPBF Datasheet HTML 4Page - Vishay Siliconix 10BQ030TRPBF Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94111
4
Revision: 16-Apr-08
10BQ030PbF
Vishay High Power Products Schottky Rectifier, 1.0 A
ORDERING INFORMATION TABLE
1
-
Current rating
2
-
B = Single lead diode
3
-
Q = Schottky “Q” series
4
-
Voltage rating (030 = 30 V)
5
-
None = Box (1000 pieces)
TR = Tape and reel (3000 pieces)
6
-
None = Standard production
PbF = Lead (Pb)-free
Device code
5
13
24
6
10
B
Q
030
TR
PbF
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95017
Part marking information
http://www.vishay.com/doc?95029
Packaging information
http://www.vishay.com/doc?95034


Similar Part No. - 10BQ030TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10BQ030TRPBF IRF-10BQ030TRPBF Datasheet
244Kb / 6P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
10BQ030TRPBF VISHAY-10BQ030TRPBF Datasheet
109Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 03-Mar-10
More results

Similar Description - 10BQ030TRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-10BQ015PBF VISHAY-VS-10BQ015PBF Datasheet
116Kb / 7P
   Schottky Rectifier, 1.0 A
Revision: 15-Nov-10
MBRS190TRPBF VISHAY-MBRS190TRPBF Datasheet
97Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 15-Aug-08
10BQ015PBF VISHAY-10BQ015PBF Datasheet
99Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 04-Nov-08
10BQ040PBF VISHAY-10BQ040PBF Datasheet
95Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 16-Apr-08
MBRS140TRPBF VISHAY-MBRS140TRPBF Datasheet
92Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 21-Apr-08
VS-MBRA120TRPBF VISHAY-VS-MBRA120TRPBF Datasheet
110Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 04-Mar-10
VS-10BQ040-M3 VISHAY-VS-10BQ040-M3_15 Datasheet
103Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 29-May-12
10BQ015M VISHAY-10BQ015M Datasheet
114Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 29-May-12
VS-1N5819 VISHAY-VS-1N5819 Datasheet
116Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 21-Sep-11
10BQ015PBF VISHAY-10BQ015PBF_10 Datasheet
117Kb / 7P
   Schottky Rectifier, 1.0 A
Revision: 15-Nov-10
MBRA120TRPBF VISHAY-MBRA120TRPBF_10 Datasheet
111Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 04-Mar-10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com