Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10BQ100 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 10BQ100
Description  Schottky Rectifier, 1 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

10BQ100 Datasheet(HTML) 1 Page - Vishay Siliconix

  10BQ100 Datasheet HTML 1Page - Vishay Siliconix 10BQ100 Datasheet HTML 2Page - Vishay Siliconix 10BQ100 Datasheet HTML 3Page - Vishay Siliconix 10BQ100 Datasheet HTML 4Page - Vishay Siliconix 10BQ100 Datasheet HTML 5Page - Vishay Siliconix 10BQ100 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 94114
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 15-Apr-08
1
Schottky Rectifier, 1 A
10BQ100PbF
Vishay High Power Products
FEATURES
• Small foot print, surface mountable
• Low forward voltage drop
• High frequency operation
• Guard ring for enhanced ruggedness and long term
reliability
• Lead (Pb)-free (“PbF” suffix)
• Designed and qualified for industrial level
DESCRIPTION
The 10BQ100PbF surface mount Schottky rectifier has
been designed for applications requiring low forward drop
and very small foot prints on PC boards. Typical applications
are in disk drives, switching power supplies, converters,
freewheeling diodes, battery charging, and reverse battery
protection.
PRODUCT SUMMARY
IF(AV)
1.0 A
VR
100 V
SMB
Cathode
Anode
Available
RoHS*
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
1.0
A
VRRM
100
V
IFSM
tp = 5 µs sine
780
A
VF
1.0 Apk, TJ = 125 °C
0.62
V
TJ
Range
- 55 to 175
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
10BQ100PbF
UNITS
Maximum DC reverse voltage
VR
100
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
IF(AV)
50 % duty cycle at TL = 152 °C, rectangular waveform
1.0
A
Maximum peak one cycle
non-repetitive surge current
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated
load condition and with
rated VRRM applied
780
A
10 ms sine or 6 ms rect. pulse
38
Non-repetitive avalanche energy
EAS
TJ = 25 °C, IAS = 0.5 A, L = 8 mH
1.0
mJ
Repetitive avalanche current
IAR
Current decaying linearly to zero in 1 µs
Frequency limited by TJ maximum VA = 1.5 x VR typical
0.5
A
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - 10BQ100

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10BQ100 IRF-10BQ100 Datasheet
250Kb / 4P
   SCHOTTKY RECTIFIER, 1Amp
logo
Microsemi Corporation
10BQ100 MICROSEMI-10BQ100 Datasheet
94Kb / 2P
   1 Amp Schottky Rectifier
logo
International Rectifier
10BQ100 IRF-10BQ100 Datasheet
123Kb / 7P
   SCHOTTKY RECTIFIER 1 Amp
logo
Sangdest Microelectroni...
10BQ100 SMC-10BQ100 Datasheet
181Kb / 6P
   SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
10BQ100 SMCDIODE-10BQ100 Datasheet
300Kb / 4P
   10BQ100 SCHOTTKY RECTIFIER
Rev. A
More results

Similar Description - 10BQ100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-MBR1100 VISHAY-VS-MBR1100 Datasheet
116Kb / 6P
   Schottky Rectifier, 1 A
Revision: 21-Sep-11
MBR1100 VISHAY-MBR1100 Datasheet
82Kb / 5P
   Schottky Rectifier, 1 A
Revision: 06-Nov-08
VS-10BQ100PBF VISHAY-VS-10BQ100PBF Datasheet
113Kb / 7P
   Schottky Rectifier, 1 A
Revision: 03-Mar-10
10BQ100PBF VISHAY-10BQ100PBF_10 Datasheet
114Kb / 7P
   Schottky Rectifier, 1 A
Revision: 03-Mar-10
MBR150 VISHAY-MBR150_12 Datasheet
120Kb / 6P
   Schottky Rectifier, 1 A
Revision: 20-Sep-11
MBR1100 VISHAY-MBR1100_12 Datasheet
118Kb / 6P
   Schottky Rectifier, 1 A
Revision: 21-Sep-11
10BQ100M VISHAY-10BQ100M Datasheet
111Kb / 6P
   Schottky Rectifier, 1 A
Revision: 29-May-12
MBR150 VISHAY-MBR150 Datasheet
84Kb / 5P
   Schottky Rectifier, 1 A
Revision: 06-Nov-08
10MQ060-M3 VISHAY-10MQ060-M3 Datasheet
116Kb / 6P
   Schottky Rectifier, 1 A
Revision: 22-Aug-11
10MQ040-M3 VISHAY-10MQ040-M3 Datasheet
115Kb / 6P
   Schottky Rectifier, 1 A
Revision: 22-Aug-11
10MQ100-M3 VISHAY-10MQ100-M3 Datasheet
122Kb / 6P
   Schottky Rectifier, 1 A
Revision: 10-Aug-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com