Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10BQ100 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 10BQ100
Description  Schottky Rectifier, 1 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

10BQ100 Datasheet(HTML) 3 Page - Vishay Siliconix

  10BQ100 Datasheet HTML 1Page - Vishay Siliconix 10BQ100 Datasheet HTML 2Page - Vishay Siliconix 10BQ100 Datasheet HTML 3Page - Vishay Siliconix 10BQ100 Datasheet HTML 4Page - Vishay Siliconix 10BQ100 Datasheet HTML 5Page - Vishay Siliconix 10BQ100 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 94114
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 15-Apr-08
3
10BQ100PbF
Schottky Rectifier, 1 A
Vishay High Power Products
Fig. 1 - Maximum Forward Voltage Drop Characteristics
Fig. 2 - Typical Peak Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics (Per Leg)
10
1
VFM - Forward Voltage Drop (V)
0.1
0.2
0.4
0.6
0.8
1.0
T
J = 25 °C
T
J = 175 °C
T
J = 125 °C
10
0.001
0.0001
VR - Reverse Voltage (V)
0
0.00001
100
80
0.01
0.1
20
40
60
1
T
J = 175 °C
T
J = 150 °C
T
J = 125 °C
T
J = 100 °C
T
J = 75 °C
T
J = 50 °C
T
J = 25 °C
100
VR - Reverse Voltage (V)
0
10
100
20
40
60
T
J = 25 °C
80
t1 - Rectangular Pulse Duration (s)
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
100
Single pulse
(thermal resistance)
.
.
P
DM
t
1
t
2
Notes:
1. Duty factor D = t
1/t2
2. Peak T
J = PDM x ZthJC + TC
D = 0.75
D = 0.33
D = 0.25
D = 0.20
D = 0.50


Similar Part No. - 10BQ100

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10BQ100 IRF-10BQ100 Datasheet
250Kb / 4P
   SCHOTTKY RECTIFIER, 1Amp
logo
Microsemi Corporation
10BQ100 MICROSEMI-10BQ100 Datasheet
94Kb / 2P
   1 Amp Schottky Rectifier
logo
International Rectifier
10BQ100 IRF-10BQ100 Datasheet
123Kb / 7P
   SCHOTTKY RECTIFIER 1 Amp
logo
Sangdest Microelectroni...
10BQ100 SMC-10BQ100 Datasheet
181Kb / 6P
   SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
10BQ100 SMCDIODE-10BQ100 Datasheet
300Kb / 4P
   10BQ100 SCHOTTKY RECTIFIER
Rev. A
More results

Similar Description - 10BQ100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-MBR1100 VISHAY-VS-MBR1100 Datasheet
116Kb / 6P
   Schottky Rectifier, 1 A
Revision: 21-Sep-11
MBR1100 VISHAY-MBR1100 Datasheet
82Kb / 5P
   Schottky Rectifier, 1 A
Revision: 06-Nov-08
VS-10BQ100PBF VISHAY-VS-10BQ100PBF Datasheet
113Kb / 7P
   Schottky Rectifier, 1 A
Revision: 03-Mar-10
10BQ100PBF VISHAY-10BQ100PBF_10 Datasheet
114Kb / 7P
   Schottky Rectifier, 1 A
Revision: 03-Mar-10
MBR150 VISHAY-MBR150_12 Datasheet
120Kb / 6P
   Schottky Rectifier, 1 A
Revision: 20-Sep-11
MBR1100 VISHAY-MBR1100_12 Datasheet
118Kb / 6P
   Schottky Rectifier, 1 A
Revision: 21-Sep-11
10BQ100M VISHAY-10BQ100M Datasheet
111Kb / 6P
   Schottky Rectifier, 1 A
Revision: 29-May-12
MBR150 VISHAY-MBR150 Datasheet
84Kb / 5P
   Schottky Rectifier, 1 A
Revision: 06-Nov-08
10MQ060-M3 VISHAY-10MQ060-M3 Datasheet
116Kb / 6P
   Schottky Rectifier, 1 A
Revision: 22-Aug-11
10MQ040-M3 VISHAY-10MQ040-M3 Datasheet
115Kb / 6P
   Schottky Rectifier, 1 A
Revision: 22-Aug-11
10MQ100-M3 VISHAY-10MQ100-M3 Datasheet
122Kb / 6P
   Schottky Rectifier, 1 A
Revision: 10-Aug-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com