Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA25TB60 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # HFA25TB60
Description  Ultrafast Soft Recovery Diode, 25 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HFA25TB60 Datasheet(HTML) 1 Page - Vishay Siliconix

  HFA25TB60 Datasheet HTML 1Page - Vishay Siliconix HFA25TB60 Datasheet HTML 2Page - Vishay Siliconix HFA25TB60 Datasheet HTML 3Page - Vishay Siliconix HFA25TB60 Datasheet HTML 4Page - Vishay Siliconix HFA25TB60 Datasheet HTML 5Page - Vishay Siliconix HFA25TB60 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 93085
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 30-Jul-08
1
HEXFRED®
Ultrafast Soft Recovery Diode, 25 A
HFA25TB60
Vishay High Power Products
FEATURES
• Ultrafast recovery
• Ultrasoft recovery
• Very low IRRM
• Very low Qrr
• Specified at operating conditions
• Designed and qualified for industrial level
BENEFITS
• Reduced RFI and EMI
• Reduced power loss in diode and switching transistor
• Higher frequency operation
• Reduced snubbing
• Reduced parts count
DESCRIPTION
HFA25TB60 is a state of the art ultrafast recovery diode.
Employing the latest in epitaxial construction and advanced
processing techniques it features a superb combination of
characteristics which result in performance which is
unsurpassed by any rectifier previously available. With basic
ratings of 600 V and 25 A continuous current, the
HFA25TB60 is especially well suited for use as the
companion diode for IGBTs and MOSFETs. In addition to
ultrafast recovery time, the HEXFRED® product line features
extremely low values of peak recovery current (IRRM) and
does not exhibit any tendency to “snap-off” during the
tb portion of recovery. The HEXFRED features combine to
offer designers a rectifier with lower noise and significantly
lower switching losses in both the diode and the switching
transistor. These HEXFRED advantages can help to
significantly
reduce
snubbing,
component
count
and
heatsink sizes. The HEXFRED HFA25TB60 is ideally suited
for applications in power supplies and power conversion
systems (such as inverters), motor drives, and many other
similar applications where high speed, high efficiency is
needed.
PRODUCT SUMMARY
VR
600 V
VF at 25 A at 25 °C
1.7 V
IF(AV)
25 A
trr (typical)
23 ns
TJ (maximum)
150 °C
Qrr (typical)
112 nC
dI(rec)M/dt (typical)
250 A/µs
IRRM
10 A
TO-220AC
Anode
1
3
Cathode
Base
cathode
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Cathode to anode voltage
VR
600
V
Maximum continuous forward current
IF
TC = 100 °C
25
A
Single pulse forward current
IFSM
225
Maximum repetitive forward current
IFRM
100
Maximum power dissipation
PD
TC = 25 °C
125
W
TC = 100 °C
50
Operating junction and storage temperature range
TJ, TStg
- 55 to + 150
°C


Similar Part No. - HFA25TB60

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA25TB60 IRF-HFA25TB60 Datasheet
263Kb / 6P
   Ultrafast, Soft Recovery Diode
logo
InterFET Corporation
HFA25TB60 INTERFET-HFA25TB60 Datasheet
189Kb / 6P
   Ultrafast, Soft Recovery Diode
logo
International Rectifier
HFA25TB60PBF IRF-HFA25TB60PBF Datasheet
200Kb / 6P
   Ultrasfast, Soft Recovery Diode
logo
Vishay Siliconix
HFA25TB60PBF VISHAY-HFA25TB60PBF Datasheet
186Kb / 6P
   Ultrafast Soft Recovery Diode, 25 A
Revision: 25-Jul-08
HFA25TB60PBF VISHAY-HFA25TB60PBF Datasheet
202Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 25 A
Revision: 24-May-11
More results

Similar Description - HFA25TB60

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA25TB60S VISHAY-HFA25TB60S Datasheet
176Kb / 6P
   Ultrafast Soft Recovery Diode, 25 A
Revision: 22-Oct-08
HFA25PB60PBF VISHAY-HFA25PB60PBF Datasheet
638Kb / 7P
   Ultrafast Soft Recovery Diode, 25 A
Revision: 25-Jul-08
HFA25TB60SPBF VISHAY-HFA25TB60SPBF Datasheet
179Kb / 6P
   Ultrafast Soft Recovery Diode, 25 A
Revision: 22-Oct-08
HFA25PB60 VISHAY-HFA25PB60 Datasheet
203Kb / 7P
   Ultrafast Soft Recovery Diode, 25 A
Revision: 30-Jul-08
HFA25TB60PBF VISHAY-HFA25TB60PBF Datasheet
186Kb / 6P
   Ultrafast Soft Recovery Diode, 25 A
Revision: 25-Jul-08
VS-HFA25TB60-M3 VISHAY-VS-HFA25TB60-M3 Datasheet
198Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 25 A
Revision: 23-Nov-17
HFA25PB60PBF VISHAY-HFA25PB60PBF_11 Datasheet
189Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 25 A
Revision: 23-May-11
VSHFA25TB60HN3 VISHAY-VSHFA25TB60HN3 Datasheet
214Kb / 8P
   HEXFRED® Ultrafast Soft Recovery Diode, 25 A
Revision: 06-Jun-2018
VS-HFA25TB60-M3 VISHAY-VS-HFA25TB60-M3_V01 Datasheet
211Kb / 7P
   HEXFRED짰 Ultrafast Soft Recovery Diode, 25 A
01-Jan-2022
VS-HFA25TB60S-M3 VISHAY-VS-HFA25TB60S-M3_V01 Datasheet
210Kb / 8P
   HEXFRED짰 Ultrafast Soft Recovery Diode, 25 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com