Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12TTS08STRLPBF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 12TTS08STRLPBF
Description  Phase Control SCR, 8 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

12TTS08STRLPBF Datasheet(HTML) 6 Page - Vishay Siliconix

  12TTS08STRLPBF Datasheet HTML 1Page - Vishay Siliconix 12TTS08STRLPBF Datasheet HTML 2Page - Vishay Siliconix 12TTS08STRLPBF Datasheet HTML 3Page - Vishay Siliconix 12TTS08STRLPBF Datasheet HTML 4Page - Vishay Siliconix 12TTS08STRLPBF Datasheet HTML 5Page - Vishay Siliconix 12TTS08STRLPBF Datasheet HTML 6Page - Vishay Siliconix 12TTS08STRLPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94499
6
Revision: 06-Jun-08
12TTS08SPbF High Voltage Series
Vishay High Power Products Phase Control SCR, 8 A
ORDERING INFORMATION TABLE
1
-
Current rating (12.5 A)
2
-
Circuit configuration:
3
-
Package:
4
5
-
Voltage rating (08 = 800 V)
T = Single thyristor
-
Type of silicon:
T = TO-220AC
S = Standard recovery rectifier
8
-
None = Standard production
PbF = Lead (Pb)-free
6
-
S = TO-220 D2PAK (SMD-220) version
7
-
None = Tube
TRL = Tape and reel (left oriented)
TRR = Tape and reel (right oriented)
Device code
5
13
24
67
8
12
T
T
S
08
S
TRL PbF
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95046
Part marking information
http://www.vishay.com/doc?95054
Packaging information
http://www.vishay.com/doc?95032


Similar Part No. - 12TTS08STRLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
12TTS08STRL VISHAY-12TTS08STRL Datasheet
139Kb / 7P
   Phase Control SCR, 8 A
Revision: 19-Aug-08
More results

Similar Description - 12TTS08STRLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
12TTS08SPBF VISHAY-12TTS08SPBF_10 Datasheet
618Kb / 7P
   Phase Control SCR, 8 A
Revision: 08-Jun-10
12TTS08S VISHAY-12TTS08S Datasheet
139Kb / 7P
   Phase Control SCR, 8 A
Revision: 19-Aug-08
VS-12TTS08S-M3 VISHAY-VS-12TTS08S-M3 Datasheet
174Kb / 7P
   Thyristor Surface Mount, Phase Control SCR, 8 A
Revision: 09-Jul-15
VS-12TTS08SPBF VISHAY-VS-12TTS08SPBF Datasheet
150Kb / 7P
   Thyristor Surface Mount, Phase Control SCR, 8 A
08-Feb-17
VS-12TTS08S-M3 VISHAY-VS-12TTS08S-M3_V01 Datasheet
188Kb / 7P
   Thyristor Surface Mount, Phase Control SCR, 8 A
01-Jan-2022
VS-12TTS08SLHM3 VISHAY-VS-12TTS08SLHM3 Datasheet
192Kb / 8P
   Thyristor Surface Mount, Phase Control SCR, 8 A
Revision: 22-Feb-18
VS-12TTS08SLHM3 VISHAY-VS-12TTS08SLHM3_V01 Datasheet
172Kb / 7P
   Thyristor Surface Mount, Phase Control SCR, 8 A
01-Jan-2022
10TTS08 VISHAY-10TTS08 Datasheet
131Kb / 6P
   Phase Control SCR, 10 A
Revision: 19-Jun-08
40TPS12A VISHAY-40TPS12A Datasheet
145Kb / 7P
   Phase Control SCR, 35 A
Revision: 12-Sep-08
70TPS VISHAY-70TPS Datasheet
97Kb / 7P
   Phase Control SCR, 70 A
Revision: 02-Jun-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com