Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12TTS08STRR Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 12TTS08STRR
Description  Phase Control SCR, 8 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

12TTS08STRR Datasheet(HTML) 3 Page - Vishay Siliconix

  12TTS08STRR Datasheet HTML 1Page - Vishay Siliconix 12TTS08STRR Datasheet HTML 2Page - Vishay Siliconix 12TTS08STRR Datasheet HTML 3Page - Vishay Siliconix 12TTS08STRR Datasheet HTML 4Page - Vishay Siliconix 12TTS08STRR Datasheet HTML 5Page - Vishay Siliconix 12TTS08STRR Datasheet HTML 6Page - Vishay Siliconix 12TTS08STRR Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 93442
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 19-Aug-08
3
12TTS08S High Voltage Series
Phase Control SCR, 8 A
Vishay High Power Products
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and storage
temperature range
TJ, TStg
- 40 to 125
°C
Maximum thermal resistance,
junction to case
RthJC
DC operation
1.5
°C/W
Maximum thermal resistance,
junction to ambient
RthJA
62
Typical thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth and greased
0.5
Approximate weight
2g
0.07
oz.
Mounting torque
minimum
6 (5)
kgf
⋅ cm
(lbf
⋅ in)
maximum
12 (10)
Marking device
Case style D2PAK (SMD-220)
12TTS08S


Similar Part No. - 12TTS08STRR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
12TTS08STRRPBF VISHAY-12TTS08STRRPBF Datasheet
139Kb / 7P
   Phase Control SCR, 8 A
Revision: 06-Jun-08
More results

Similar Description - 12TTS08STRR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
12TTS08SPBF VISHAY-12TTS08SPBF Datasheet
139Kb / 7P
   Phase Control SCR, 8 A
Revision: 06-Jun-08
12TTS08SPBF VISHAY-12TTS08SPBF_10 Datasheet
618Kb / 7P
   Phase Control SCR, 8 A
Revision: 08-Jun-10
VS-12TTS08S-M3 VISHAY-VS-12TTS08S-M3 Datasheet
174Kb / 7P
   Thyristor Surface Mount, Phase Control SCR, 8 A
Revision: 09-Jul-15
VS-12TTS08SPBF VISHAY-VS-12TTS08SPBF Datasheet
150Kb / 7P
   Thyristor Surface Mount, Phase Control SCR, 8 A
08-Feb-17
VS-12TTS08S-M3 VISHAY-VS-12TTS08S-M3_V01 Datasheet
188Kb / 7P
   Thyristor Surface Mount, Phase Control SCR, 8 A
01-Jan-2022
VS-12TTS08SLHM3 VISHAY-VS-12TTS08SLHM3 Datasheet
192Kb / 8P
   Thyristor Surface Mount, Phase Control SCR, 8 A
Revision: 22-Feb-18
VS-12TTS08SLHM3 VISHAY-VS-12TTS08SLHM3_V01 Datasheet
172Kb / 7P
   Thyristor Surface Mount, Phase Control SCR, 8 A
01-Jan-2022
10TTS08 VISHAY-10TTS08 Datasheet
131Kb / 6P
   Phase Control SCR, 10 A
Revision: 19-Jun-08
40TPS12A VISHAY-40TPS12A Datasheet
145Kb / 7P
   Phase Control SCR, 35 A
Revision: 12-Sep-08
70TPS VISHAY-70TPS Datasheet
97Kb / 7P
   Phase Control SCR, 70 A
Revision: 02-Jun-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com