Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XO61ETFA604M Datasheet(PDF) 2 Page - Vishay Siliconix

Part # XO61ETFA604M
Description  Surface Mount Oscillators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

XO61ETFA604M Datasheet(HTML) 2 Page - Vishay Siliconix

  XO61ETFA604M Datasheet HTML 1Page - Vishay Siliconix XO61ETFA604M Datasheet HTML 2Page - Vishay Siliconix XO61ETFA604M Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
For technical questions contact: frequency@vishay.com
Document Number: 35059
40
Revision: 05-Mar-07
XOSM-531
Vishay Dale
Surface Mount Oscillators
GLOBAL PART NUMBERING
XO
5
2
C
T
E
L
N
A
4
0
M
MODEL NUMBER
FREQUENCY
STABILITY
OPERATING
TEMPERATURE
(OTR)
ENABLE/
DISABLE
PACKAGE
CODE
OPTIONS
FREQUENCY
XO53 = XO-53
XO54 = XO-54
XO34 = XO-543
XO52 = XO-52
XO32 = XO-523
XO56 = XO-56
XOVC = XOVC-23
XO5M = XOSM-52
XO63 = XOSM-533
XO62 = XOSM-532
XO61 = XOSM-531
XO57 = XOSM-57
XO37 = XOSM-573
XO27 = XOSM-572
XO17 = XOSM-571
XO55 = XOSM-55
XO35 = XOSM-553
C = 0.01 %
(100 ppm)
D = 0.005 %
(50 ppm)
E = 0.0025 %
(25 ppm)
T = 0 °C to + 70 °C
R = - 40 °C to + 85 °C
F = Pin 1 Open
E = Disable to
Tristate
TAPE AND
REEL
H = RF7
BULK
A = B04
(XO63, XO62,
XO61)
C = D06
(XO57, XO37,
XO27, XO17)
D = D07
(XO53, XO54,
XO34, XO56,
XOVC, XO55,
XO35)
L = D08
(XO52, XO32,
XO5M)
NA = No
Additional
Options
60 = 45/55
Symmetry
Contact
factory for
all other
options
4M = 4 MHz
40M = 40 MHz
100M = 100 MHz
12M288 = 12.288 MHz
M is used as
decimal place
holder in frequency
Example: XO52CTELNA40M


Similar Part No. - XO61ETFA604M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XO61ETFH604M VISHAY-XO61ETFH604M Datasheet
90Kb / 3P
   Half Size Clock Oscillators Enable/Disable
Revision: 05-Mar-07
XO61ETFHNA4M VISHAY-XO61ETFHNA4M Datasheet
90Kb / 3P
   Half Size Clock Oscillators Enable/Disable
Revision: 05-Mar-07
More results

Similar Description - XO61ETFA604M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XOSM-532 VISHAY-XOSM-532_V01 Datasheet
81Kb / 3P
   Surface Mount Oscillators
01-Jan-2022
logo
EUROQUARTZ limited
XO95 EUROQUARTZ-XO95 Datasheet
68Kb / 1P
   SURFACE-MOUNT OSCILLATORS
XO90 EUROQUARTZ-XO90 Datasheet
70Kb / 1P
   SURFACE-MOUNT OSCILLATORS
logo
Vishay Siliconix
XOSM-57 VISHAY-XOSM-57_V01 Datasheet
84Kb / 3P
   Surface Mount Oscillators
01-Jan-2022
XOSM-572 VISHAY-XOSM-572_V01 Datasheet
89Kb / 3P
   Surface Mount Oscillators
01-Jan-2022
XOSM-573 VISHAY-XOSM-573_V01 Datasheet
84Kb / 3P
   Surface Mount Oscillators
01-Jan-2022
logo
Raltron Electronics Cor...
CO48 RALTRON-CO48 Datasheet
161Kb / 1P
   SURFACE MOUNT CLOCK OSCILLATORS
CO418 RALTRON-CO418 Datasheet
446Kb / 1P
   SURFACE MOUNT CLOCK OSCILLATORS
logo
Connor-Winfield Corpora...
HSM316 CONNOR-WINFIELD-HSM316 Datasheet
143Kb / 2P
   HCMO SURFACE MOUNT OSCILLATORS
HSM59 CONNOR-WINFIELD-HSM59 Datasheet
151Kb / 2P
   HCMOS SURFACE MOUNT OSCILLATORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com