Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XT57C Datasheet(PDF) 1 Page - Vishay Siliconix

Part # XT57C
Description  Quartz Crystals
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

XT57C Datasheet(HTML) 1 Page - Vishay Siliconix

  XT57C_07 Datasheet HTML 1Page - Vishay Siliconix XT57C_07 Datasheet HTML 2Page - Vishay Siliconix XT57C_07 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 35013
For technical questions contact: frequency@vishay.com
www.vishay.com
Revision: 18-Oct-07
17
Quartz Crystals
XT57C
Vishay Dale
The XT57C is a miniature SMD crystal with 7.0 x 5.0 ceramic
package and a height of 1.1 mm max. 9.8304 MHz to 100 MHz
frequency makes It widely applied in notebook computer,
PCMCIA and communication equipment.
FEATURES
• Miniature size
• 1.1 mm height
• Wide frequency range
• Seam sealing
• Emboss taping
• 100 % Lead (Pb)-free and RoHS compliant
DIMENSIONS in inches [millimeters]
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
CONDITION
UNIT
MIN
TYPICAL
MAX
Frequency Range
FO
MHz
9.8304
100.000
Frequency Tolerance
ΔF/F
O
at 25 °C
ppm
± 10
± 30
± 50
Temperature Stability
TC
ref to 25 °C
ppm
± 10
± 30
± 50
Operating Temperature Range
TOPR
°C
- 10
+ 60
Storage Temperature Range
TSTG
°C
- 40
+ 85
Shunt Capacitance
CO
pF
7
Load Capacitance
CL
Customer Specified
pF
10
Series
Insulator Resistance
IR
100 VDC
M
Ω
500
Drive Level
DL
µW
100
300
Aging
Fa
at 25 °C, per year
ppm
-5.0
+ 5.0
EQUIVALENT SERIES RESISTANCE (ESR) AND MODE OF VIBRATION (MODE)
FREQUENCY RANGE (MHz)
MAX ESR (
Ω)MODE
9.8304 to 15.999
60
Fundamental
16.000 to 39.999
40
Fundamental
40.000 to 83.999
60
3rd Overtone
84.000 to 100.000
80
3rd Overtone
0.276 ± 0.006
[7.00 ± 0.15]
0.181 ± 0.005
[4.60 ± 0.13]
0.055
[1.4]
0.043
[1.1 max]
0.061 ± 0.005
[1.54 ± 0.13]
0.197 ± 0.006
[5.0 ± 0.15]
RECOMMENDED SOLDER PATTERN
MARKING
AREA
0.039 ± 0.005
[1.0 ± 0.13]
12
43
0.047
[1.20]
0.087
[2.2]
0.157
[4.0]
0.043 [1.1]
Note: Pin#2 and #4 are connected through
cover, in case connected to GND.
frequency might be drifted
0.055
[1.4]
0.087
[2.2]
ORDERING INFORMATION
XT57C
MODEL
-20
LOAD
Blank = Series
20 = 20 pF
32 = 32 pF
16 = 16 pF
25 M
FREQUENCY/MHz
e4
JEDEC LEAD (Pb)-FREE
STANDARD
GLOBAL PART NUMBER
MODEL
LOAD
PACKAGE CODE
FREQUENCY
X
T
5
7
2
0
A
2
5
M
RoHS
COMPLIANT


Similar Part No. - XT57C_07

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XT57C-16 VISHAY-XT57C-16 Datasheet
32Kb / 1P
   Quartz Crystals
Revision 05-Jan-00
XT57C-20 VISHAY-XT57C-20 Datasheet
32Kb / 1P
   Quartz Crystals
Revision 05-Jan-00
XT57C-32 VISHAY-XT57C-32 Datasheet
32Kb / 1P
   Quartz Crystals
Revision 05-Jan-00
More results

Similar Description - XT57C_07

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XT57C VISHAY-XT57C Datasheet
32Kb / 1P
   Quartz Crystals
Revision 05-Jan-00
logo
Oscilent Corporation
QC-153 OSCILENT-QC-153 Datasheet
148Kb / 3P
   Quartz Crystals
logo
EUROQUARTZ limited
HFF EUROQUARTZ-HFF Datasheet
143Kb / 1P
   QUARTZ CRYSTALS
logo
ECS, Inc.
UM-1_UM-5_UM-4R ECS-UM-1_UM-5_UM-4R Datasheet
349Kb / 1P
   QUARTZ CRYSTALS
logo
Vishay Siliconix
XT23 VISHAY-XT23 Datasheet
76Kb / 3P
   Quartz Crystals
Revision: 09-May-11
XT35 VISHAY-XT35 Datasheet
80Kb / 3P
   Quartz Crystals
Revision: 09-May-11
logo
ECS, Inc.
UM-1 ECS-UM-1 Datasheet
455Kb / 1P
   QUARTZ CRYSTALS
logo
Vishay Siliconix
XT23 VISHAY-XT23_V01 Datasheet
76Kb / 3P
   Quartz Crystals
01-Jan-2022
XT35 VISHAY-XT35_V01 Datasheet
83Kb / 3P
   Quartz Crystals
01-Jan-2022
logo
List of Unclassifed Man...
HC49153020SR3RDBUT ETC2-HC49153020SR3RDBUT Datasheet
224Kb / 31P
   SPECIFYING QUARTZ CRYSTALS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com